Zakładka z wyszukiwarką danych komponentów |
|
AD9214BRS-65 Arkusz danych(PDF) 2 Page - Analog Devices |
|
AD9214BRS-65 Arkusz danych(HTML) 2 Page - Analog Devices |
2 / 20 page REV. D –2– AD9214–SPECIFICATIONS DC SPECIFICATIONS Test AD9214-65 AD9214-80 AD9214-105 Parameter Temp Level Min Typ Max Min Typ Max Min Typ Max Unit RESOLUTION 10 10 10 Bits ACCURACY No Missing Codes 25 °C VI Guaranteed Guaranteed Guaranteed Full VI Guaranteed Guaranteed Offset Error Full VI –18 0 +18 –18 0 +18 –18 0 +18 LSB Gain Error 1 25 °C I –2 +8 –2 +8 –2 +8 % FS Differential Nonlinearity 2 25 °C I –1.0 ±0.5 +1.0 –1.0 ±0.5 +1.2 –1.0 ±0.8 +1.5 LSB (DNL) Full V –1.0 +1.2 –1.0 +1.4 +1.7 LSB Integral Nonlinearity 2 25 °C I –1.35 ±0.75 +1.35 –1.5 ±0.75 +1.5 –2.2 ±1.5 +2.2 LSB (INL) Full V –1.9 +1.9 –1.8 +1.8 –2.5 +2.5 LSB TEMPERATURE DRIFT Offset Error Full V 16 16 16 ppm/ °C Gain Error 1 Full V 150 150 150 ppm/ °C Reference Voltage Full V 80 80 80 ppm/ °C REFERENCE (REF) Internal Reference Voltage 25 °C VI 1.18 1.23 1.28 1.18 1.23 1.28 1.18 1.23 1.28 V Output Current 3 Full V 200 200 200 µA Input Current4 Full V 123 123 123 µA Input Resistance Full V 10 10 10 k Ω ANALOG INPUTS (AIN, A IN) Differential Input Range Full V 1 or 2 1 or 2 1 or 2 V p-p Common-Mode Voltage Full V AVDD/3 AVDD/3 AVDD/3 V Differential Input Resistance 5 Full V 20 20 20 k Ω Differential Input Capacitance Full V 5 5 5 pF POWER SUPPLY Supply Voltages AVDD Full IV 2.7 3.6 2.7 3.6 2.7 3.6 V DrVDD Full IV 2.7 3.6 2.7 3.6 2.7 3.6 V Supply Current IAVDD (AVDD = 3.0 V) 6 Full VI 64 75 90 105 95 110 mA Power-Down Current 7 IAVDD (AVDD = 3.0 V) Full VI 10 15 10 15 10 15 mA Power Consumption8 Full VI 190 220 250 300 285 325 mW PSRR 25 °CI ±0.5 ±1 ±1 LSB/V Full V ±2 ±2 ±2 mV/V NOTES 1Gain error and gain temperature coefficient are based on the ADC only (with a fixed 1.25 V external reference). 2Measured with 1 V A IN range for AD9214-80 and AD9214-105. Measured with 2 V A IN range for AD9214-65. 3REFSENSE externally connected to AGND, REF is configured as an output for the internal reference voltage. 4REFSENSE externally connected to AV DD, REF is configured as an input for an external reference voltage. 510 k Ω to AV DD/3 on each input. 6I AVDD is measured with an analog input of 10.3 MHz, 0.5 dBFS, sine wave, rated encode rate, and PWRDN = 0. See Typical Performance Characteristics and Applications section for IDrVDD. 7Power-down supply currents measured with PWRDN = 1; rated encode rate, A IN = full-scale dc input. 8Power consumption measured with A IN = full-scale dc input. Specifications subject to change without notice. (AVDD = 3 V, DrVDD = 3 V; TMIN = –40 C, TMAX = +85 C; external 1.25 V voltage reference and rated encode frequency used, unless otherwise noted.) |
Podobny numer części - AD9214BRS-65 |
|
Podobny opis - AD9214BRS-65 |