Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9214-65PCB Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD9214-65PCB
Szczegółowy opis  10-Bit, 65/80/105 MSPS 3 V A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9214-65PCB Arkusz danych(HTML) 3 Page - Analog Devices

  AD9214-65PCB Datasheet HTML 1Page - Analog Devices AD9214-65PCB Datasheet HTML 2Page - Analog Devices AD9214-65PCB Datasheet HTML 3Page - Analog Devices AD9214-65PCB Datasheet HTML 4Page - Analog Devices AD9214-65PCB Datasheet HTML 5Page - Analog Devices AD9214-65PCB Datasheet HTML 6Page - Analog Devices AD9214-65PCB Datasheet HTML 7Page - Analog Devices AD9214-65PCB Datasheet HTML 8Page - Analog Devices AD9214-65PCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
REV. D
–3–
AD9214
DIGITAL SPECIFICATIONS
Test
AD9214-65
AD9214-80
AD9214-105
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
DIGITAL INPUTS
1
Logic “1” Voltage
Full
IV
2.0
2.0
2.0
V
Logic “0” Voltage
Full
IV
0.8
0.8
0.8
V
Input Capacitance
Full
V
2.0
2.0
2.0
pF
DIGITAL OUTPUTS2
Logic Compatibility
CMOS/TTL
CMOS/TTL
CMOS/TTL
V
Logic “1” Voltage
Full
VI
DrVDD – 50 mV
DrVDD – 50 mV
DrVDD – 50 mV
V
Logic “0” Voltage
Full
VI
50
50
50
mV
NOTES
1Digital Inputs include ENCODE and PWRDN.
2Digital Outputs include D0–D9 and OR.
Specifications subject to change without notice.
AC SPECIFICATIONS1
Test
AD9214-65
AD9214-80
AD9214-105
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
SNR
Analog Input
10 MHz
25
°C
I
55.5
58.3
56.0
58.1
51.0
53.0
dB
@ –0.5 dBFS 39 MHz
25
°C
I
57.1
55.0
57.1
50.5
53.0
dB
51 MHz
25
°C
V
55.0
53.0
dB
70 MHz
25
°C
V
54.0
52.6
dB
SINAD
Analog Input
10 MHz
25
°C
I
55.0
57.8
55.5
57.6
50.0
52.0
dB
@ –0.5 dBFS 39 MHz
25
°C
I
56.7
54.5
56.7
50.0
52.0
dB
51 MHz
25
°C
V
54.5
52.0
dB
70 MHz
25
°C
V
52.0
dB
EFFECTIVE NUMBER OF BITS
Analog Input
10 MHz
25
°C
I
8.9
9.3
9.0
9.3
8.4
Bit
@ –0.5 dBFS 39 MHz
25
°C
I
9.2
8.8
9.2
8.4
Bit
51 MHz
25
°C
V
8.8
8.4
Bit
70 MHz
25
°C
V
8.5
8.4
Bit
SECOND HARMONIC DISTORTION
Analog Input
10 MHz
25
°C
I
–66
–79
–64
–74
–62
–68
dBc
@ –0.5 dBFS 39 MHz
25
°C
I
–75
–63
–76
–62
–71
dBc
51 MHz
25
°C
V
–72
–64
dBc
70 MHz
25
°C
V
–65
–62
dBc
THIRD HARMONIC DISTORTION
Analog Input
10 MHz
25
°C
I
–63.5
–71
–63
–72
–59
–64
dBc
@ –0.5 dBFS 39 MHz
25
°C
I
–70
–63
–74
–59
–67
dBc
51 MHz
25
°C
V
–78
–71
dBc
70 MHz
25
°C
V
–65
dBc
SFDR
Analog Input
10 MHz
25
°C
I
63.5
71
63
71
57
62
dBc
@ –0.5 dBFS 39 MHz
25
°C
I
70
63
71
57
62
dBc
51 MHz
25
°C
V
67
62
dBc
70 MHz
25
°C
V
64
62
dBc
TWO-TONE INTERMOD DISTORTION
2
Analog Input
@ –0.5 dBFS
25
°C
V
76
74
72
dBFS
ANALOG INPUT BANDWIDTH
25
°C
V
300
300
300
MHz
NOTES
1AC specifications based on a 1.0 V p-p full-scale input range for the AD9214-80 and AD9214-105, and a 2.0 V p-p full-scale input range for the AD9214-65. An
external reference is used.
2F1 = 29.3 MHz, F2 = 30.3 MHz.
Specifications subject to change without notice.
(AVDD = 3 V, DrVDD = 3 V; ENCODE = Maximum Conversion Rate; TMIN = –40 C, TMAX = +85 C; external
1.25 V voltage reference used, unless otherwise noted.)
(AVDD = 3 V, DrVDD = 3 V; TMIN = –40 C, TMAX = +85 C)


Podobny numer części - AD9214-65PCB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9214-65PCB AD-AD9214-65PCB Datasheet
447Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
More results

Podobny opis - AD9214-65PCB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9215 AD-AD9215_13 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9215 AD-AD9215_15 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9214 AD-AD9214 Datasheet
447Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
AD9218 AD-AD9218 Datasheet
1Mb / 24P
   10-Bit, 40/65/80/105 MSPS 3 V Dual A/D Converter
REV. 0
AD9216 AD-AD9216 Datasheet
287Kb / 20P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. PrD_6/15/2004
AD9216 AD-AD9216_15 Datasheet
2Mb / 40P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
REV. A
AD9215 AD-AD9215 Datasheet
1Mb / 36P
   10-Bit, 65/80/105 MSPS, 3V A/D Converter
REV. A
AD9216 AD-AD9216_17 Datasheet
1Mb / 41P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
logo
National Semiconductor ...
ADC14C065 NSC-ADC14C065 Datasheet
614Kb / 17P
   14-Bit, 65/80/95/105 MSPS A/D Converter
logo
Hittite Microwave Corpo...
HMCAD1040-80 HITTITE-HMCAD1040-80 Datasheet
923Kb / 14P
   Dual 10-Bit 65/80 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL