Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP715 Arkusz danych(PDF) 4 Page - Toshiba Semiconductor

Numer części TLP715
Szczegółowy opis  TOSHIBA PHOTOCOUPLER GaA As IRED & PHOTO-IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP715 Arkusz danych(HTML) 4 Page - Toshiba Semiconductor

  TLP715 Datasheet HTML 1Page - Toshiba Semiconductor TLP715 Datasheet HTML 2Page - Toshiba Semiconductor TLP715 Datasheet HTML 3Page - Toshiba Semiconductor TLP715 Datasheet HTML 4Page - Toshiba Semiconductor TLP715 Datasheet HTML 5Page - Toshiba Semiconductor TLP715 Datasheet HTML 6Page - Toshiba Semiconductor TLP715 Datasheet HTML 7Page - Toshiba Semiconductor TLP715 Datasheet HTML 8Page - Toshiba Semiconductor TLP715 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TLP715
2012-12-19
4
Switching Characteristics
(Unless otherwise specified, Ta = −40 to 100
°C, Vcc = 4.5 to 20 V)
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
CONDITION
MIN
TYP. *
MAX
UNIT
Propagation delay time
to logic HIGH output
tpLH
IF = 0 → 3 mA
30
120
250
ns
Propagation delay time
to logic LOW output
tpHL
IF = 3 → 0 mA
30
120
250
ns
Switching time dispersion
between ON and OFF
|tpLH-
tpHL|
220
ns
Rise Time (10 – 90 %)
tr
IF = 0 → 3 mA, VCC = 5 V
30
ns
Fall Time (90 – 10 %)
tf
7,8
IF = 3 → 0 mA, VCC = 5 V
30
ns
Common-mode transient
Immunity at HIGH level output
CMH
VCM = 1000 Vp-p, IF = 5 mA,
VCC = 20 V, Ta = 25°C
10000
V/μs
Common-mode transient
Immunity at LOW level output
CML
9
VCM = 1000 Vp-p, IF = 0 mA,
VCC = 20 V, Ta = 25°C
−10000
V/μs
*All typical values are at Ta = 25
°C.
TEST CIRCUIT 1 : VOL
TEST CIRCUIT 2 : VOH
TEST CIRCUIT 3 : ICCL
TEST CIRCUIT 4 : ICCH
TEST CIRCUIT 5 : IOSL
TEST CIRCUIT 6 : IOSH
IF
Vcc
VCC
GND
SHIELD
0.1μF
VO
V
IOH
1
3
6
5
4
2
Vcc
VCC
GND
SHIELD
0.1μF
VOL
V
IOL
1
3
6
5
4
2
VF
Vcc
VCC
GND
SHIELD
ICCL
A
1
6
3
5
4
2
IF
VCC
GND
SHIELD
Vcc
ICCH
A
1
3
6
5
4
2
Vcc
VCC
GND
SHIELD
0.1μF
Vo
IOSL
A
1
3
6
5
4
2
IF
VCC
GND
SHIELD
0.1μF
Vcc
IOSH
A
Vo
1
3
6
5
4
2
3
6
5
4
2
0.1μF
0.1μF
VOH=VCC –VO [V]


Podobny numer części - TLP715

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP715 TOSHIBA-TLP715_14 Datasheet
292Kb / 9P
   Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
More results

Podobny opis - TLP715

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP118 TOSHIBA-TLP118 Datasheet
315Kb / 13P
   TOSHIBA PHOTOCOUPLER GaA As Ired & PHOTO-IC
TLP168J TOSHIBA-TLP168J_14 Datasheet
184Kb / 6P
   TOSHIBA Photocoupler GaA-As IRed & Photo-Triac
TLP750 TOSHIBA-TLP750 Datasheet
191Kb / 7P
   TOSHIBA Photocoupler GaA?밃s Ired Photo IC
TLP590B TOSHIBA-TLP590B_14 Datasheet
192Kb / 6P
   TOSHIBA Photocoupler GaA-As Ired & Photo?묭iode Array
TLP2530 TOSHIBA-TLP2530 Datasheet
183Kb / 8P
   TOSHIBA Photocoupler GaA?밃s Ired & Photo IC
TLP117 TOSHIBA-TLP117 Datasheet
223Kb / 7P
   TOSHIBA PHOTOCOUPLER GaA As LED & PHOTO-IC
TLP591B TOSHIBA-TLP591B_14 Datasheet
197Kb / 4P
   TOSHIBA Photocoupler GaA-As Ired and Photo?묭iode Array
TLP3914 TOSHIBA-TLP3914_14 Datasheet
265Kb / 7P
   TOSHIBA PHOTOCOUPLER GaA-As IRED and PHOTO?묭IODE ARRAY
TLP3924 TOSHIBA-TLP3924_14 Datasheet
246Kb / 5P
   TOSHIBA PHOTOCOUPLER GaA-As IRED and PHOTO?묭IODE ARRAY
TLP108 TOSHIBA-TLP108 Datasheet
271Kb / 6P
   PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com