Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP715 Arkusz danych(PDF) 5 Page - Toshiba Semiconductor

Numer części TLP715
Szczegółowy opis  TOSHIBA PHOTOCOUPLER GaA As IRED & PHOTO-IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP715 Arkusz danych(HTML) 5 Page - Toshiba Semiconductor

  TLP715 Datasheet HTML 1Page - Toshiba Semiconductor TLP715 Datasheet HTML 2Page - Toshiba Semiconductor TLP715 Datasheet HTML 3Page - Toshiba Semiconductor TLP715 Datasheet HTML 4Page - Toshiba Semiconductor TLP715 Datasheet HTML 5Page - Toshiba Semiconductor TLP715 Datasheet HTML 6Page - Toshiba Semiconductor TLP715 Datasheet HTML 7Page - Toshiba Semiconductor TLP715 Datasheet HTML 8Page - Toshiba Semiconductor TLP715 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TLP715
2012-12-19
5
TEST CIRCUIT 7: Switching Time Test Circuit
TEST CIRCUIT 8: Switching Time Test Circuit
TEST CIRCUIT 9: Common-Mode Transient Immunity Test Circuit
CMH (CML) is the maximum rate of rise (fall) of the common mode voltage that can be sustained with the
output voltage in the high (low) state.
0.1μF
Vo
Vcc
1
3
6
5
4
VCM
B
Vcc
GND
SHIELD
2
SW
A
IF
+
-
Vo
0.1μF
Vcc
IF
Vcc
GND
SHIELD
CL
Vcc
GND
SHIELD
Vo
0.1μF
CL
Vcc
IF
5V
620Ω
5kΩ
CL: stray capacitance of probe and wiring (to 15 pF)
IF=3 mA(P.G)
(f=50 kHz , duty=50%
less than tr = tf = 5ns )
CL: stray capacitance of probe and wiring (to 15 pF)
tp LH
IF
Vo
50%
VOL
VOH
tp HL
tr
tf
90%
10%
1.3V
1.3V
10%
90%
tp LH
IF
Vo
50%
VOL
VOH
tp HL
1.3V
1.3V
)
s
(
tr
)
V
(
L
CM
μ
=
800
)
s
(
tf
)
V
(
H
CM
μ
=
800
CML
CMH
VCM
Vo
90%
1000V
SW A : I F =5mA
SW B : I F =0mA
1V
17V
tr
tf
10%
IF=3 mA(P.G)
(f=50 kHz , duty=50%
less than tr = tf = 5ns )


Podobny numer części - TLP715

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP715 TOSHIBA-TLP715_14 Datasheet
292Kb / 9P
   Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
More results

Podobny opis - TLP715

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP118 TOSHIBA-TLP118 Datasheet
315Kb / 13P
   TOSHIBA PHOTOCOUPLER GaA As Ired & PHOTO-IC
TLP168J TOSHIBA-TLP168J_14 Datasheet
184Kb / 6P
   TOSHIBA Photocoupler GaA-As IRed & Photo-Triac
TLP750 TOSHIBA-TLP750 Datasheet
191Kb / 7P
   TOSHIBA Photocoupler GaA?밃s Ired Photo IC
TLP590B TOSHIBA-TLP590B_14 Datasheet
192Kb / 6P
   TOSHIBA Photocoupler GaA-As Ired & Photo?묭iode Array
TLP2530 TOSHIBA-TLP2530 Datasheet
183Kb / 8P
   TOSHIBA Photocoupler GaA?밃s Ired & Photo IC
TLP117 TOSHIBA-TLP117 Datasheet
223Kb / 7P
   TOSHIBA PHOTOCOUPLER GaA As LED & PHOTO-IC
TLP591B TOSHIBA-TLP591B_14 Datasheet
197Kb / 4P
   TOSHIBA Photocoupler GaA-As Ired and Photo?묭iode Array
TLP3914 TOSHIBA-TLP3914_14 Datasheet
265Kb / 7P
   TOSHIBA PHOTOCOUPLER GaA-As IRED and PHOTO?묭IODE ARRAY
TLP3924 TOSHIBA-TLP3924_14 Datasheet
246Kb / 5P
   TOSHIBA PHOTOCOUPLER GaA-As IRED and PHOTO?묭IODE ARRAY
TLP108 TOSHIBA-TLP108 Datasheet
271Kb / 6P
   PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com