Zakładka z wyszukiwarką danych komponentów |
|
TLP715 Arkusz danych(PDF) 6 Page - Toshiba Semiconductor |
|
TLP715 Arkusz danych(HTML) 6 Page - Toshiba Semiconductor |
6 / 9 page TLP715 2012-12-19 6 EN60747-5-5 Option:(D4) Types : TLP715, TLP715F Type designations for “option: (D4)”, which are tested under EN60747 requirements. Ex.: TLP715 (D4-TP,F) D4 : EN60747 option TP : Standard tape & reel type F : [[G]]/RoHS COMPATIBLE Note: Use TOSHIBA standard type number for safety standard application. Ex.: TLP715 (D4-TP,F) → TLP715 EN60747 Isolation Characteristics Description Symbol Rating Unit Application classification for rated mains voltage≤300Vrms for rated mains voltage≤600Vrms I-IV I-III — Climatic classification 40/ 100 / 21 — Pollution degree 2 — TLPxxx type 890 Maximum operating insulation voltage TLPxxxFtype VIORM 1140 Vpk TLPxxx type 1335 Input to output test voltage, method A Vpr=1.5×VIORM, type and sample test tp=10s, partial discharge<5pC TLPxxxFtype Vpr 1710 Vpk TLPxxx type 1670 Input to output test voltage, method B Vpr=1.875×VIORM, 100% production test tp=1s, partial discharge<5pC TLPxxxFtype Vpr 2140 Vpk Highest permissible overvoltage (transient overvoltage, tpr = 60s) VTR 8000 Vpk Safety limiting values (max. permissible ratings in case of fault, also refer to thermal derating curve) current (input current IF, Psi = 0) power (output or total power dissipation) temperature Isi Psi Tsi 300 700 150 mA mW ℃ Insulation resistance, input-output Rsi ≥ 10 12 ≥ 10 11 ≥ 10 9 Ω =500V, Ta=25°C =500V, Ta=100°C =500V, Ta=Tsi VIO VIO VIO |
Podobny numer części - TLP715 |
|
Podobny opis - TLP715 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |