Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP715 Arkusz danych(PDF) 7 Page - Toshiba Semiconductor

Numer części TLP715
Szczegółowy opis  TOSHIBA PHOTOCOUPLER GaA As IRED & PHOTO-IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP715 Arkusz danych(HTML) 7 Page - Toshiba Semiconductor

  TLP715 Datasheet HTML 1Page - Toshiba Semiconductor TLP715 Datasheet HTML 2Page - Toshiba Semiconductor TLP715 Datasheet HTML 3Page - Toshiba Semiconductor TLP715 Datasheet HTML 4Page - Toshiba Semiconductor TLP715 Datasheet HTML 5Page - Toshiba Semiconductor TLP715 Datasheet HTML 6Page - Toshiba Semiconductor TLP715 Datasheet HTML 7Page - Toshiba Semiconductor TLP715 Datasheet HTML 8Page - Toshiba Semiconductor TLP715 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TLP715
2012-12-19
7
Insulation Related Specifications
1.If a printed circuit is incorporated, the creepage distance and clearance may be reduced below this
value. (e.g.at a standard distance between soldering eye centres of 7.5mm). If this is not permissible,
the user shall take suitable measures.
2.This photocoupler is suitable for ‘safe electrical isolation’ only within the safety limit data.
Maintenance of the safety data shall be ensured by means of protective circuits.
Marking on product for EN60747
Option:(D4)
Marking Example:
7.62mm pitch
TLPxxx type
10.16mm pitch
TLPxxxF type
Minimum creepage distance
Cr
7.0mm
8.0mm
Minimum clearance
Cl
7.0mm
8.0mm
Minimum insulation thickness
ti
0.4mm
Comperative tracking index
CTI
175
4
Lot.Code
4
Mark for option(D4)
6
4
3
1
1pin indication
Type name without “TL”
P715


Podobny numer części - TLP715

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP715 TOSHIBA-TLP715_14 Datasheet
292Kb / 9P
   Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
More results

Podobny opis - TLP715

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP118 TOSHIBA-TLP118 Datasheet
315Kb / 13P
   TOSHIBA PHOTOCOUPLER GaA As Ired & PHOTO-IC
TLP168J TOSHIBA-TLP168J_14 Datasheet
184Kb / 6P
   TOSHIBA Photocoupler GaA-As IRed & Photo-Triac
TLP750 TOSHIBA-TLP750 Datasheet
191Kb / 7P
   TOSHIBA Photocoupler GaA?밃s Ired Photo IC
TLP590B TOSHIBA-TLP590B_14 Datasheet
192Kb / 6P
   TOSHIBA Photocoupler GaA-As Ired & Photo?묭iode Array
TLP2530 TOSHIBA-TLP2530 Datasheet
183Kb / 8P
   TOSHIBA Photocoupler GaA?밃s Ired & Photo IC
TLP117 TOSHIBA-TLP117 Datasheet
223Kb / 7P
   TOSHIBA PHOTOCOUPLER GaA As LED & PHOTO-IC
TLP591B TOSHIBA-TLP591B_14 Datasheet
197Kb / 4P
   TOSHIBA Photocoupler GaA-As Ired and Photo?묭iode Array
TLP3914 TOSHIBA-TLP3914_14 Datasheet
265Kb / 7P
   TOSHIBA PHOTOCOUPLER GaA-As IRED and PHOTO?묭IODE ARRAY
TLP3924 TOSHIBA-TLP3924_14 Datasheet
246Kb / 5P
   TOSHIBA PHOTOCOUPLER GaA-As IRED and PHOTO?묭IODE ARRAY
TLP108 TOSHIBA-TLP108 Datasheet
271Kb / 6P
   PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com