Zakładka z wyszukiwarką danych komponentów |
|
TLP715 Arkusz danych(PDF) 1 Page - Toshiba Semiconductor |
|
TLP715 Arkusz danych(HTML) 1 Page - Toshiba Semiconductor |
1 / 9 page TLP715 2012-12-19 1 Unit in mm Weight:0.26 g (t yp.) 4.58±0.25 9.7±0.3 0.4±0.1 1.27±0.2 1.25±0.25 7.62±0.25 1 2 3 6 5 4 11-5J1 TOSHIBA 11-5J1 TOSHIBA PHOTOCOUPLER GaAℓAs IRED & PHOTO-IC TLP715 Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces The Toshiba TLP715 consists of a GaAℓAs light-emitting diode and an integrated high-gain, high-speed photodetector. This unit is a 6-pin SDIP. The TLP715 is 50% smaller than the 8-PIN DIP and meets the reinforced insulation class requirements of international safety standards. Therefore the mounting area can be reduced in equipment requiring safety standard certification. The detector has a totem pole output stage to provide both source and sink driving. The detector IC has an internal shield that provides a guaranteed common-mode transient immunity of 10 kV / μs. The TLP715 is buffer logic type. For inverter logic type, the TLP718 is in line-up. Buffer logic output (totem pole output) Guaranteed performance over temperature : −40 to 100°C Power supply voltage : 4.5 to 20 V Input current: IFLH = 3mA (Max) Switching time ( tpLH / tpHL) : 250 ns (Max) Common-mode transient immunity : ±10 kV / μs (Min) Isolation voltage : 5000 Vrms (Min) UL recognized UL1577, File No.E67349 c-UL recognized CSA Component Acceptance Service No. 5A, File No.E67349 Option (D4) TÜV recognized / VDE under application : DIN EN60747-5-5 Maximum Operating Insulation Voltage : 890 VPK Highest Permissible Over Voltage : 8000 VPK (Note) : When a EN60747-5-5 approved type is needed, Please designate “Option(D4)” Construction Mechanical Rating 7.62 mm pitch TLPXXX type 10.16 mm pitch TLPXXXF type Creepage Distance Clearance Insulation Thickness 7.0 mm (Min) 7.0 mm (Min) 0.4 mm (Min) 8.0 mm (Min) 8.0 mm (Min) 0.4 mm (Min) Truth Table Input LED Tr1 Tr2 Output H ON ON OFF H L OFF OFF ON L Pin Configuration (Top View) 0.1 μF bypass capacitor must be connected between pins 6 and 4. (Note 5) Schematic VCC VO GND ICC IO 6 5 4 SHIELD 3- 1+ IF VF Tr1 Tr2 VCC GND SHIELD 1 3 4 5 6 2 1:ANODE 2:N.C. 3:CATHODE 4:GND 5:Vo (Output) 6:Vcc |
Podobny numer części - TLP715 |
|
Podobny opis - TLP715 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |