Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD13280AF Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD13280AF
Szczegółowy opis  Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD13280AF Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD13280AF Datasheet HTML 3Page - Analog Devices AD13280AF Datasheet HTML 4Page - Analog Devices AD13280AF Datasheet HTML 5Page - Analog Devices AD13280AF Datasheet HTML 6Page - Analog Devices AD13280AF Datasheet HTML 7Page - Analog Devices AD13280AF Datasheet HTML 8Page - Analog Devices AD13280AF Datasheet HTML 9Page - Analog Devices AD13280AF Datasheet HTML 10Page - Analog Devices AD13280AF Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD13280
Rev. C | Page 7 of 28
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Ratings
ELECTRICAL1
AVCC Voltage
0 V to 7 V
AVEE Voltage
−7 V to 0 V
DVCC Voltage
0 V to 7 V
Analog Input Voltage
VEE to VCC
Analog Input Current
−10 mA to +10 mA
Digital Input Voltage (ENCODE)
0 to VCC
ENCODE, ENCODE Differential Voltage
4 V max
Digital Output Current
−10 mA to +10 mA
ENVIRONMENTAL1
Operating Temperature Range (Case)
−40°C to +85°C
Maximum Junction Temperature
175°C
Lead Temperature (Soldering, 10 sec)
300°C
Storage Temperature Range (Ambient)
−65°C to +150°C
1 Typical thermal impedance for ES package: θJC 2.2°C/W; θJA 24.3°C/W.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
EXPLANATION OF TEST LEVELS
I.
100% production tested.
II.
100% production tested at 25°C, and sample tested
at specified temperatures. AC testing done on a
sample basis.
III.
Sample tested only.
IV.
Parameter guaranteed by design and characterization
testing.
V.
Parameter is a typical value only.
VI.
100% production tested with temperature at 25°C, and
sample tested at temperature extremes.
ESD CAUTION


Podobny numer części - AD13280AF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD13280AF AD-AD13280AF Datasheet
1Mb / 20P
   Dual Channel, 12-Bit, 80 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
More results

Podobny opis - AD13280AF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD13280 AD-AD13280_15 Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
AD13280 AD-AD13280 Datasheet
1Mb / 20P
   Dual Channel, 12-Bit, 80 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10265 AD-AD10265 Datasheet
267Kb / 18P
   Dual Channel, 12-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10242 AD-AD10242 Datasheet
251Kb / 16P
   Dual, 12-Bit, 40 MSPS MCM A/D Converter with Analog Input Signal Conditioning
REV. A
AD10200 AD-AD10200 Datasheet
1Mb / 20P
   Dual Channel, 12-Bit 105 MSPS IF Sampling A/D Converter with Analog Input Signal Conditioning
REV. A
logo
Texas Instruments
ADS61B23 TI-ADS61B23 Datasheet
1Mb / 51P
[Old version datasheet]   12-BIT, 80-MSPS ADC WITH BUFFERED ANALOG INPUTS
logo
Analog Devices
AD13465 AD-AD13465 Datasheet
1Mb / 20P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10465 AD-AD10465 Datasheet
2Mb / 20P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
logo
Texas Instruments
VSP5324-Q1 TI1-VSP5324-Q1 Datasheet
1Mb / 59P
[Old version datasheet]   4-Channel, 12-Bit, 80-MSPS ADC
logo
Analog Devices
AD9432 AD-AD9432_09 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com