Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM1085AKSZ-REEL7 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADM1085AKSZ-REEL7
Szczegółowy opis  Simple Sequencers in 6-Lead SC7
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM1085AKSZ-REEL7 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADM1085AKSZ-REEL7 Datasheet HTML 7Page - Analog Devices ADM1085AKSZ-REEL7 Datasheet HTML 8Page - Analog Devices ADM1085AKSZ-REEL7 Datasheet HTML 9Page - Analog Devices ADM1085AKSZ-REEL7 Datasheet HTML 10Page - Analog Devices ADM1085AKSZ-REEL7 Datasheet HTML 11Page - Analog Devices ADM1085AKSZ-REEL7 Datasheet HTML 12Page - Analog Devices ADM1085AKSZ-REEL7 Datasheet HTML 13Page - Analog Devices ADM1085AKSZ-REEL7 Datasheet HTML 14Page - Analog Devices ADM1085AKSZ-REEL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADM1085/ADM1086/ADM1087/ADM1088
Rev. A | Page 11 of 16
APPLICATION INFORMATION
SEQUENCING CIRCUITS
The ADM1085/ADM1086/ADM1087/ADM1088 are
compatible with voltage regulators and dc-to-dc converters that
have active high or active low enable or shutdown inputs, with a
choice of open-drain or push-pull output stages. Figure 23 to
Figure 25 illustrate how each of the ADM1085/ADM1086/
ADM1087/ADM1088 simple sequencers can be used in
multiple-supply systems, depending on which regulators are
used and which output stage is preferred.
In Figure 23, three ADM1085s are used to sequence four
supplies on power-up. Separate capacitors on the CEXT pins
determine the time delays between enabling of the 3.3 V, 2.5 V,
1.8 V, and 1.2 V supplies. Because the dc-to-dc converters and
ADM1085s are connected in a cascade, and the output of any
converter is dependent on that of the previous one, an external
controller can disable all four supplies simultaneously by
disabling the first dc-to-dc converter in the chain.
For power-down sequencing, an external controller dictates
when the supplies are switched off by accessing the ENIN
inputs individually.
3.3V
DC/DC
IN
OUT
EN
ADM1085
VCC
ENOUT
3.3V
ENIN
CEXT
VIN
3.3V
2.5V
DC/DC
IN
OUT
EN
ADM1085
VCC
ENOUT
3.3V
ENIN
CEXT
VIN
3.3V
1.8V
DC/DC
IN
OUT
EN
ADM1085
VCC
ENOUT
3.3V
ENIN
CEXT
VIN
3.3V
1.2V
DC/DC
IN
OUT
EN
ENABLE
CONTROL
12V
tEN1
tEN2
tEN3
EXTERNAL
DISABLE
12V
3.3V
2.5V
1.8V
1.2V
Figure 23. Typical ADM1085 Application Circuit


Podobny numer części - ADM1085AKSZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM1085AKS-REEL7 AD-ADM1085AKS-REEL7 Datasheet
299Kb / 16P
   Simple Sequencers in 6-Lead SC70
REV. 0
More results

Podobny opis - ADM1085AKSZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM1086 AD-ADM1086 Datasheet
299Kb / 16P
   Simple Sequencers in 6-Lead SC70
REV. 0
ADM6820 AD-ADM6820_15 Datasheet
215Kb / 12P
   FET Drive Simple Sequencers
REV. 0
ADM6819 AD-ADM6819_15 Datasheet
215Kb / 12P
   FET Drive Simple Sequencers
REV. 0
ADM6819 AD-ADM6819 Datasheet
215Kb / 12P
   FET Drive Simple Sequencers
REV. 0
logo
Semtech Corporation
SC2603A SEMTECH-SC2603A Datasheet
461Kb / 9P
   Simple PWM Boost Converter In Small SOT23-6 Package
logo
Maxim Integrated Produc...
MAX6819 MAXIM-MAX6819 Datasheet
204Kb / 8P
   SOT23 Power-Supply Sequencers
Rev 2; 4/02
MAX6819 MAXIM-MAX6819_05 Datasheet
527Kb / 8P
   SOT23 Power-Supply Sequencers
Rev 3; 12/05
logo
Renesas Technology Corp
ISL70321SEH RENESAS-ISL70321SEH Datasheet
1Mb / 26P
   Radiation Hardened Quad Power Supply Sequencers
Jul 30, 2021
logo
Calogic, LLC
J503-LF CALOGIC-J503-LF Datasheet
208Kb / 2P
   Simple Two Lead Current Sources
logo
Analog Devices
ADM4210 AD-ADM4210_15 Datasheet
285Kb / 16P
   Hot Swap Controller in 6-Lead TSOT Package
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com