Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AC11004DW Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części 74AC11004DW
Szczegółowy opis  Flow-Through Architecture Optimizes PCB Layout
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

74AC11004DW Arkusz danych(HTML) 4 Page - Texas Instruments

  74AC11004DW Datasheet HTML 1Page - Texas Instruments 74AC11004DW Datasheet HTML 2Page - Texas Instruments 74AC11004DW Datasheet HTML 3Page - Texas Instruments 74AC11004DW Datasheet HTML 4Page - Texas Instruments 74AC11004DW Datasheet HTML 5Page - Texas Instruments 74AC11004DW Datasheet HTML 6Page - Texas Instruments 74AC11004DW Datasheet HTML 7Page - Texas Instruments 74AC11004DW Datasheet HTML 8Page - Texas Instruments 74AC11004DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
74AC11004
HEX INVERTER
SCAS033B − JANUARY 1988 − REVISED APRIL 1996
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V
± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
A
Y
1.5
6.1
9
1.5
10
ns
tPHL
A
Y
1.5
5.2
7.4
1.5
8.2
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
A
Y
1.5
4.2
6.3
1.5
7.1
ns
tPHL
A
Y
1.5
3.8
5.5
1.5
6
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per inverter
CL = 50 pF,
f = 1 MHz
29
pF
PARAMETER MEASUREMENT INFORMATION
VOLTAGE WAVEFORMS
LOAD CIRCUIT
Input
(see Note B)
50% VCC
50% VCC
tPHL
tPLH
VCC
Output
VOL
VOH
0 V
From Output
Under Test
CL = 50 pF
(see Note A)
500
Ω
NOTES: A. CL includes probe and jig capacitance.
B. Input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr = 3 ns, tf = 3 ns.
C. The outputs are measured one at a time with one input transition per measurement.
50%
50%
Figure 1. Load Circuit and Voltage Waveforms


Podobny numer części - 74AC11004DW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74AC11004DW TI-74AC11004DW Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
More results

Podobny opis - 74AC11004DW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Device Techn...
SSTE32882KB1 IDT-SSTE32882KB1 Datasheet
1Mb / 75P
   Pinout optimizes DDR3 RDIMM PCB layout
SSTE32882HLB IDT-SSTE32882HLB Datasheet
1Mb / 73P
   Pinout optimizes DDR3 RDIMM PCB layout
SSTE32882KA1 IDT-SSTE32882KA1 Datasheet
1Mb / 75P
   Pinout optimizes DDR3 RDIMM PCB layout
logo
Infineon Technologies A...
ESD102-U4-05L INFINEON-ESD102-U4-05L Datasheet
1Mb / 19P
   Ultra-Low Capacitance ESD Protection Array for Flow-Through PCB Layout
Revision 1.0, 2013-02-25
logo
Cypress Semiconductor
CY7C1353B CYPRESS-CY7C1353B Datasheet
535Kb / 15P
   256Kx18 Flow-Through SRAM with NoBL Architecture
CY7C1353 CYPRESS-CY7C1353 Datasheet
162Kb / 13P
   256Kx18 Flow-Through SRAM with NoBL Architecture
CY7C1351 CYPRESS-CY7C1351 Datasheet
185Kb / 13P
   128Kx36 Flow-Through SRAM with NoBL TM Architecture
logo
Rosenberger Hochfrequen...
MB-522 ROSENBERGER-MB-522 Datasheet
172Kb / 2P
   Leiterplatten-Layout PCB Layout
21.08.2019
logo
Semtech Corporation
RCLAMP3624T SEMTECH-RCLAMP3624T Datasheet
144Kb / 9P
   ESD Protection for uUSB Interfaces Flow-Through design for easy layout
logo
Cypress Semiconductor
CY7C1379B CYPRESS-CY7C1379B Datasheet
465Kb / 15P
   9-Mbit (256K x 32) Flow-through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com