Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA3106D1EVM Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części TPA3106D1EVM
Szczegółowy opis  40-W MONO CLASS-D AUDIO POWER AMPLIFIER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3106D1EVM Arkusz danych(HTML) 5 Page - Texas Instruments

  TPA3106D1EVM Datasheet HTML 1Page - Texas Instruments TPA3106D1EVM Datasheet HTML 2Page - Texas Instruments TPA3106D1EVM Datasheet HTML 3Page - Texas Instruments TPA3106D1EVM Datasheet HTML 4Page - Texas Instruments TPA3106D1EVM Datasheet HTML 5Page - Texas Instruments TPA3106D1EVM Datasheet HTML 6Page - Texas Instruments TPA3106D1EVM Datasheet HTML 7Page - Texas Instruments TPA3106D1EVM Datasheet HTML 8Page - Texas Instruments TPA3106D1EVM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
32-PINHTQFP (VFP)
(TOP VIEW)
TPA3106D1
www.ti.com
SLOS516C – OCTOBER 2007 – REVISED AUGUST 2010
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
Active low. Shutdown signal for IC (LOW = disabled, HIGH = operational). TTL logic levels with
SHUTDOWN
29
I
compliance to AVCC.
INP
1
I
Positive audio input
INN
2
I
Negative audio input
GAIN0
5
I
Gain select least significant bit. TTL logic levels with compliance to VREG.
GAIN1
6
I
Gain select most significant bit. TTL logic levels with compliance to VREG.
Active high. Mute signal for quick disable/enable of outputs (HIGH = outputs high-Z, LOW = outputs
MUTE
30
I
enabled). TTL logic levels with compliance to AVCC.
TTL compatible output. HIGH = short-circuit fault. LOW = no fault. Only reports short-circuit faults.
FAULT
31
O
Thermal faults are not reported on this terminal.
BSP
23
I/O
Bootstrap I/O for left channel, positive high-side FET.
14, 15,
PVCC
Power supply for left channel H-bridge, not internally connected to AVCC.
26–28
OUTP
21, 22
O
Class-D 1/2-H-bridge positive output
16, 17,
PGND
Power ground for H-bridge.
24, 25
OUTN
19, 20
O
Class-D 1/2-H-bridge negative output
BSN
18
I/O
Bootstrap I/O for left channel, negative high-side FET.
VCLAMP
13
Internally generated voltage supply forbootstrap capacitor.
AGND
3, 4, 12
Analog ground for digital/analog cells in core.
ROSC
9
I/O
I/O for current setting resistor of ramp generator.
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPA3106D1


Podobny numer części - TPA3106D1EVM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3106D1 TI-TPA3106D1 Datasheet
1Mb / 33P
[Old version datasheet]   40-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3106D1VFPR TI-TPA3106D1VFPR Datasheet
1Mb / 33P
[Old version datasheet]   40-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results

Podobny opis - TPA3106D1EVM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3106D1 TI-TPA3106D1 Datasheet
1Mb / 33P
[Old version datasheet]   40-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Micro Electronics
TMPA2155DM MICRO-ELECTRONICS-TMPA2155DM_07 Datasheet
221Kb / 13P
   2.7-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
TMPA401DM ETC-TMPA401DM Datasheet
222Kb / 12P
   15-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA3007D1 TI-TPA3007D1_15 Datasheet
609Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1 Datasheet
381Kb / 26P
[Old version datasheet]   20 W MONO CLASS D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03 Datasheet
339Kb / 24P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D01 TI-TPA032D01_07 Datasheet
540Kb / 25P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03_07 Datasheet
571Kb / 27P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1_07 Datasheet
651Kb / 28P
[Old version datasheet]   20-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI1-TPA3007D1_17 Datasheet
654Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com