Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5315BRM-REEL7 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD5315BRM-REEL7
Szczegółowy opis  2.5 V to 5.5 V, 500 關A, 2-Wire Interface Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5315BRM-REEL7 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD5315BRM-REEL7 Datasheet HTML 3Page - Analog Devices AD5315BRM-REEL7 Datasheet HTML 4Page - Analog Devices AD5315BRM-REEL7 Datasheet HTML 5Page - Analog Devices AD5315BRM-REEL7 Datasheet HTML 6Page - Analog Devices AD5315BRM-REEL7 Datasheet HTML 7Page - Analog Devices AD5315BRM-REEL7 Datasheet HTML 8Page - Analog Devices AD5315BRM-REEL7 Datasheet HTML 9Page - Analog Devices AD5315BRM-REEL7 Datasheet HTML 10Page - Analog Devices AD5315BRM-REEL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD5305/AD5315/AD5325
Rev. G | Page 7 of 24
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 4.
Parameter1
Rating
VDD to GND
–0.3 V to +7 V
SCL, SDA to GND
–0.3 V to VDD + 0.3 V
A0 to GND
–0.3 V to VDD + 0.3 V
Reference Input Voltage to GND
–0.3 V to VDD + 0.3 V
VOUTA to VOUTD to GND
–0.3 V to VDD + 0.3 V
Operating Temperature Range
Industrial (A, B Version)
−40°C to +105°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature (TJ max)
150°C
MSOP
Power Dissipation
(TJ max − TA)/θJA
θJA Thermal Impedance
206°C/W
θJC Thermal Impedance
44°C/W
Reflow Soldering
Peak Temperature
220°C
Time at Peak Temperature
10 sec to 40 sec
1 Transient currents of up to 100 mA do not cause SCR latcth-up.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Podobny numer części - AD5315BRM-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5315BRM-REEL7 AD-AD5315BRM-REEL7 Datasheet
427Kb / 20P
   2.5 V to 5.5 V, 500 uA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
REV. F
AD5315BRM-REEL7 AD-AD5315BRM-REEL7 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 muA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5315BRM-REEL7 AD-AD5315BRM-REEL7 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
More results

Podobny opis - AD5315BRM-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5334BRUZ AD-AD5334BRUZ Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500 muA, Parallel Interface
REV. 0
AD5346 AD-AD5346 Datasheet
949Kb / 24P
   2.5 V to 5.5 V, Parallel Interface 2.5 V to 5.5 V, Parallel Interface
REV. 0
AD5339BRMZ AD-AD5339BRMZ Datasheet
593Kb / 28P
   2.5 V to 5.5 V, 250 muA, 2-Wire Interface
REV. C
AD5325 AD-AD5325_15 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5305ARM AD-AD5305ARM Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5315 AD-AD5315_15 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5301 AD-AD5301_07 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 關A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5311BRMZ AD-AD5311BRMZ Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 關A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5306 AD-AD5306 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 關A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
AD5305 AD-AD5305 Datasheet
427Kb / 20P
   2.5 V to 5.5 V, 500 uA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
REV. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com