Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5325ARM Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD5325ARM
Szczegółowy opis  2.5 V to 5.5 V, 500 關A, 2-Wire Interface Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5325ARM Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD5325ARM Datasheet HTML 6Page - Analog Devices AD5325ARM Datasheet HTML 7Page - Analog Devices AD5325ARM Datasheet HTML 8Page - Analog Devices AD5325ARM Datasheet HTML 9Page - Analog Devices AD5325ARM Datasheet HTML 10Page - Analog Devices AD5325ARM Datasheet HTML 11Page - Analog Devices AD5325ARM Datasheet HTML 12Page - Analog Devices AD5325ARM Datasheet HTML 13Page - Analog Devices AD5325ARM Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD5305/AD5315/AD5325
Rev. G | Page 10 of 24
5
0.50
0.25
–0.50
0
–0.25
VREF (V)
01
2
3
4
MAXINL
MAXDNL
MIN DNL
MIN INL
VDD = 5V
TA = 25°C
Figure 10. AD5305 INL and DNL Error vs. VREF
TEMPERATURE (°C)
0.5
0.2
–0.5
0
–0.2
–0.4
–0.3
–0.1
0.1
0.3
0.4
–40
0
40
80
120
MAX DNL
MIN INL
MIN DNL
VDD = 5V
VREF = 3V
MAX INL
Figure 11. AD5305 INL and DNL Error vs. Temperature
1.0
0.5
–1.0
0
–0.5
TEMPERATURE (°C)
–40
0
40
80
120
VDD = 5V
VREF = 2V
OFFSET ERROR
GAIN ERROR
Figure 12. AD5305 Offset Error and Gain Error vs. Temperature
0.2
–0.6
0
–0.4
–0.5
–0.3
–0.2
–0.1
0.1
TA = 25°C
VREF = 2V
VDD (V)
01
2
3
4
5
6
OFFSET ERROR
GAIN ERROR
Figure 13. Offset Error and Gain Error vs. VDD
SINK/SOURCE CURRENT (mA)
5
0
4
1
2
3
01
2
3
4
5
6
5V SOURCE
3V SINK
3V SOURCE
5V SINK
Figure 14. VOUT Source and Sink Current Capability
CODE
600
0
500
100
200
300
400
TA = 25°C
VDD = 5V
VREF = 2V
ZERO SCALE
FULL SCALE
Figure 15. Supply Current vs. DAC Code


Podobny numer części - AD5325ARM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5325ARM AD-AD5325ARM Datasheet
427Kb / 20P
   2.5 V to 5.5 V, 500 uA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
REV. F
AD5325ARM AD-AD5325ARM Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 muA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5325ARM AD-AD5325ARM Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5325ARM-REEL7 AD-AD5325ARM-REEL7 Datasheet
427Kb / 20P
   2.5 V to 5.5 V, 500 uA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
REV. F
AD5325ARM-REEL7 AD-AD5325ARM-REEL7 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 muA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
More results

Podobny opis - AD5325ARM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5334BRUZ AD-AD5334BRUZ Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500 muA, Parallel Interface
REV. 0
AD5346 AD-AD5346 Datasheet
949Kb / 24P
   2.5 V to 5.5 V, Parallel Interface 2.5 V to 5.5 V, Parallel Interface
REV. 0
AD5339BRMZ AD-AD5339BRMZ Datasheet
593Kb / 28P
   2.5 V to 5.5 V, 250 muA, 2-Wire Interface
REV. C
AD5325 AD-AD5325_15 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5305ARM AD-AD5305ARM Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5315 AD-AD5315_15 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5301 AD-AD5301_07 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 關A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5311BRMZ AD-AD5311BRMZ Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 關A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5306 AD-AD5306 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 關A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
AD5305 AD-AD5305 Datasheet
427Kb / 20P
   2.5 V to 5.5 V, 500 uA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
REV. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com