Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M74VHC1GT00DFT2G Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części M74VHC1GT00DFT2G
Szczegółowy opis  Single 2-Input NAND Gate CMOS Logic Level Shifter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

M74VHC1GT00DFT2G Arkusz danych(HTML) 4 Page - ON Semiconductor

  M74VHC1GT00DFT2G Datasheet HTML 1Page - ON Semiconductor M74VHC1GT00DFT2G Datasheet HTML 2Page - ON Semiconductor M74VHC1GT00DFT2G Datasheet HTML 3Page - ON Semiconductor M74VHC1GT00DFT2G Datasheet HTML 4Page - ON Semiconductor M74VHC1GT00DFT2G Datasheet HTML 5Page - ON Semiconductor M74VHC1GT00DFT2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC74VHC1GT00
http://onsemi.com
4
3.0 V
GND
50%
50% VCC
A or B
Y
tPHL
tPLH
VOH
VOL
Figure 4. Switching Waveforms
Figure 5. Test Circuit
*Includes all probe and jig capacitance.
A 1−MHz square input wave is recommended for propagation delay tests.
CL*
INPUT
VCC
OUTPUT
ORDERING INFORMATION
Device
Package
Shipping
M74VHC1GT00DFT1G
SC70−5/SC−88A/SOT−353
(Pb−Free)
3000/Tape & Reel
M74VHC1GT00DFT2G
SC70−5/SC−88A/SOT−353
(Pb−Free)
M74VHC1GT00DTT1G
SOT23−5/TSOP−5/SC59−5
(Pb−Free)
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Podobny numer części - M74VHC1GT00DFT2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
M74VHC1GT00DFT2G ONSEMI-M74VHC1GT00DFT2G Datasheet
73Kb / 6P
   Single 2?묲nput NAND Gate/CMOS Logic Level Shifter LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 11
M74VHC1GT00DFT2G ONSEMI-M74VHC1GT00DFT2G Datasheet
116Kb / 6P
   Single 2-Input NAND Gate/ CMOS Logic Level Shifter
May, 2011 ??Rev. 12
M74VHC1GT00DFT2G ONSEMI-M74VHC1GT00DFT2G Datasheet
82Kb / 6P
   Single 2-Input NAND Gate/ CMOS Logic Level Shifter
June, 2014 ??Rev. 13
M74VHC1GT00DFT2G ONSEMI-M74VHC1GT00DFT2G Datasheet
205Kb / 14P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 22
M74VHC1GT00DFT2G ONSEMI-M74VHC1GT00DFT2G Datasheet
182Kb / 14P
   Single 2-Input NAND Gate
March, 2022 ??Rev. 26
More results

Podobny opis - M74VHC1GT00DFT2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC74VHC1GT00DFT2G ONSEMI-MC74VHC1GT00DFT2G Datasheet
116Kb / 6P
   Single 2-Input NAND Gate/ CMOS Logic Level Shifter
May, 2011 ??Rev. 12
NL17SHT00 ONSEMI-NL17SHT00 Datasheet
103Kb / 5P
   Single 2-Input NAND Gate CMOS Logic Level Shifter
August, 2011 ??Rev. 0
MC74VHC1GT00 ONSEMI-MC74VHC1GT00_14 Datasheet
82Kb / 6P
   Single 2-Input NAND Gate/ CMOS Logic Level Shifter
June, 2014 ??Rev. 13
MC74VHC1GT00 ONSEMI-MC74VHC1GT00 Datasheet
188Kb / 8P
   2-Input NAND Gate/CMOS Logic Level Shifter
December, 1999 ??Rev. 2
logo
Renesas Technology Corp
HD74LV1GT00A RENESAS-HD74LV1GT00A_15 Datasheet
136Kb / 9P
   2?밿nput NAND Gate / CMOS Logic Level Shifter
logo
Texas Instruments
SN74LV1T00 TI1-SN74LV1T00 Datasheet
868Kb / 16P
[Old version datasheet]   Single Power Supply 2-Input Positive NAND Gate CMOS Logic Level Shifter
SN74LV1T00_1809 TI1-SN74LV1T00_1809 Datasheet
2Mb / 33P
[Old version datasheet]   Single Power Supply 2-Input Positive NAND Gate CMOS Logic Level Shifter
SN74LV1T00 TI1-SN74LV1T00_18 Datasheet
2Mb / 30P
[Old version datasheet]   Single Power Supply 2-Input Positive NAND Gate CMOS Logic Level Shifter
logo
ON Semiconductor
MC74VHC1GT02 ONSEMI-MC74VHC1GT02_15 Datasheet
84Kb / 6P
   Single 2-Input NOR Gate/ CMOS Logic Level Shifter
November, 2015 ??Rev. 12
MC74VHC1GT32DFT1G ONSEMI-MC74VHC1GT32DFT1G Datasheet
129Kb / 6P
   2-Input OR Gate/CMOS Logic Level Shifter
July, 2013 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com