Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1-1393240-1 Arkusz danych(PDF) 3 Page - Tyco Electronics

Numer części 1-1393240-1
Szczegółowy opis  Power PCB Relay RT1
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics

1-1393240-1 Arkusz danych(HTML) 3 Page - Tyco Electronics

  1-1393240-1 Datasheet HTML 1Page - Tyco Electronics 1-1393240-1 Datasheet HTML 2Page - Tyco Electronics 1-1393240-1 Datasheet HTML 3Page - Tyco Electronics 1-1393240-1 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
09-2013, Rev. 0913
www.te.com
© 2013 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
SCHRACK
General Purpose Relays
PCB Relays
Power PCB Relay RT1 (Continued)
Product code structure
Typical product code
RT
3
1
4
024
Type
RT Power PCB Relay RT1
Version
1
12A, pinning 3.5mm, flux proof
2
12A, pinning 5mm, flux proof *)
3
16A, pinning 5mm, flux proof
B 12A, pinning 3.5mm, wash tight
D 16A, pinning 5mm, wash tight
Contact arrangement
1
1 form C (CO) contact
3
1 form A (NO) contact
Contact material
4
AgNi 90/10
5
AgNi 90/10 gold plated (for type RT31.)
Coil
Coil code: please refer to coil versions table
Version
Blank
Standard version
WG
Product in accordance with IEC 60335-1 (domestic appliances)
R
Reflow solderable
*) Wash tight version on request
Dimensions
S0272-BB
Process conditions for Reflow soldering
according to EN61760-1
THT version
THR version (reflow solderable)
S0272-BRB


Podobny numer części - 1-1393240-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TE Connectivity Ltd
1-1393240-4 TEC-1-1393240-4 Datasheet
492Kb / 4P
   Power PCB Relay RT1
More results

Podobny opis - 1-1393240-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
RT114005 MACOM-RT114005_05 Datasheet
243Kb / 4P
   Power PCB Relay RT1
logo
TE Connectivity Ltd
RT1 TEC-RT1 Datasheet
492Kb / 4P
   Power PCB Relay RT1
logo
Tyco Electronics
2-1419108-8 MACOM-2-1419108-8 Datasheet
618Kb / 3P
   Power PCB Relay RT1
2-1393238-1 MACOM-2-1393238-1 Datasheet
726Kb / 4P
   Power PCB Relay RT1
2-1393238-5 MACOM-2-1393238-5 Datasheet
726Kb / 4P
   Power PCB Relay RT1
6-1393238-2 MACOM-6-1393238-2 Datasheet
492Kb / 4P
   Power PCB Relay RT1
RTD34012F MACOM-RTD34012F Datasheet
669Kb / 3P
   Power PCB Relay RT1
2-1393237-2 MACOM-2-1393237-2 Datasheet
567Kb / 3P
   Power PCB Relay RT1
2-1419108-9 MACOM-2-1419108-9 Datasheet
567Kb / 3P
   Power PCB Relay RT1
RT314024F MACOM-RT314024F Datasheet
567Kb / 3P
   Power PCB Relay RT1
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com