Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

7-147100-3 Arkusz danych(PDF) 8 Page - Tyco Electronics

Numer części 7-147100-3
Szczegółowy opis  Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics

7-147100-3 Arkusz danych(HTML) 8 Page - Tyco Electronics

Back Button 7-147100-3 Datasheet HTML 4Page - Tyco Electronics 7-147100-3 Datasheet HTML 5Page - Tyco Electronics 7-147100-3 Datasheet HTML 6Page - Tyco Electronics 7-147100-3 Datasheet HTML 7Page - Tyco Electronics 7-147100-3 Datasheet HTML 8Page - Tyco Electronics 7-147100-3 Datasheet HTML 9Page - Tyco Electronics 7-147100-3 Datasheet HTML 10Page - Tyco Electronics 7-147100-3 Datasheet HTML 11Page - Tyco Electronics 7-147100-3 Datasheet HTML 12Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 98 page
background image
188
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Mod IV Receptacle Assemblies, Single-Row, Surface Mount, .100 [2.54] x
.100 [2.54] Centerline End To End Stackable without Compliant Pin Holddowns
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
5
Surface Mount,Single-Row,
Dual Entry, End to End
Stackable
Material and Finish
Housing — Glass-filled thermoplastic,
black, 94V-0 rated
Contacts — Phosphor bronze, plated
as follows:
Plating A — Duplex .000030
[0.00076] gold on contact area,
.000150-.000300 [0.00381-0.00762]
matte tin on solder area all over .000050
[0.00127] nickel
Plating B — Duplex .000010
[0.000254] gold on contact area,
.000150-.000300 [0.00381-0.00762]
matte tin on solder area all over .000050
[0.00127] nickel
Plating C — .000150-.000300
[0.00381-0.00762] matte tin on solder
leads, all over .000050 [0.00127] nickel
Related Product Data
Mateable Headers —
Refer to Mating Post Selection Guide —
page 90
Performance Specifications —
page 186
Packaged in Tubes
Packaged in Tape & Reel
No. of
Dimensions
Contact Plating/ Part Nos.
Contact Plating/ Part Nos.
Pos.
AB
Plating A
Plating B
Plating C
Plating A
Plating B
Plating C
3
.300 [7.62]
.200 [5.08]
5-147738-2
5-147737-2
5-147736-2
5-147723-2
5-147728-2
5-147729-2
4
.400 [10.16]
.300 [7.62]
5-147738-3
5-147737-3
5-147736-3
5-147723-3
5-147728-3
5-147729-3
5
.500 [12.70]
.400 [10.16]
5-147738-4
5-147737-4
5-147736-4
5-147723-4
5-147728-4
5-147729-4
6
.600 [15.24]
.500 [12.70]
5-147738-5
5-147737-5
5-147736-5
5-147723-5
5-147728-5
5-147729-5
7
.700 [17.78]
.600 [15.24]
5-147738-6
5-147737-6
5-147736-6
5-147723-6
5-147728-6
5-147729-6
8
.800 [20.32]
.700 [17.78]
5-147738-7
5-147737-7
5-147736-7
5-147723-7
5-147728-7
5-147729-7
9
.900 [22.86]]
.800 [20.32]
5-147738-8
5-147737-8
5-147736-8
5-147723-8
5-147728-8
5-147729-8
10
1.000 [25.40]
.900 [22.86]
5-147738-9
5-147737-9
5-147736-9
5-147723-9
5-147728-9
5-147729-9
11
1.100 [27.94]
1.000 [25.40]
6-147738-0
6-147737-0
6-147736-0
6-147723-0
6-147728-0
6-147729-0
12
1.200 [30.48]
1.100 [27.94]
6-147738-1
6-147737-1
6-147736-1
6-147723-1
6-147728-1
6-147729-1
13
1.300 [33.02]
1.200 [30.48]
6-147738-2
6-147737-2
6-147736-2
6-147723-2
6-147728-2
6-147729-2
14
1.400 [35.56]
1.300 [33.02]
6-147738-3
6-147737-3
6-147736-3
6-147723-3
6-147728-3
6-147729-3
15
1.500 [38.10]
1.400 [35.56]
6-147738-4
6-147737-4
6-147736-4
6-147723-4
6-147728-4
6-147729-4
16
1.600 [40.64]
1.500 [38.10]
6-147738-5
6-147737-5
6-147736-5
6-147723-5
6-147728-5
6-147729-5
17
1.700 [43.18]
1.600 [40.64]
6-147738-6
6-147737-6
6-147736-6
6-147723-6
6-147728-6
6-147729-6
18
1.800 [45.72]
1.700 [43.18]
6-147738-7
6-147737-7
6-147736-7
6-147723-7
6-147728-7
6-147729-7
19
1.900 [48.26]
1.800 [45.72]
6-147738-8
6-147737-8
6-147736-8
6-147723-8
6-147728-8
6-147729-8
20
2.000 [50.80]
1.900 [48.26]
6-147738-9
6-147737-9
6-147736-9
6-147723-9
6-147728-9
6-147729-9
30
3.000 [76.20]
2.900 [73.66]
7-147738-9
7-147737-9
7-147736-9
7-147723-9
7-147728-9
7-147729-9
40
4.000 [101.60]
3.900 [99.06]
8-147738-9
8-147737-9
8-147736-9
8-147723-9
8-147728-9
8-147729-9
Notes: 1. Tyco Electronics recommends mating gold or duplex plated headers with duplex plated receptacle assemblies.
2. To obtain the minimum mating post length, add .020 [0.51] (not including the post lead in chamfer) to
the maximum point-of-contact dimension, and .062 [1.57] for recommended board thickness if used in bottom entry application.
A
B
.265
[6.73]
.100
[2.54]
.228
[5.78]
.020
[0.51]
Standoff Typ.
.060
[1.52]
Min.
.090
[2.28]
.148
[3.77]
.208
[5.28]
Max.
.107
[2.72]
Typ.
.100
[2.54]
Typ.
.140
[3.56]
.040±.003
[1.02±0.08]
Dia. Typ.
Recommended PC Board Pad Pattern
(.008 [0.20] thick stencil)
(For bottom entry or pass
through applications)
(Localized Gold
Plate Area)
Point of
Contact


Podobny numer części - 7-147100-3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
7-147100-3 MACOM-7-147100-3 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies
7-147100-3 MACOM-7-147100-3 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
More results

Podobny opis - 7-147100-3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
5-104935-4 MACOM-5-104935-4 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
1-87456-1 MACOM-1-87456-1 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
104482-9 MACOM-104482-9 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
2-87631-5 MACOM-2-87631-5 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
logo
Adam Technologies, Inc.
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
   .100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
MHR ADAM-TECH-MHR Datasheet
97Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
   .100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com