Zakładka z wyszukiwarką danych komponentów |
|
1-1414469-0 Arkusz danych(PDF) 2 Page - Tyco Electronics |
|
1-1414469-0 Arkusz danych(HTML) 2 Page - Tyco Electronics |
2 / 4 page 2 04-2013, Rev. 0413 www.te.com © 2013 Tyco Electronics Corporation, a TE Connectivity Ltd. company. Catalog and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Catalog and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Catalog product data, ‘Definitions’ section, application notes and all specifications are subject to change. Plug-in Maxi ISO Relays Power Relay F7 (Continued) Insulation Data Initial dielectric strength between open contacts 500Vrms between contact and coil 500Vrms between adjacent contacts 500Vrms Load dump test ISO 7637-1 (12VDC), test pulse 5 Vs=+86.5VDC ISO 7637-2 (24VDC), test pulse 5 Vs=+200VDC Other Data EU RoHS/ELV compliance compliant Protection to heat and fire according UL-94 HB or better7) Ambient temperature -40 to 125°C Climatic cycling with condensation EN ISO 6988 6 cycles, storage 8/16h Temperature cycling, IEC 60068-2-14, Nb 10 cycles, -40/+85°C (5°C/min) Damp heat cyclic, IEC 60068-2-30, Db, Variant 1 6 cycles, upper air temp. 55°C Damp heat constant, IEC 60068-2-3, Ca 56 days Category of environmental protection, IEC 61810 RTI – dustproof, RT III – sealed Degree of protection, IEC 60529 IP54 (dustproof), IP67 (sealed) Corrosive gas IEC 60068-2-42 10±2cm3/m3 SO2, 10 days IEC 60068-2-43 1±0.3cm3/m3 H2S, 10 days Vibration resistance (functional) IEC 60068-2-6 (sine sweep) 10 to 500Hz, min. 5g8) Shock resistance (functional) IEC 60068-2-27 (half sine) 6ms, min. 30g.8) Drop test, free fall IEC 60068-2-32 1m onto concrete Other Data (continued) Terminal type plug-in, QC/ PCB Cover retention axial force 150N pull force 150N push force 150N Terminal retention pull force 100N push force 100N resistance to bending 10N8) force applied to side 10N8) torque 0.3Nm Weight approx. 38g (1.3oz) Resistance to soldering heat THT IEC 60068-2-20 260°C, 10s Packaging unit plug-in: 210 pcs. plug-in with bracket: 208 pcs. PCB 315 pcs. 7) Refers to used materials. 8) No change in the switching state >1μs. Valid for NC contacts, NO contact values significantly higher. 8) Values apply 2mm from the end of the terminal. When the force is removed, the terminal must not have moved by more than 0.3mm. Accessories For details see datasheet Connectors for Maxi ISO Relays NO 1 form A, NO 87 30 86 85 NOR 1 form A, NO with resistor 87 30 86 85 NOD 1 form A, NO with diode 87 30 86 85 Terminal Assignment |
Podobny numer części - 1-1414469-0 |
|
Podobny opis - 1-1414469-0 |