Zakładka z wyszukiwarką danych komponentów |
|
3-1414937-3 Arkusz danych(PDF) 1 Page - Tyco Electronics |
|
3-1414937-3 Arkusz danych(HTML) 1 Page - Tyco Electronics |
1 / 4 page 1 04-2013, Rev. 0413 www.te.com © 2013 Tyco Electronics Corporation, a TE Connectivity Ltd. company. Catalog and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Catalog and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Catalog, product data, ‘Definitions’ section, application notes and all specifications are subject to change. n Pin assignment similar to ISO 7588 part 1 n Customized versions on request – 24VDC versions with contact gap >0.8mm – Integrated components (e.g. resistor, diode) – Customized marking/color – Special covers (e.g. notches, release features, brackets) Typical applications Cross carline up to 70A for example: ABS control, cooling fan, energy management, engine control, glow plug, heated front screen, ignition, lamps: front, rear, fog light, main switch/supply relay. Contact Data Contact arrangement 1 form A, 1 form A, 1 form A, 1 NO 1 NO 1 NO Contact gap - - >0.8mm Rated voltage 12VDC 24VDC 24VDC1) Limiting continuous current 23°C 70A 70A 70A 85°C 50A 50A 50A 125°C 30A 30A 30A Limiting making current2) 240A 240A 240A Limiting breaking current 70A 25A 40A Limiting short-time current overload current, ISO 8820-33) 1.35 x 50A, 1800s 2.00 x 50A, 5s 3.50 x 50A, 0.5s 6.00 x 50A, 0.2s Jump start test, ISO 16750-1 24VDC for 5min, conducting nominal current at 23°C Contact material Silver based Min. recommended contact load4) 1A at 5VDC Initial voltage drop, form A (NO) contact at 10A, typ./max. 10/300mV Frequency of operation at nominal load 6 ops./min (0.1Hz) Operate/release time typ. 7/2ms5) Electrical endurance resistive load at 14VDC >1x105 ops. - - 70A >2x105 ops. - - 50A resistive load at 28VDC - >1x105ops. >1x105 ops. 25A 50A Power Relay F7 Plug-in Maxi ISO Relays F134J_a_bw Contact Data (continued) Mechanical endurance >1x107ops. 1) Special high performance 24VDC version with contact gap >0.8mm, part number V23134-A0056-X408 (see part number table). 2) The values apply to a resistive or inductive load with suitable spark suppression and at maximum 14VDC for 12VDC or 28VDC for 24VDC load voltages. For a load current duration of maximum 3s for a make/break ratio of 1:10. 3) Current and time are compatible with circuit protection by a typical automotive fuse. Relay will make, carry and break the specified current. 4) See chapter Diagnostics of Relays in our Application Notes or consult the internet at http://relays.te.com/appnotes/ 5) For unsuppressed relay coil. A low resistive suppression device in parallel to the relay coil increases the release time and reduces the lifetime caused by increased erosion and/or higher risk of contact tack welding. Coil Data Rated coil voltage 12VDC, 24VDC Coil versions, DC coil Coil Rated Operate Release Coil Rated coil code voltage voltage voltage resistance6) power6) VDC VDC VDC Ω±10% W 052 12 7.2 1.6 90 1.6 053 24 14.4 3.2 324 1.8 056 24 16.0 4.0 268 2.1 065 24 14.4 2.4 288 2.0 6) Without components in parallel. All figures are given for coil without pre-energization, at ambient temperature +23°C. Does not take into account the temperature rise due to the contact current E = pre-energization TEVF4_OVR1 Does not take into account the temperature rise due to the contact current E = pre-energization. Coil operating range ECR0629-N Load limit curve: safe shutdown, no stationary arc/make contact. Load limit curve measured with low inductive resistors verified for 1000 switching events. Max. DC load breaking capacity |
Podobny numer części - 3-1414937-3 |
|
Podobny opis - 3-1414937-3 |