Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD594 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD594
Szczegółowy opis  Monolithic Thermocouple Amplifiers with Cold Junction Compensation
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD594 Arkusz danych(HTML) 3 Page - Analog Devices

  AD594 Datasheet HTML 1Page - Analog Devices AD594 Datasheet HTML 2Page - Analog Devices AD594 Datasheet HTML 3Page - Analog Devices AD594 Datasheet HTML 4Page - Analog Devices AD594 Datasheet HTML 5Page - Analog Devices AD594 Datasheet HTML 6Page - Analog Devices AD594 Datasheet HTML 7Page - Analog Devices AD594 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AD594/AD595
REV. C
–3–
Thermocouple
Type J
AD594
Type K
AD595
Temperature
Voltage
Output
Voltage
Output
°C
mV
mVmVmV
–200
–7.890
–1523
–5.891
–1454
–180
–7.402
–1428
–5.550
–1370
–160
–6.821
–1316
–5.141
–1269
–140
–6.159
–1188
–4.669
–1152
–120
–5.426
–1046
–4.138
–1021
–100
–4.632
–893
–3.553
–876
–80
–3.785
–729
–2.920
–719
–60
–2.892
–556
–2.243
–552
–40
–1.960
–376
–1.527
–375
–20
–.995
–189
–.777
–189
–10
–.501
–94
–.392
–94
0
0
3.1
0
2.7
10
.507
101
.397
101
20
1.019
200
.798
200
25
1.277
250
1.000
250
30
1.536
300
1.203
300
40
2.058
401
1.611
401
50
2.585
503
2.022
503
60
3.115
606
2.436
605
80
4.186
813
3.266
810
100
5.268
1022
4.095
1015
120
6.359
1233
4.919
1219
140
7.457
1445
5.733
1420
160
8.560
1659
6.539
1620
180
9.667
1873
7.338
1817
200
10.777
2087
8.137
2015
220
11.887
2302
8.938
2213
240
12.998
2517
9.745
2413
260
14.108
2732
10.560
2614
280
15.217
2946
11.381
2817
300
16.325
3160
12.207
3022
320
17.432
3374
13.039
3227
340
18.537
3588
13.874
3434
360
19.640
3801
14.712
3641
380
20.743
4015
15.552
3849
400
21.846
4228
16.395
4057
420
22.949
4441
17.241
4266
440
24.054
4655
18.088
4476
460
25.161
4869
18.938
4686
480
26.272
5084
19.788
4896
Thermocouple
Type J
AD594
Type K
AD595
Temperature
Voltage
Output
Voltage
Output
°CmV
mV
mV
mV
500
27.388
5300
20.640
5107
520
28.511
5517
21.493
5318
540
29.642
5736
22.346
5529
560
30.782
5956
23.198
5740
580
31.933
6179
24.050
5950
600
33.096
6404
24.902
6161
620
34.273
6632
25.751
6371
640
35.464
6862
26.599
6581
660
36.671
7095
27.445
6790
680
37.893
7332
28.288
6998
700
39.130
7571
29.128
7206
720
40.382
7813
29.965
7413
740
41.647
8058
30.799
7619
750
42.283
8181
31.214
7722
760
31.629
7825
780
32.455
8029
800
33.277
8232
820
34.095
8434
840
34.909
8636
860
35.718
8836
880
36.524
9035
900
37.325
9233
920
38.122
9430
940
38.915
9626
960
39.703
9821
980
40.488
10015
1000
41.269
10209
1020
42.045
10400
1040
42.817
10591
1060
43.585
10781
1080
44.439
10970
1100
45.108
11158
1120
45.863
11345
1140
46.612
11530
1160
47.356
11714
1180
48.095
11897
1200
48.828
12078
1220
49.555
12258
1240
50.276
12436
1250
50.633
12524
Table I. Output Voltage vs. Thermocouple Temperature (Ambient +25
°C, V
S = –5 V, +15 V)
thermocouples Table I should not be used in conjunction with
European standard thermocouples. Instead the transfer function
given previously and a DIN thermocouple table should be used.
ANSI type K and DIN NICR-NI thermocouples are composed
OVERLOAD
DETECT
G
–TC
+TC
123
45
67
13
12
11
10
AD594/
AD595
CONSTANTAN
(ALUMEL)
IRON
(CHROMEL)
+5V
COMMON
14
ICE
POINT
COMP.
+A
98
G
10mV/ C
Figure 1. Basic Connection, Single Supply Operation
of identical alloys and exhibit similar behavior. The upper tem-
perature limits in Table I are those recommended for type J and
type K thermocouples by the majority of vendors.
SINGLE AND DUAL SUPPLY CONNECTIONS
The AD594/AD595 is a completely self-contained thermocouple
conditioner. Using a single +5 V supply the interconnections
shown in Figure 1 will provide a direct output from a type J
thermocouple (AD594) or type K thermocouple (AD595) mea-
suring from 0
°C to +300°C.
Any convenient supply voltage from +5 V to +30 V may be
used, with self-heating errors being minimized at lower supply
levels. In the single supply configuration the +5 V supply con-
nects to Pin 11 with the V– connection at Pin 7 strapped to
power and signal common at Pin 4. The thermocouple wire in-
puts connect to Pins 1 and 14 either directly from the measuring
point or through intervening connections of similar thermo-
couple wire type. When the alarm output at Pin 13 is not used it
should be connected to common or –V. The precalibrated feed-
back network at Pin 8 is tied to the output at Pin 9 to provide a
10 mV/
°C nominal temperature transfer characteristic.
By using a wider ranging dual supply, as shown in Figure 2, the
AD594/AD595 can be interfaced to thermocouples measuring
both negative and extended positive temperatures.


Podobny numer części - AD594

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD594 AD-AD594 Datasheet
136Kb / 8P
   Monolithic Thermocouple Amplifiers with Cold Junction Compensation
REV. C
AD594 AD-AD594 Datasheet
131Kb / 8P
   Monolithic Thermocouple Amplifiers with Cold Junction Compensation
REV. C
AD594 AD-AD594 Datasheet
131Kb / 8P
   Monolithic Thermocouple Amplifiers with Cold Junction Compensation
REV. C
AD594/AD595 AD-AD594/AD595 Datasheet
146Kb / 8P
   Monolithic Thermocouple Amplifiers with Cold Junction Compensation
REV. C
AD5940 AD-AD5940 Datasheet
1Mb / 130P
   High Precision, Impedance, and Electrochemical Front End
More results

Podobny opis - AD594

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD594 AD-AD594_15 Datasheet
140Kb / 8P
   Monolithic Thermocouple Amplifiers with Cold Junction Compensation
REV. C
AD595ADZ AD-AD595ADZ Datasheet
131Kb / 8P
   Monolithic Thermocouple Amplifiers with Cold Junction Compensation
REV. C
AD595ADZ AD-AD595ADZ Datasheet
146Kb / 8P
   Monolithic Thermocouple Amplifiers with Cold Junction Compensation
REV. C
AD594ADZ AD-AD594ADZ Datasheet
131Kb / 8P
   Monolithic Thermocouple Amplifiers with Cold Junction Compensation
REV. C
AD594 AD-AD594 Datasheet
136Kb / 8P
   Monolithic Thermocouple Amplifiers with Cold Junction Compensation
REV. C
AD595 AD-AD595_15 Datasheet
140Kb / 8P
   Monolithic Thermocouple Amplifiers with Cold Junction Compensation
REV. C
AD8494 AD-AD8494 Datasheet
2Mb / 15P
   Thermocouple Amplifiers With Cold Junction Compensation
Rev. PrA
AD8494 AD-AD8494_18 Datasheet
508Kb / 16P
   Precision Thermocouple Amplifiers with Cold Junction Compensation
AD8494 AD-AD8494_1 Datasheet
493Kb / 16P
   Precision Thermocouple Amplifiers with Cold Junction Compensation
REV. 0
logo
Bi technologies
143-131A BITECH-143-131A Datasheet
388Kb / 3P
   COLD JUNCTION COMPENSATION MODULE
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com