Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXL343 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADXL343
Szczegółowy opis  Digital MEMS Accelerometer
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXL343 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADXL343 Datasheet HTML 5Page - Analog Devices ADXL343 Datasheet HTML 6Page - Analog Devices ADXL343 Datasheet HTML 7Page - Analog Devices ADXL343 Datasheet HTML 8Page - Analog Devices ADXL343 Datasheet HTML 9Page - Analog Devices ADXL343 Datasheet HTML 10Page - Analog Devices ADXL343 Datasheet HTML 11Page - Analog Devices ADXL343 Datasheet HTML 12Page - Analog Devices ADXL343 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Data Sheet
ADXL343
Rev. 0 | Page 9 of 36
TEMPERATURE (°C)
230
235
240
245
250
255
260
265
270
275
280
0
20
40
60
80
100
120
–40
–20
Figure 16. X-Axis Sensitivity vs. Temperature—
Eight Parts Soldered to PCB, VS = 3.3 V, Full Resolution
0
20
40
60
80
100
120
TEMPERATURE (°C)
230
235
240
245
250
255
260
265
270
275
280
–40
–20
Figure 17. Y-Axis Sensitivity vs. Temperature—
Eight Parts Soldered to PCB, VS = 3.3 V, Full Resolution
0
20
40
60
80
100
120
TEMPERATURE (°C)
230
235
240
245
250
255
260
265
270
275
280
–40
–20
Figure 18. Z-Axis Sensitivity vs. Temperature—
Eight Parts Soldered to PCB, VS = 3.3 V, Full Resolution
0
10
20
30
40
50
60
0.2
0.5
0.8
1.1
1.4
1.7
2.0
SELF-TEST RESPONSE (g)
Figure 19. X-Axis Self-Test Response at 25°C, VS = 2.5 V
0
10
20
30
40
50
60
–0.2
–0.5
–0.8
–1.1
–1.4
–1.7
–2.0
SELF-TEST RESPONSE (g)
Figure 20. Y-Axis Self-Test Response at 25°C, VS = 2.5 V
0
10
20
30
40
50
60
0.3
0.9
1.5
2.1
2.7
3.3
SELF-TEST RESPONSE (g)
Figure 21. Z-Axis Self-Test Response at 25°C, VS = 2.5 V


Podobny numer części - ADXL343

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL343 AD-ADXL343 Datasheet
649Kb / 36P
   3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g
Rev. PrA
More results

Podobny opis - ADXL343

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SignalQuest, Inc.
SQ-XLD SIGNALQUEST-SQ-XLD Datasheet
746Kb / 14P
   MEMS ACCELEROMETER
logo
STMicroelectronics
AN2579 STMICROELECTRONICS-AN2579 Datasheet
817Kb / 15P
   LIS302DL 3-axis digital MEMS accelerometer
AN2768 STMICROELECTRONICS-AN2768 Datasheet
821Kb / 17P
   LIS331DL 3-axis digital MEMS accelerometer
LIS3DHH STMICROELECTRONICS-LIS3DHH Datasheet
641Kb / 29P
   MEMS motion sensor three-axis digital output accelerometer
October 2017 Rev 3
logo
Analog Devices
ADXL373 AD-ADXL373 Datasheet
1Mb / 52P
   Micropower, 3-Axis, 짹400 g, Digital Output, MEMS Accelerometer
ADXL362 AD-ADXL362_13 Datasheet
1Mb / 44P
   Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
REV. B
logo
STMicroelectronics
AIS326DQ STMICROELECTRONICS-AIS326DQ Datasheet
662Kb / 49P
   MEMS inertial sensor 3-axis, low g accelerometer with digital output
H3LIS331DL STMICROELECTRONICS-H3LIS331DL Datasheet
796Kb / 38P
   MEMS motion sensor: low-power high-g 3-axis digital accelerometer
H3LIS200DL STMICROELECTRONICS-H3LIS200DL Datasheet
665Kb / 38P
   MEMS motion sensor: low-power high-g 3-axis digital accelerometer
logo
Analog Devices
ADXL1005 AD-ADXL1005 Datasheet
494Kb / 14P
   Low Noise, Wide Bandwidth, MEMS Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com