Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N3020B-1 Arkusz danych(PDF) 5 Page - Microsemi Corporation

Numer części 1N3020B-1
Szczegółowy opis  1 Watt Glass Case Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N3020B-1 Arkusz danych(HTML) 5 Page - Microsemi Corporation

  1N3020B-1 Datasheet HTML 1Page - Microsemi Corporation 1N3020B-1 Datasheet HTML 2Page - Microsemi Corporation 1N3020B-1 Datasheet HTML 3Page - Microsemi Corporation 1N3020B-1 Datasheet HTML 4Page - Microsemi Corporation 1N3020B-1 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
T4-LDS-0285, Rev. 1 (121794)
©2013 Microsemi Corporation
Page 5 of 5
1N3016B-1 – 1N3045B-1
PACKAGE DIMENSIONS
NOTES:
1.
Dimensions are in inches. Millimeters are given for general
information only.
2.
Package contour optional with BD and length BL. Heat slugs, if any,
shall be included within this cylinder length but shall not be subject to
minimum limit of BD.
3.
Within this zone lead, diameter may vary to allow for lead finishes
and irregularities other than heat slugs.
4.
In accordance with ASME Y14.5M, diameters are equivalent to
Φx
symbology.
DIMENSIONS
Ltr
INCH
MILLIMETERS
Notes
Min
Max
Min
Max
BD
0.080
0.107
2.03
2.72
2
BL
0.160
0.205
4.06
5.21
2
LD
0.028
0.034
0.71
0.86
LL
1.000
-
25.40
-
LU
-
0.050
-
1.27
3


Podobny numer części - 1N3020B-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Compensated Deuices Inc...
1N3020B CDI-DIODE-1N3020B Datasheet
21Kb / 2P
   1 WATT ZENER DIODES
logo
Microsemi Corporation
1N3020B MICROSEMI-1N3020B Datasheet
101Kb / 2P
   Silicon 1 WATT Zener Diodes
1N3020B MICROSEMI-1N3020B Datasheet
198Kb / 3P
   1 WATT METAL CASE ZENER DIODES
logo
New Jersey Semi-Conduct...
1N3020B NJSEMI-1N3020B Datasheet
230Kb / 2P
   SILICON 1 WATT ZENER DIODES
1N3020B NJSEMI-1N3020B Datasheet
85Kb / 1P
   Ref/Reg Diode, P(D) = 1W
More results

Podobny opis - 1N3020B-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
1N3016B MICROSEMI-1N3016B Datasheet
198Kb / 3P
   1 WATT METAL CASE ZENER DIODES
logo
America Semiconductor, ...
1N3016B AMERICASEMI-1N3016B Datasheet
712Kb / 2P
   1 Watt Metal Case Zener Diodes
logo
New Jersey Semi-Conduct...
1N4728A NJSEMI-1N4728A Datasheet
185Kb / 1P
   1 WATT HERMETICALLY SEALED GLASS SILICON ZENER DIODES
logo
Compensated Deuices Inc...
CDLL4728 CDI-DIODE-CDLL4728 Datasheet
112Kb / 2P
   1 WATT ZENER DIODES
1N3016B CDI-DIODE-1N3016B Datasheet
21Kb / 2P
   1 WATT ZENER DIODES
CDLL3016B CDI-DIODE-CDLL3016B Datasheet
23Kb / 2P
   1 WATT ZENER DIODES
logo
Microsemi Corporation
JAN1N4958 MICROSEMI-JAN1N4958 Datasheet
95Kb / 2P
   5 WATT GLASS ZENER DIODES
logo
Digitron Semiconductors
1N4954 DIGITRON-1N4954 Datasheet
200Kb / 3P
   5 WATT GLASS ZENER DIODES
logo
Microsemi Corporation
1N4954 MICROSEMI-1N4954 Datasheet
83Kb / 4P
   5 WATT GLASS ZENER DIODES
1N4460 MICROSEMI-1N4460 Datasheet
64Kb / 2P
   1.5 WATT GLASS ZENER DIODES
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com