Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD2S82AKP Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD2S82AKP
Szczegółowy opis  Variable Resolution, Monolithic Resolver-to-Digital Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD2S82AKP Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD2S82AKP Datasheet HTML 3Page - Analog Devices AD2S82AKP Datasheet HTML 4Page - Analog Devices AD2S82AKP Datasheet HTML 5Page - Analog Devices AD2S82AKP Datasheet HTML 6Page - Analog Devices AD2S82AKP Datasheet HTML 7Page - Analog Devices AD2S82AKP Datasheet HTML 8Page - Analog Devices AD2S82AKP Datasheet HTML 9Page - Analog Devices AD2S82AKP Datasheet HTML 10Page - Analog Devices AD2S82AKP Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD2S81A/AD2S82A
REV. B
–7–
HARMONIC DISTORTION
The amount of harmonic distortion allowable on the signal and
reference lines is 10%.
Square waveforms can be used but the input levels should be
adjusted so that the average value is 1.9 V rms. (For example, a
square wave should be 1.9 V peak). Triangular and sawtooth
waveforms should have a amplitude of 2 V rms.
Note: The figure specified of 10% harmonic distortion is for
calibration convenience only.
POSITION OUTPUT
The resolver shaft position is represented at the converter out-
put by a natural binary parallel digital word.
As the digital position output of the converter passes through
the major carries, i.e., all “1s” to all “0s” or the converse, a
RIPPLE CLK logic output is initiated indicating that a revolu-
tion or a pitch of the input has been completed.
The direction of input rotation is indicated by the DIRECTION
(DIR) logic output. This direction data is always valid in ad-
vance of a RIPPLE CLK pulse and, as it is internally latched,
only changing state (1 LSB min change) with a corresponding
change in direction.
Both the RIPPLE CLK pulse and the DIR data are unaffected
by the application of the
INHIBIT.
The static positional accuracy quoted is the worst case error that
can occur over the full operating temperature excluding the
effects of offset signals at the INTEGRATOR I/P (which can be
trimmed out–see Figures 1a and 1b), and with the following
conditions: input signal amplitudes are within 10% of the
nominal; phase shift between signal and reference is less than
10 degrees.
These operating conditions are selected primarily to establish a
repeatable acceptance test procedure which can be traced to
national standards. In practice, the AD2S81A/AD2S82A can be
used well outside these operating conditions providing the above
points are observed.
VELOCITY SIGNAL
The tracking converter technique generates an internal signal at
the output of the integrator (the INTEGRATOR O/P pin) that
is proportional to the rate of change of the input angle. This is a
dc analog output referred to as the VELOCITY signal.
In many applications it is possible to use the velocity signal of
the AD2S81A/AD2S82A to replace a conventional
tachogenerator.
DC ERROR SIGNAL
The signal at the output of the phase-sensitive detector (DEMOD
O/P) is the signal to be nulled by the tracking loop and is, there-
fore, proportional to the error between the input angle and the
output digital angle. This is the dc error of the converter; and as
the converter is a type 2 servo loop, it will increase if the output
fails to track the input for any reason. It is an indication that the
input has exceeded the maximum tracking rate of the converter
or, due to some internal malfunction, the converter is unable to
reach a null. By connecting two external comparators, this volt-
age can be used as a “built-in test.”
CONVERTER RESOLUTION (AD2S82A ONLY)
Two major areas of the AD2S82A specification can be selected
by the user to optimize the total system performance. The reso-
lution of the digital output is set by the logic state of the inputs
SC1 and SC2 to be 10, 12, 14 or 16 bits and the dynamic char-
acteristics of bandwidth and tracking rate are selected by the
choice of external components.
The choice of the resolution will affect the values of R4 and R6
which scale the inputs to the integrator and the VCO, respec-
tively (see the Component Selection section). If the resolution is
changed, then new values of R4 and R6 must be switched into
the circuit.
Note: When changing resolution under dynamic conditions, do
it when the BUSY is low, i.e., when Data is not changing.
CONVERTER OPERATION
When connected in a circuit such as shown in Figure 1, the
AD2S81A/AD2S82A operates as a tracking resolver-to-digital
converter and forms a type 2 closed loop system. The output
will automatically follow the input for speeds up to the selected
maximum tracking rate. No convert command is necessary as
the conversion is automatically initiated by each LSB increment,
or decrement, of the input. Each LSB change of the converter
initiates a BUSY pulse.
The AD2S81A/AD2S82A is remarkably tolerant of input ampli-
tude and frequency variation because the conversion depends
only on the ratio of the input signals. Consequently there is no
need for accurate, stable oscillator to produce the reference
signal. The inclusion of the phase sensitive detector in the con-
version loop ensures a high immunity to signals that are not
coherent or are in quadrature with the reference signal.
SIGNAL CONDITIONING
The amplitude of the SINE and COSINE signal inputs should
be maintained within 10% of the nominal values if full perfor-
mance is required from the velocity signal.
The digital position output is relatively insensitive to amplitude
variation. Increasing the input signal levels by more than 10%
will result in a loss in accuracy due to internal overload. Reduc-
ing levels will result in a steady decline in accuracy. With the
signal levels at 50% of the correct value, the angular error will
increase to an amount equivalent to 1.3 LSB. At this level the
repeatability will also degrade to 2 LSB and the dynamic re-
sponse will also change, since the dynamic characteristics are
proportional to the signal level.
The AD2S81A/AD2S82A will not be damaged if the signal
inputs are applied to the converter without the power supplies
and/or the reference.
REFERENCE INPUT
The amplitude of the reference signal applied to the converter’s
input is not critical, but care should be taken to ensure it is kept
within the recommended operating limits.
The AD2S81A/AD2S82A will not be damaged if the reference
is supplied to the converter without the power supplies and/or
the signal inputs.


Podobny numer części - AD2S82AKP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD2S82AKP AD-AD2S82AKP Datasheet
207Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converters
REV. B
More results

Podobny opis - AD2S82AKP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD2S82A AD-AD2S82A_15 Datasheet
198Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converters
REV. B
AD2S81A AD-AD2S81A Datasheet
207Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converters
REV. B
AD2S81A AD-AD2S81A_15 Datasheet
198Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converters
REV. B
AD2S80ATDB AD-AD2S80ATDB Datasheet
188Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. B
AD2S80A AD-AD2S80A_00 Datasheet
188Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. B
AD2S80A AD-AD2S80A Datasheet
268Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. A
AD2S80A AD-AD2S80A_17 Datasheet
447Kb / 19P
   Variable Resolution, Monolithic Resolver-to-Digital Converter
AD2S82AHPZ AD-AD2S82AHPZ Datasheet
188Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. B
AD2S80A AD-AD2S80A_15 Datasheet
356Kb / 20P
   Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. C
AD2S83 AD-AD2S83_17 Datasheet
220Kb / 20P
   Variable Resolution, Resolver-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com