Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD724JR-REEL7 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD724JR-REEL7
Szczegółowy opis  RGB to NTSC/PAL Encoder
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD724JR-REEL7 Arkusz danych(HTML) 5 Page - Analog Devices

  AD724JR-REEL7 Datasheet HTML 1Page - Analog Devices AD724JR-REEL7 Datasheet HTML 2Page - Analog Devices AD724JR-REEL7 Datasheet HTML 3Page - Analog Devices AD724JR-REEL7 Datasheet HTML 4Page - Analog Devices AD724JR-REEL7 Datasheet HTML 5Page - Analog Devices AD724JR-REEL7 Datasheet HTML 6Page - Analog Devices AD724JR-REEL7 Datasheet HTML 7Page - Analog Devices AD724JR-REEL7 Datasheet HTML 8Page - Analog Devices AD724JR-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
REV. B
–5–
APL = 49.8%
525 LINE NTSC
NO FILTERING
SLOW CLAMP TO 0.00V
@ 6.63 s
s
060
10
20
30
40
50
SYNCHRONOUS
SYNC = SOURCE
FRAMES SELECTED : 1 2
1.0
0.5
–0.5
0.0
100
50
0
–50
Figure 2. Modulated Pulse and Bar, NTSC
s
1.0
0.5
–0.5
060
10
20
30
40
50
0.0
APL = 50.0%
625 LINE PAL
NO FILTERING
SLOW CLAMP TO 0.00V @ 6.72 s
ASYNCHRONOUS
SYNC = SOURCE
FRAMES SELECTED : 1 2 3 4
Figure 3. Modulated Pulse and Bar, PAL
RGB
3
75
75
COMPOSITE
VIDEO
COMPOSITE
SYNC
FSC
GENLOCK
TEKTRONIX
TSG 300
COMPONENT
VIDEO
WAVEFORM
GENERATOR
AD724
RGB TO
NTSC/PAL
ENCODER
TEKTRONIX
VM700A
WAVEFORM
MONITOR
TEKTRONIX
1910
COMPOSITE
VIDEO
WAVEFORM
GENERATOR
SONY
MONITOR
MODEL
1342
+5V
FIN
Figure 1. Evaluation Setup
Typical Performance Characteristics–AD724
s
1.0
0.5
–0.5
060
10
20
30
40
50
0.0
APL = 50.8%
525 LINE NTSC
NO FILTERING
SLOW CLAMP TO 0.00V @ 6.63 s
PRECISION MODE OFF
SYNCHRONOUS
SYNC = SOURCE
FRAMES SELECTED : 1 2
100
50
0
–50
Figure 4. 100% Color Bars, NTSC
s
1.0
0.5
–0.5
060
10
20
30
40
50
0.0
APL = 50.6%
625 LINE PAL
NO FILTERING
SLOW CLAMP TO 0.00V @ 6.72 s
ASYNCHRONOUS
SYNC = SOURCE
FRAMES SELECTED : 1 2 3 4
Figure 5. 100% Color Bars, PAL


Podobny numer części - AD724JR-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD724JR-REEL7 AD-AD724JR-REEL7 Datasheet
205Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
More results

Podobny opis - AD724JR-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD722 AD-AD722 Datasheet
363Kb / 12P
   RGB to NTSC/PAL Encoder
REV. 0
AD724 AD-AD724_15 Datasheet
209Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
AD724 AD-AD724 Datasheet
205Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
logo
Rohm
BU1424K ROHM-BU1424K Datasheet
273Kb / 30P
   NTSC / PAL digital RGB encoder
logo
Samsung semiconductor
KA2198BD SAMSUNG-KA2198BD Datasheet
103Kb / 6P
   RGB ENCODER FOR PAL/NTSC
logo
Rohm
BU1425AK ROHM-BU1425AK Datasheet
307Kb / 32P
   NTSC / PAL digital RGB encoder
logo
Motorola, Inc
MC1377 MOTOROLA-MC1377 Datasheet
647Kb / 18P
   COLOR TELEVISION RGB to PAL/NTSC ENCODER
logo
List of Unclassifed Man...
BT856 ETC-BT856 Datasheet
621Kb / 54P
   YCrCb or RGB to NTSC/PAL Digital Video Encoder
logo
Analog Devices
AD720 AD-AD720 Datasheet
146Kb / 8P
   RGB to NTSC/PAL Encoders
REV. 0
AD720 AD-AD720_15 Datasheet
287Kb / 8P
   RGB to NTSC/PAL Encoders
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com