Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV00AS14-13 Arkusz danych(PDF) 7 Page - Diodes Incorporated

Numer części 74LV00AS14-13
Szczegółowy opis  QUADRUPLE 2-INPUT NAND GATES
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LV00AS14-13 Arkusz danych(HTML) 7 Page - Diodes Incorporated

  74LV00AS14-13 Datasheet HTML 1Page - Diodes Incorporated 74LV00AS14-13 Datasheet HTML 2Page - Diodes Incorporated 74LV00AS14-13 Datasheet HTML 3Page - Diodes Incorporated 74LV00AS14-13 Datasheet HTML 4Page - Diodes Incorporated 74LV00AS14-13 Datasheet HTML 5Page - Diodes Incorporated 74LV00AS14-13 Datasheet HTML 6Page - Diodes Incorporated 74LV00AS14-13 Datasheet HTML 7Page - Diodes Incorporated 74LV00AS14-13 Datasheet HTML 8Page - Diodes Incorporated 74LV00AS14-13 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
74LV00A
Document number: DS35657 Rev. 1 - 2
7 of 9
www.diodes.com
October 2013
© Diodes Incorporated
74LV00A
Package Outline Dimensions (All Dimensions in mm)
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
Package Type: SO-14
Package Type: TSSOP-14
SO-14
Dim
Min
Max
A
1.47
1.73
A1
0.10
0.25
A2
1.45 Typ
B
0.33
0.51
D
8.53
8.74
E
3.80
3.99
e
1.27 Typ
H
5.80
6.20
L
0.38
1.27

0
8
All Dimensions in mm
TSSOP-14
Dim
Min
Max
a1
7° (4X)
a2
0
A
4.9
5.10
B
4.30
4.50
C

1.2
D
0.8
1.05
F
1.00 Typ
F1
0.45
0.75
G
0.65 Typ
K
0.19
0.30
L
6.40 Typ
All Dimensions in mm
G
L
A
K
a1
D
C
F
F1
Pin#1Indent
Detail ‘A’
Detail ‘A’
Gauge Plane
Seating Plane
B
E
H
A
A2
e
D
A1
L
Gauge Plane
Detail “A”
Detail “A”
7°(4
x)
B


Podobny numer części - 74LV00AS14-13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
74LV00AS14 DIODES-74LV00AS14 Datasheet
275Kb / 9P
   QUADRUPLE 2-INPUT AND GATES
More results

Podobny opis - 74LV00AS14-13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
74AHCT00 DIODES-74AHCT00 Datasheet
288Kb / 8P
   QUADRUPLE 2-INPUT NAND GATES
logo
Renesas Technology Corp
HD74LS00 RENESAS-HD74LS00 Datasheet
65Kb / 6P
   Quadruple 2-Input NAND Gates
logo
Diodes Incorporated
74LVC00A DIODES-74LVC00A Datasheet
183Kb / 9P
   QUADRUPLE 2-INPUT NAND GATES
logo
Aeroflex Circuit Techno...
UT54ACS00 AEROFLEX-UT54ACS00 Datasheet
230Kb / 9P
   Quadruple 2-Input NAND Gates
UT54ACTS00E AEROFLEX-UT54ACTS00E Datasheet
207Kb / 9P
   Quadruple 2-Input NAND Gates
logo
Diodes Incorporated
74HC00 DIODES-74HC00 Datasheet
299Kb / 8P
   QUADRUPLE 2-INPUT NAND GATES
logo
Renesas Technology Corp
HD74LS00 RENESAS-HD74LS00_15 Datasheet
94Kb / 8P
   Quadruple 2-Input NAND Gates
logo
Aeroflex Circuit Techno...
UT54ACS00E AEROFLEX-UT54ACS00E Datasheet
414Kb / 8P
   Quadruple 2-Input NAND Gates
logo
Diodes Incorporated
74AHC00 DIODES-74AHC00 Datasheet
294Kb / 8P
   QUADRUPLE 2-INPUT NAND GATES
74HCT00 DIODES-74HCT00 Datasheet
305Kb / 8P
   QUADRUPLE 2-INPUT NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com