Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV00AS14-13 Arkusz danych(PDF) 4 Page - Diodes Incorporated

Numer części 74LV00AS14-13
Szczegółowy opis  QUADRUPLE 2-INPUT NAND GATES
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LV00AS14-13 Arkusz danych(HTML) 4 Page - Diodes Incorporated

  74LV00AS14-13 Datasheet HTML 1Page - Diodes Incorporated 74LV00AS14-13 Datasheet HTML 2Page - Diodes Incorporated 74LV00AS14-13 Datasheet HTML 3Page - Diodes Incorporated 74LV00AS14-13 Datasheet HTML 4Page - Diodes Incorporated 74LV00AS14-13 Datasheet HTML 5Page - Diodes Incorporated 74LV00AS14-13 Datasheet HTML 6Page - Diodes Incorporated 74LV00AS14-13 Datasheet HTML 7Page - Diodes Incorporated 74LV00AS14-13 Datasheet HTML 8Page - Diodes Incorporated 74LV00AS14-13 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
74LV00A
Document number: DS35657 Rev. 1 - 2
4 of 9
www.diodes.com
October 2013
© Diodes Incorporated
74LV00A
Switching Characteristics
Symbol
Parameter
Test
Conditions
VCC
TA = +25°C
-40°C to +85°C
-40°C to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tPD
Propagation
Delay AN to YN
Figure 1
CL = 15pF
2.5V ± 0.2V
7.1
12.9
1
15
1
16
ns
3.3V ± 0.3V
5
7.9
1
9.5
1
10.5
5.0V ± 0.5V
3.6
5.5
1
6.5
1
7.5
Figure 1
CL = 50pF
2.5V ± 0.2V
9.6
16.6
1
20
1
21
ns
3.3V ± 0.3V
6.9
11.4
1
13
1
14
5.0V ± 0.5V
4.9
7.5
1
8.5
1
9.5
Operating Characteristics
TA = +25°C
Parameter
Test
Conditions
VCC
Typ
Unit
Cpd
Power Dissipation
Capacitance per Gate
F = 10 MHz
CL = 50pF
3.3V
9.5
pF
5.0V
11
Noise Characteristics
VCC = 3V, CL = 50pF, TA = +25°C
Symbol
Parameter
Min
Typ
Max
Unit
VOL(p)
Quiet output, maximum dynamic VOL
0.2
0.8
V
VOL(V)
Quiet output, minimum dynamic VOL
-0.1
-0.8
V
VOH(V)
Quiet output, minimum dynamic VOH
3.1
V
VIH(D)
High Level dynamic input voltage
2.31
V
VIL(D)
Low Level dynamic input voltage
0.99
V
Package Characteristics
Symbol
Parameter
Test Conditions
VCC
Min
Typ
Max
Unit
Ci
Input Capacitance
Vi = VCC – or GND
2.0 to 5.5V
3.3
10
pF


Podobny numer części - 74LV00AS14-13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
74LV00AS14 DIODES-74LV00AS14 Datasheet
275Kb / 9P
   QUADRUPLE 2-INPUT AND GATES
More results

Podobny opis - 74LV00AS14-13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
74AHCT00 DIODES-74AHCT00 Datasheet
288Kb / 8P
   QUADRUPLE 2-INPUT NAND GATES
logo
Renesas Technology Corp
HD74LS00 RENESAS-HD74LS00 Datasheet
65Kb / 6P
   Quadruple 2-Input NAND Gates
logo
Diodes Incorporated
74LVC00A DIODES-74LVC00A Datasheet
183Kb / 9P
   QUADRUPLE 2-INPUT NAND GATES
logo
Aeroflex Circuit Techno...
UT54ACS00 AEROFLEX-UT54ACS00 Datasheet
230Kb / 9P
   Quadruple 2-Input NAND Gates
UT54ACTS00E AEROFLEX-UT54ACTS00E Datasheet
207Kb / 9P
   Quadruple 2-Input NAND Gates
logo
Diodes Incorporated
74HC00 DIODES-74HC00 Datasheet
299Kb / 8P
   QUADRUPLE 2-INPUT NAND GATES
logo
Renesas Technology Corp
HD74LS00 RENESAS-HD74LS00_15 Datasheet
94Kb / 8P
   Quadruple 2-Input NAND Gates
logo
Aeroflex Circuit Techno...
UT54ACS00E AEROFLEX-UT54ACS00E Datasheet
414Kb / 8P
   Quadruple 2-Input NAND Gates
logo
Diodes Incorporated
74AHC00 DIODES-74AHC00 Datasheet
294Kb / 8P
   QUADRUPLE 2-INPUT NAND GATES
74HCT00 DIODES-74HCT00 Datasheet
305Kb / 8P
   QUADRUPLE 2-INPUT NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com