Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV00AT14-13 Arkusz danych(PDF) 1 Page - Diodes Incorporated

Numer części 74LV00AT14-13
Szczegółowy opis  QUADRUPLE 2-INPUT NAND GATES
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LV00AT14-13 Arkusz danych(HTML) 1 Page - Diodes Incorporated

  74LV00AT14-13 Datasheet HTML 1Page - Diodes Incorporated 74LV00AT14-13 Datasheet HTML 2Page - Diodes Incorporated 74LV00AT14-13 Datasheet HTML 3Page - Diodes Incorporated 74LV00AT14-13 Datasheet HTML 4Page - Diodes Incorporated 74LV00AT14-13 Datasheet HTML 5Page - Diodes Incorporated 74LV00AT14-13 Datasheet HTML 6Page - Diodes Incorporated 74LV00AT14-13 Datasheet HTML 7Page - Diodes Incorporated 74LV00AT14-13 Datasheet HTML 8Page - Diodes Incorporated 74LV00AT14-13 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
74LV00A
Document number: DS35657 Rev. 1 - 2
1 of 9
www.diodes.com
October 2013
© Diodes Incorporated
74LV00A
QUADRUPLE 2-INPUT NAND GATES
Description
The 74LV00A provides provides four independent 2-input NAND
gates with standard push-pull outputs. The device is designed for
operation with a power supply range of 2.0V to 5.5V.
The inputs are tolerant to 5.5V allowing this device to be used in a
mixed voltage environment. The device is fully specified for partial
power down applications using IOFF. The IOFF circuitry disables the
output preventing damaging current backflow when the device is
powered down.
The gates perform the Boolean function:
B
A
Y
or
B
A
Y
Features
Wide Supply Voltage Range from 2.0V to 5.5V
Sinks or sources 12mA at VCC = 4.5V
CMOS low power consumption
IOFF Supports Partial -Power Down Operation
Inputs or Outputs accept up to 5.5V
Inputs can be driven by 3.3V or 5V allowing for voltage
translation applications.
Schmitt Trigger Action at All Inputs
ESD Protection Tested per JESD 22
Exceeds 200-V Machine Model (A115)
Exceeds 2000-V Human Body Model (A114)
Exceeds 1000-V Charged Device Model (C101)
Latch-Up Exceeds 100mA per JESD 78, Class I
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
Applications
General Purpose Logic
Power Down Signal Isolation
Wide array of products such as:
PCs, networking, notebooks, ultrabooks, netbooks
Computer peripherals, hard drives, CD/DVD ROM
TV, DVD, DVR, set top box
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free,
"Green" and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl)
and <1000ppm antimony compounds.
Click for Ordering Information


Podobny numer części - 74LV00AT14-13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
74LV00AT14 DIODES-74LV00AT14 Datasheet
275Kb / 9P
   QUADRUPLE 2-INPUT AND GATES
More results

Podobny opis - 74LV00AT14-13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
74AHCT00 DIODES-74AHCT00 Datasheet
288Kb / 8P
   QUADRUPLE 2-INPUT NAND GATES
logo
Renesas Technology Corp
HD74LS00 RENESAS-HD74LS00 Datasheet
65Kb / 6P
   Quadruple 2-Input NAND Gates
logo
Diodes Incorporated
74LVC00A DIODES-74LVC00A Datasheet
183Kb / 9P
   QUADRUPLE 2-INPUT NAND GATES
logo
Aeroflex Circuit Techno...
UT54ACS00 AEROFLEX-UT54ACS00 Datasheet
230Kb / 9P
   Quadruple 2-Input NAND Gates
UT54ACTS00E AEROFLEX-UT54ACTS00E Datasheet
207Kb / 9P
   Quadruple 2-Input NAND Gates
logo
Diodes Incorporated
74HC00 DIODES-74HC00 Datasheet
299Kb / 8P
   QUADRUPLE 2-INPUT NAND GATES
logo
Renesas Technology Corp
HD74LS00 RENESAS-HD74LS00_15 Datasheet
94Kb / 8P
   Quadruple 2-Input NAND Gates
logo
Aeroflex Circuit Techno...
UT54ACS00E AEROFLEX-UT54ACS00E Datasheet
414Kb / 8P
   Quadruple 2-Input NAND Gates
logo
Diodes Incorporated
74AHC00 DIODES-74AHC00 Datasheet
294Kb / 8P
   QUADRUPLE 2-INPUT NAND GATES
74HCT00 DIODES-74HCT00 Datasheet
305Kb / 8P
   QUADRUPLE 2-INPUT NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com