Zakładka z wyszukiwarką danych komponentów |
|
74LV00AT14-13 Arkusz danych(PDF) 2 Page - Diodes Incorporated |
|
74LV00AT14-13 Arkusz danych(HTML) 2 Page - Diodes Incorporated |
2 / 9 page 74LV00A Document number: DS35657 Rev. 1 - 2 2 of 9 www.diodes.com October 2013 © Diodes Incorporated 74LV00A Pin Descriptions Pin Number Pin Name Description 1 1A Data Input 2 1B Data Input 3 1Y Data Output 4 2A Data Input 5 2B Data Input 6 2Y Data Output 7 GND Ground 8 3Y Data Output 9 3A Data Input 10 3B Data Input 11 4Y Data Output 12 4A Data Input 13 4B Data Input 14 VCC Supply Voltage Function Table Inputs Output A B Y H H L L X H X L H Logic Diagram Absolute Maximum Ratings (Note 4) (@TA = +25°C, unless otherwise specified.) Symbol Parameter Rating Unit ESD HBM Human Body Model ESD Protection 2 kV ESD CDM Charged Device Model ESD Protection 1 kV ESD MM Machine Model ESD Protection 200 V VCC Supply Voltage Range -0.5 to +7.0 V VI Input Voltage Range note 4 -0.5 to +7.0 V IIK Input Clamp Current VI < 0V -20 mA IOK Output Clamp Current VO < -0V -50 mA IO Continuous Output Current - 0.5V < VO VCC +0.5V ±25 mA ICC Continuous Current Through VCC 50 mA IGND Continuous Current Through GND -50 mA TJ Operating Junction Temperature -40 to +150 °C TSTG Storage Temperature -65 to +150 °C PTOT Total Power Dissipation 500 mW Note: 4. Stresses beyond the absolute maximum may result in immediate failure or reduced reliability. These are stress values and device operation should be within recommend values. |
Podobny numer części - 74LV00AT14-13 |
|
Podobny opis - 74LV00AT14-13 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |