Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV00AT14-13 Arkusz danych(PDF) 3 Page - Diodes Incorporated

Numer części 74LV00AT14-13
Szczegółowy opis  QUADRUPLE 2-INPUT NAND GATES
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LV00AT14-13 Arkusz danych(HTML) 3 Page - Diodes Incorporated

  74LV00AT14-13 Datasheet HTML 1Page - Diodes Incorporated 74LV00AT14-13 Datasheet HTML 2Page - Diodes Incorporated 74LV00AT14-13 Datasheet HTML 3Page - Diodes Incorporated 74LV00AT14-13 Datasheet HTML 4Page - Diodes Incorporated 74LV00AT14-13 Datasheet HTML 5Page - Diodes Incorporated 74LV00AT14-13 Datasheet HTML 6Page - Diodes Incorporated 74LV00AT14-13 Datasheet HTML 7Page - Diodes Incorporated 74LV00AT14-13 Datasheet HTML 8Page - Diodes Incorporated 74LV00AT14-13 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
74LV00A
Document number: DS35657 Rev. 1 - 2
3 of 9
www.diodes.com
October 2013
© Diodes Incorporated
74LV00A
Recommended Operating Conditions (Note 5) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
Supply Voltage
2.0
5.5
V
VI
Input Voltage
0
5.5
V
VO
Output Voltage
0
VCC
V
IOH
High-Level Output Current
2.0V
-50
mA
2.3V to 2.7V
-2
μA
3.0V to 3.6V
-6
mA
4.5V to 5.5V
-12
mA
IOL
Low-Level Output Current
2.0V
50
μA
2.3V to 2.7V
2
mA
3.0V to 3.6V
6
mA
4.5V to 5.5V
12
mA
Δt/ΔV
Input Transition Rise or Fall
Rate
2.3V to 2.7V
200
ns/V
3.0V to 3.6V
100
4.5V to 5.5V
20
TA
Operating Free-Air
Temperature
-40
+125
°C
Note:
5. Unused inputs should be held at VCC or Ground.
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
VCC
TA = -40°C to +85°C
TA = -40°C to +125°C
Unit
Min
Max
Min
Max
VIH
High-Level Input
Voltage
2.0V
1.5
1.5
V
2.3V to 2.7V
VCC X 0.7
VCC X 0.7
3.0V to 3.6V
VCC X 0.7
VCC X 0.7
4.5V to 5.5V
VCC X 0.7
VCC X 0.7
VIL
Low-Level Input
Voltage
2.0V
0.5
0.5
V
2.3V to 2.7V
VCC X 0.3
VCC X 0.3
3.0V to 3.6V
VCC X 0.3
VCC X 0.3
4.5V to 5.5V
VCC X 0.3
VCC X 0.3
VOH
High-Level
Output Voltage
IOH = -50μA
2.0V to 5.5V
VCC-0.1
VCC-0.1
V
IOH = -2mA
2.3V
2.0
2.0
IOH = -6mA
3.0V
2.48
2.48
IOH = -12mA
4.5V
3.8
3.8
VOL
Low-Level
Output Voltage
IOL = 50μA
2.0V to 5.5V
0.1
0.1
V
IOL = 2mA
2.3V
0.4
0.4
IOL = 6mA
3.0V
0.44
0.44
IOL = 12mA
4.5V
0.55
0.55
IOFF
Power Down
Leakage Current VI or VO = 0 to 5.5V
0V
5
5
μA
II
Input Current
VI = GND or 5.5V
0 to 5.5V
±1
±1
μA
ICC
Supply Current
VI = GND or VCC
IO = 0
5.5V
20
20
μA


Podobny numer części - 74LV00AT14-13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
74LV00AT14 DIODES-74LV00AT14 Datasheet
275Kb / 9P
   QUADRUPLE 2-INPUT AND GATES
More results

Podobny opis - 74LV00AT14-13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
74AHCT00 DIODES-74AHCT00 Datasheet
288Kb / 8P
   QUADRUPLE 2-INPUT NAND GATES
logo
Renesas Technology Corp
HD74LS00 RENESAS-HD74LS00 Datasheet
65Kb / 6P
   Quadruple 2-Input NAND Gates
logo
Diodes Incorporated
74LVC00A DIODES-74LVC00A Datasheet
183Kb / 9P
   QUADRUPLE 2-INPUT NAND GATES
logo
Aeroflex Circuit Techno...
UT54ACS00 AEROFLEX-UT54ACS00 Datasheet
230Kb / 9P
   Quadruple 2-Input NAND Gates
UT54ACTS00E AEROFLEX-UT54ACTS00E Datasheet
207Kb / 9P
   Quadruple 2-Input NAND Gates
logo
Diodes Incorporated
74HC00 DIODES-74HC00 Datasheet
299Kb / 8P
   QUADRUPLE 2-INPUT NAND GATES
logo
Renesas Technology Corp
HD74LS00 RENESAS-HD74LS00_15 Datasheet
94Kb / 8P
   Quadruple 2-Input NAND Gates
logo
Aeroflex Circuit Techno...
UT54ACS00E AEROFLEX-UT54ACS00E Datasheet
414Kb / 8P
   Quadruple 2-Input NAND Gates
logo
Diodes Incorporated
74AHC00 DIODES-74AHC00 Datasheet
294Kb / 8P
   QUADRUPLE 2-INPUT NAND GATES
74HCT00 DIODES-74HCT00 Datasheet
305Kb / 8P
   QUADRUPLE 2-INPUT NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com