Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7226KN Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD7226KN
Szczegółowy opis  LC2MOS Quad 8-Bit D/A Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7226KN Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD7226KN Datasheet HTML 6Page - Analog Devices AD7226KN Datasheet HTML 7Page - Analog Devices AD7226KN Datasheet HTML 8Page - Analog Devices AD7226KN Datasheet HTML 9Page - Analog Devices AD7226KN Datasheet HTML 10Page - Analog Devices AD7226KN Datasheet HTML 11Page - Analog Devices AD7226KN Datasheet HTML 12Page - Analog Devices AD7226KN Datasheet HTML 13Page - Analog Devices AD7226KN Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV.
–10–
AD7226
DAC A
VREF
VDD
DGND
AGND
VSS
VOUTA
AD7226*
*DIGITAL INPUTS OMITTED FOR CLARITY
5
VBIAS
Figure 10. AGND Bias Circuit
For a given VIN, increasing AGND above system GND will
reduce the effective VDD–VREF which must be at least 4 V to
ensure specified operation. Note that because the AGND pin is
common to all four DACs, this method biases up the output
voltages of all the DACs in the AD7226. Note that VDD and VSS
of the AD7226 should be referenced to DGND.
3-PHASE SINE WAVE
The circuit of Figure 11 shows an application of the AD7226 in
the generation of 3-phase sine waves which can be used to con-
trol small 3-phase motors. The proper codes for synthesizing a
full sine wave are stored in EPROM, with the required phase-
shift of 120
∞ between the three D/A converter outputs being
generated in software.
Data is loaded into the three D/A converters from the sine
EPROM via the microprocessor or control logic. Three loops are
generated in software with each D/A converter being loaded
from a separate loop. The loops run through the look-up table
producing successive triads of sinusoidal values with 120
separation which are loaded to the D/A converters producing
three sine wave voltages 120
∞ apart. A complete sine wave
cycle is generated by stepping through the full look-up table.
If a 256-element sine wave table is used then the resolution of
the circuit will be 1.4
∞ (360∞/256). Figure 13 shows typical
resulting waveforms. The sine waves can be smoothed by filter-
ing the D/A converter outputs.
The fourth D/A converter of the AD7226, DAC D, may be
used in a feedback configuration to provide a programmable
reference voltage for itself and the other three converters. This
configuration is shown in Figure 11. The relationship of VREF to
VIN is dependent upon digital code and upon the ratio of RF to
R and is given by the formula.
V
G
GD
V
REF
D
IN
=
+
()
() ¥
1
1
(6)
where G = RF/R
and DD is a fractional representation of the digital word in latch D.
Alternatively, for a given VIN and resistance ratio, the required
value of DD for a given value of VREF can be determined from
the expression
DR R
V
V
R
R
DF
IN
REF
F
=+
()¥
1
/–
(7)
Figure 12 shows typical plots of VREF versus digital code for
three different values of RF. With VIN = 2.5 V and RF = 3 R the
peak-to-peak sine wave voltage from the converter outputs will
vary between 2.5 V and 10 V over the digital input code range
of 0 to 255.
DIGITAL CODE (Decimal Equivalent)
4.0 V IN
0
16 32 48 64 80 96 112 128 144 160 176 192 208 224 240 256
3.5 V IN
3.0 V IN
2.5 V IN
2.0 V IN
1.5 V IN
VIN
RF = 3R
RF = 2R
RF = R
VDD = +15 V
VSS = –5 V
Figure 12. Variation of VREF with Feedback Configuration
VREF
VOUTA
WR
A1
A0
VOUTB
VOUTC
VOUTD
AD7226
DATA
BUS
ADDRESS
BUS
MICROPROCESSOR
OR
CONTROL LOGIC
SINE
EPROM
ADDRESS
DECODE
VIN
RF
R
Figure 11. 3-Phase Sine Wave Generation Circuit
VOUTA
VOUTB
VOUTC
Figure 13. 3-Phase Sine Wave Output
D


Podobny numer części - AD7226KN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7226KN AD-AD7226KN Datasheet
247Kb / 12P
   LC2MOS Quad 8-Bit D/A Converter
REV. A
AD7226KN AD-AD7226KN Datasheet
493Kb / 17P
   LC2MOS Quad 8-Bit D/A Converter
AD7226KNZ AD-AD7226KNZ Datasheet
493Kb / 17P
   LC2MOS Quad 8-Bit D/A Converter
More results

Podobny opis - AD7226KN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7226 AD-AD7226_17 Datasheet
493Kb / 17P
   LC2MOS Quad 8-Bit D/A Converter
AD7226 AD-AD7226 Datasheet
247Kb / 12P
   LC2MOS Quad 8-Bit D/A Converter
REV. A
AD7701 AD-AD7701 Datasheet
312Kb / 16P
   LC2MOS 16-Bit A/D Converter
REV. D
AD7701 AD-AD7701_17 Datasheet
319Kb / 21P
   LC2MOS 16-Bit A/D Converter
AD7703 AD-AD7703 Datasheet
251Kb / 16P
   LC2MOS 20-Bit A/D Converter
REV. D
AD7226 AD-AD7226_15 Datasheet
423Kb / 16P
   LC MOS Quad 8-Bit D/A Converter
REV. D
AD7111 AD-AD7111 Datasheet
175Kb / 8P
   LC2MOS LOGDAC Logarithmic D/A Converter
REV. 0
logo
Zarlink Semiconductor I...
ZN425E8 ZARLINK-ZN425E8 Datasheet
244Kb / 8P
   8-BIT D-A/A-D CONVERTER
logo
Analog Devices
AD75004 AD-AD75004 Datasheet
102Kb / 4P
   Quad 12-Bit D/A Converter
REV. A
logo
List of Unclassifed Man...
ES52110 ETC-ES52110 Datasheet
203Kb / 15P
   8-bit D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com