Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7226KN Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD7226KN
Szczegółowy opis  LC2MOS Quad 8-Bit D/A Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7226KN Arkusz danych(HTML) 3 Page - Analog Devices

  AD7226KN Datasheet HTML 1Page - Analog Devices AD7226KN Datasheet HTML 2Page - Analog Devices AD7226KN Datasheet HTML 3Page - Analog Devices AD7226KN Datasheet HTML 4Page - Analog Devices AD7226KN Datasheet HTML 5Page - Analog Devices AD7226KN Datasheet HTML 6Page - Analog Devices AD7226KN Datasheet HTML 7Page - Analog Devices AD7226KN Datasheet HTML 8Page - Analog Devices AD7226KN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV.
AD7226
–3–
SINGLE SUPPLY
Parameter
K, B Versions
2
Unit
Conditions/Comments
STATIC PERFORMANCE
Resolution
8
Bits
Total Unadjusted Error
±2LSB max
Differential Nonlinearity
±1LSB max
Guaranteed Monotonic
REFERENCE INPUT
Input Resistance
2
k
W min
Input Capacitance
3
50
pF min
Occurs when each DAC is loaded with all 0s.
200
pF max
Occurs when each DAC is loaded with all 1s.
DIGITAL INPUTS
Input High Voltage, VINH
2.4
V min
Input Low Voltage, VINL
0.8
V max
Input Leakage Current
±1
mA max
VIN = 0 V or VDD
Input Capacitance
8
pF max
Input Coding
Binary
DYNAMIC PERFORMANCE
Voltage Output Slew Rate
4
2V/
ms min
Voltage Output Settling Time
4
4
ms max
Settling Time to
±1/2 LSB
Digital Crosstalk
10
nV secs typ
Minimum Load Resistance
2
k
W min
VOUT = +10 V
POWER SUPPLIES
VDD Range
14.25/15.75
V min/V max
For Specified Performance
IDD
13
mA max
Outputs Unloaded; VIN = VINL or VINH
NOTES
1Maximum possible reference voltage.
2Temperature ranges are as follows:
K Version: –40
∞C to +85∞C
B Version: –40
∞C to +85∞C
3Guaranteed by design. Not production tested.
4Sample Tested at 25
∞C to ensure compliance.
Specifications subject to change without notice.
(VDD = 15 V
5%, VSS = AGND = DGND = O V; VREF = 10 V
1 unless otherwise noted.
All specifications TMIN to TMAX unless otherwise noted.)
ABSOLUTE MAXIMUM RATINGS
1
VDD to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, +17 V
VDD to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, +17 V
VSS to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –7 V, VDD
VSS to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –7 V, VDD
VDD to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, +24 V
AGND to DGND . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, VDD
Digital Input Voltage to DGND . . . . . . . –0.3 V, VDD + 0.3 V
VREF to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, VDD
VOUT to AGND
2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . VSS, VDD
Power Dissipation (Any Package) to 75
∞C . . . . . . . . . . 500 mW
Derates above 75
∞C by . . . . . . . . . . . . . . . . . . . . . 2.0 mW/∞C
Operating Temperature
Commercial (K Version) . . . . . . . . . . . . . . . –40
∞C to +85∞C
Industrial (B Version) . . . . . . . . . . . . . . . . . –40
∞C to +85∞C
Storage Temperature . . . . . . . . . . . . . . . . . . . –65
∞C to +150∞C
Lead Temperature (Soldering, 10 secs) . . . . . . . . . . . . . 300
∞C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only, functional operation of the
device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Outputs may be shorted to AGND provided that the power dissipation of the
package is not exceeded. Typically short circuit current to AGND is 50 mA.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD7226 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
4
o
f
1
4
D


Podobny numer części - AD7226KN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7226KN AD-AD7226KN Datasheet
247Kb / 12P
   LC2MOS Quad 8-Bit D/A Converter
REV. A
AD7226KN AD-AD7226KN Datasheet
493Kb / 17P
   LC2MOS Quad 8-Bit D/A Converter
AD7226KNZ AD-AD7226KNZ Datasheet
493Kb / 17P
   LC2MOS Quad 8-Bit D/A Converter
More results

Podobny opis - AD7226KN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7226 AD-AD7226_17 Datasheet
493Kb / 17P
   LC2MOS Quad 8-Bit D/A Converter
AD7226 AD-AD7226 Datasheet
247Kb / 12P
   LC2MOS Quad 8-Bit D/A Converter
REV. A
AD7701 AD-AD7701 Datasheet
312Kb / 16P
   LC2MOS 16-Bit A/D Converter
REV. D
AD7701 AD-AD7701_17 Datasheet
319Kb / 21P
   LC2MOS 16-Bit A/D Converter
AD7703 AD-AD7703 Datasheet
251Kb / 16P
   LC2MOS 20-Bit A/D Converter
REV. D
AD7226 AD-AD7226_15 Datasheet
423Kb / 16P
   LC MOS Quad 8-Bit D/A Converter
REV. D
AD7111 AD-AD7111 Datasheet
175Kb / 8P
   LC2MOS LOGDAC Logarithmic D/A Converter
REV. 0
logo
Zarlink Semiconductor I...
ZN425E8 ZARLINK-ZN425E8 Datasheet
244Kb / 8P
   8-BIT D-A/A-D CONVERTER
logo
Analog Devices
AD75004 AD-AD75004 Datasheet
102Kb / 4P
   Quad 12-Bit D/A Converter
REV. A
logo
List of Unclassifed Man...
ES52110 ETC-ES52110 Datasheet
203Kb / 15P
   8-bit D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com