Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7226KNZ Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD7226KNZ
Szczegółowy opis  LC2MOS Quad 8-Bit D/A Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7226KNZ Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD7226KNZ Datasheet HTML 7Page - Analog Devices AD7226KNZ Datasheet HTML 8Page - Analog Devices AD7226KNZ Datasheet HTML 9Page - Analog Devices AD7226KNZ Datasheet HTML 10Page - Analog Devices AD7226KNZ Datasheet HTML 11Page - Analog Devices AD7226KNZ Datasheet HTML 12Page - Analog Devices AD7226KNZ Datasheet HTML 13Page - Analog Devices AD7226KNZ Datasheet HTML 14Page - Analog Devices AD7226KNZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
REV.
AD7226
–11–
STAIRCASE WINDOW COMPARATOR
In many test systems, it is important to be able to determine
whether some parameter lies within defined limits. The staircase
window comparator of Figure 14a is a circuit that can be used,
for example, to measure the VOH and VOL thresholds of a TTL
device under test. Upper and lower limits on both VOH and VOL
can be programmably set using the AD7226. Each adjacent pair
of comparators forms a window of programmable size. If VTEST
lies within a window, then the output for that window will be
high. With a reference of 2.56 V applied to the VREF input, the
minimum window size is 10 mV.
VREF
VDD
AGND
VOUTA
VOUTB
VOUTC
VOUTD
VOH (HIGH)
VOL (HIGH)
VOH (LOW)
VOL (LOW)
VTEST
FROM D.U.T.
1/4 CA339
10k
5V
10k
5V
5V
5V
10k
10k
5V
10k
WINDOW 5
WINDOW 4
WINDOW 3
WINDOW 2
WINDOW 1
AD7226
Figure 14a. Logic Level Measurement
VREF
AGND
VOUTA
VOUTB
VOUTC
VOUTD
WINDOW 5
WINDOW 4
WINDOW 3
WINDOW 2
WINDOW 1
Figure 14b. Window Structure
The circuit can easily be adapted to allow for overlapping of
windows as shown in Figure 15a. If the three outputs from this
circuit are decoded then five different nonoverlapping program-
mable windows can again be defined.
VREF
VDD
AGND
5V
10k
WINDOW 3
VOUTA
VOUTB
VOUTC
VOUTD
VTEST
FROM D.U.T.
10k
5V
10k
5V
WINDOW 2
WINDOW 1
AD7226
Figure 15a. Overlapping Windows
VREF
AGND
VOUTA
VOUTB
VOUTC
VOUTD
WINDOW 3
WINDOW 2
WINDOW 1
Figure 15b. Window Structure
DAC A
VREF
VDD
DGND
AGND
VSS
VOUTA
AD7226*
*DIGITAL INPUTS OMITTED
FOR CLARITY
+4V
–4V
+15V
15k
10k
Figure 16. Varying Reference Signal
VARYING REFERENCE SIGNAL
In some applications, it may be desirable to have a varying signal
applied to the reference input of the AD7226. The AD7226 has
multiplying capability within upper and lower limits of reference
voltage when operated with dual supplies. The upper and lower
limits are those required by the AD7226 to achieve its linearity
specification. Figure 16 shows a sine wave signal applied to the
reference input of the AD7226. For input signal frequencies up
to 50 kHz, the output distortion typically remains less than 0.1%.
Typical 3 dB bandwidth figure is 700 kHz.
D


Podobny numer części - AD7226KNZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7226KNZ AD-AD7226KNZ Datasheet
493Kb / 17P
   LC2MOS Quad 8-Bit D/A Converter
More results

Podobny opis - AD7226KNZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7226 AD-AD7226_17 Datasheet
493Kb / 17P
   LC2MOS Quad 8-Bit D/A Converter
AD7226 AD-AD7226 Datasheet
247Kb / 12P
   LC2MOS Quad 8-Bit D/A Converter
REV. A
AD7701 AD-AD7701 Datasheet
312Kb / 16P
   LC2MOS 16-Bit A/D Converter
REV. D
AD7701 AD-AD7701_17 Datasheet
319Kb / 21P
   LC2MOS 16-Bit A/D Converter
AD7703 AD-AD7703 Datasheet
251Kb / 16P
   LC2MOS 20-Bit A/D Converter
REV. D
AD7226 AD-AD7226_15 Datasheet
423Kb / 16P
   LC MOS Quad 8-Bit D/A Converter
REV. D
AD7111 AD-AD7111 Datasheet
175Kb / 8P
   LC2MOS LOGDAC Logarithmic D/A Converter
REV. 0
logo
Zarlink Semiconductor I...
ZN425E8 ZARLINK-ZN425E8 Datasheet
244Kb / 8P
   8-BIT D-A/A-D CONVERTER
logo
Analog Devices
AD75004 AD-AD75004 Datasheet
102Kb / 4P
   Quad 12-Bit D/A Converter
REV. A
logo
List of Unclassifed Man...
ES52110 ETC-ES52110 Datasheet
203Kb / 15P
   8-bit D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com