Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7226KNZ Arkusz danych(PDF) 2 Page - Analog Devices

Numer części AD7226KNZ
Szczegółowy opis  LC2MOS Quad 8-Bit D/A Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7226KNZ Arkusz danych(HTML) 2 Page - Analog Devices

  AD7226KNZ Datasheet HTML 1Page - Analog Devices AD7226KNZ Datasheet HTML 2Page - Analog Devices AD7226KNZ Datasheet HTML 3Page - Analog Devices AD7226KNZ Datasheet HTML 4Page - Analog Devices AD7226KNZ Datasheet HTML 5Page - Analog Devices AD7226KNZ Datasheet HTML 6Page - Analog Devices AD7226KNZ Datasheet HTML 7Page - Analog Devices AD7226KNZ Datasheet HTML 8Page - Analog Devices AD7226KNZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV.
–2–
AD7226–SPECIFICATIONS
(VDD = 11.4 V to 16.5 V, VSS = –5 V
10%, AGND = DGND = 0 V; VREF = +2 V to (VDD – 4 V)
1,
unless otherwise noted. All Specifications TMIN to TMAX unless otherwise noted.)
DUAL SUPPLY
Parameter
K, B Versions
2
Unit
Conditions/Comments
STATIC PERFORMANCE
Resolution
8
Bits
Total Unadjusted Error
±1LSB max
VDD = 15 V
± 5%, VREF = 10 V
Relative Accuracy
±0.5
LSB max
Differential Nonlinearity
±1LSB max
Guaranteed Monotonic
Full-Scale Error
±0.5
LSB max
Full-Scale Temperature Coefficient
±20
ppm/
∞C typ
VDD = 14 V to 16.5 V, VREF = +10 V
Zero Code Error
±20
mV max
Zero Code Error Temperature Coefficient
±50
mV/∞C typ
REFERENCE INPUT
Voltage Range
2 to (VDD – 4)
V min to V max
Input Resistance
2
k
W min
Input Capacitance
3
50
pF min
Occurs when each DAC is loaded with all 0s.
200
pF max
Occurs when each DAC is loaded with all 1s.
DIGITAL INPUTS
Input High Voltage, VINH
2.4
V min
Input Low Voltage, VINL
0.8
V max
Input Leakage Current
±1
mA max
VIN = 0 V or VDD
Input Capacitance
8
pF max
Input Coding
Binary
DYNAMIC PERFORMANCE
Voltage Output Slew Rate
4
2.5
V/
ms min
Voltage Output Settling Time
4
4
ms max
VREF = 10 V; Settling Time to
±1/2 LSB
Digital Crosstalk
10
nV secs typ
Minimum Load Resistance
2
k
W min
VOUT = 10 V
POWER SUPPLIES
VDD Range
11.4/16.5
V min/V max
For Specified Performance
IDD
13
mA max
Outputs Unloaded; VIN = VINL or VINH
ISS
11
mA max
Outputs Unloaded; VIN = VINL or VINH
SWITCHING CHARACTERISTICS
4, 5
Address to Write Setup Time, tAS
0ns min
Address to Write Hold Time, tAH
0ns min
Data Valid to Write Setup Time, tDS
50
ns min
Data Valid to Write Hold Time, tDH
0ns min
Write Pulsewidth, tWR
50
ns min
NOTES
1Maximum possible reference voltage.
2Temperature ranges are as follows:
K Version: –40
∞C to +85∞C
B Version: –40
∞C to +85∞C
3Guaranteed by design. Not production tested.
4Sample Tested at 25
∞C to ensure compliance.
5Switching Characteristics apply for single and dual supply operation.
Specifications subject to change without notice.
4
o
f
1
4
D


Podobny numer części - AD7226KNZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7226KNZ AD-AD7226KNZ Datasheet
493Kb / 17P
   LC2MOS Quad 8-Bit D/A Converter
More results

Podobny opis - AD7226KNZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7226 AD-AD7226_17 Datasheet
493Kb / 17P
   LC2MOS Quad 8-Bit D/A Converter
AD7226 AD-AD7226 Datasheet
247Kb / 12P
   LC2MOS Quad 8-Bit D/A Converter
REV. A
AD7701 AD-AD7701 Datasheet
312Kb / 16P
   LC2MOS 16-Bit A/D Converter
REV. D
AD7701 AD-AD7701_17 Datasheet
319Kb / 21P
   LC2MOS 16-Bit A/D Converter
AD7703 AD-AD7703 Datasheet
251Kb / 16P
   LC2MOS 20-Bit A/D Converter
REV. D
AD7226 AD-AD7226_15 Datasheet
423Kb / 16P
   LC MOS Quad 8-Bit D/A Converter
REV. D
AD7111 AD-AD7111 Datasheet
175Kb / 8P
   LC2MOS LOGDAC Logarithmic D/A Converter
REV. 0
logo
Zarlink Semiconductor I...
ZN425E8 ZARLINK-ZN425E8 Datasheet
244Kb / 8P
   8-BIT D-A/A-D CONVERTER
logo
Analog Devices
AD75004 AD-AD75004 Datasheet
102Kb / 4P
   Quad 12-Bit D/A Converter
REV. A
logo
List of Unclassifed Man...
ES52110 ETC-ES52110 Datasheet
203Kb / 15P
   8-bit D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com