Zakładka z wyszukiwarką danych komponentów |
|
AD7226KP Arkusz danych(PDF) 9 Page - Analog Devices |
|
AD7226KP Arkusz danych(HTML) 9 Page - Analog Devices |
9 / 16 page REV. AD7226 –9– DAC A DAC B DAC C DAC D MSB VREF VDD DGND AGND VSS VOUTA WR A1 A0 LSB VOUTB VOUTC VOUTD DB7 DB0 Figure 8. AD7226 Unipolar Output Circuit Table II. Unipolar Code Table DAC Latch Contents MSB LSB Analog Output 1 1 1 1 1 1 1 1 + Ê ËÁ ˆ ¯˜ VREF 255 256 1 0 0 0 0 0 0 1 + Ê ËÁ ˆ ¯˜ VREF 129 256 1 0 0 0 0 0 0 0 + Ê ËÁ ˆ ¯˜ =+ V V REF REF 128 256 2 0 1 1 1 1 1 1 1 + Ê ËÁ ˆ ¯˜ VREF 127 256 0 0 0 0 0 0 0 1 + Ê ËÁ ˆ ¯˜ VREF 1 256 0 0 0 0 0 0 0 0 0 V Note LSB V V REF REF : – = () ()= Ê ËÁ ˆ ¯˜ 2 1 256 8 (2) Bipolar Output Operation Each of the DACs of the AD7226 can be individually config- ured to provide bipolar output operation. This is possible using one external amplifier and two resistors per channel. Figure 9 shows a circuit used to implement offset binary coding (bipolar operation) with DAC A of the AD7226. In this case V R R DV R R V OUT A REF REF =+ Ê ËÁ ˆ ¯˜ ¥ () Ê ËÁ ˆ ¯˜ ¥ () 1 2 1 2 1 – (3) With R1 = R2 VD V OUT A REF = ()¥ 21 – (4) where DA is a fractional representation of the digital word in latch A. Mismatch between R1 and R2 causes gain and offset errors and therefore these resistors must match and track over tempera- ture. Once again the AD7226 can be operated in single supply or from positive/negative supplies. Table III shows the digital code versus output voltage relationship for the circuit of Figure 9 with R1 = R2. DAC A VREF VDD DGND AGND VSS VOUTA VOUT VREF AD7226* R2 R1 +15V –15V R1, R2 = 10k 0.1% *DIGITAL INPUTS OMITTED FOR CLARITY Figure 9. AD7226 Bipolar Output Circuit Table III. Bipolar (Offset Binary) Code Table DAC Latch Contents MSB LSB Analog Output 1 1 1 1 1 1 1 1 + Ê ËÁ ˆ ¯˜ VREF 127 128 1 0 0 0 0 0 0 1 + Ê ËÁ ˆ ¯˜ VREF 1 128 1 0 0 0 0 0 0 0 0 V 0 1 1 1 1 1 1 1 –VREF 1 128 Ê ËÁ ˆ ¯˜ 0 0 0 0 0 0 0 1 –VREF 127 128 Ê ËÁ ˆ ¯˜ 0 0 0 0 0 0 0 0 –– VV REF REF 128 128 Ê ËÁ ˆ ¯˜ = AGND BIAS The AD7226 AGND pin can be biased above system GND (AD7226 DGND) to provide an offset “zero” analog output voltage level. Figure 10 shows a circuit configuration to achieve this for channel A of the AD7226. The output voltage, VOUTA, can be expressed as: VA V D V OUT BIAS A IN =+ () (5) where DA is a fractional representation of the digital input word (0 £ D £ 255/256). D |
Podobny numer części - AD7226KP |
|
Podobny opis - AD7226KP |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |