Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7226KPZ Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD7226KPZ
Szczegółowy opis  LC2MOS Quad 8-Bit D/A Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7226KPZ Arkusz danych(HTML) 5 Page - Analog Devices

  AD7226KPZ Datasheet HTML 1Page - Analog Devices AD7226KPZ Datasheet HTML 2Page - Analog Devices AD7226KPZ Datasheet HTML 3Page - Analog Devices AD7226KPZ Datasheet HTML 4Page - Analog Devices AD7226KPZ Datasheet HTML 5Page - Analog Devices AD7226KPZ Datasheet HTML 6Page - Analog Devices AD7226KPZ Datasheet HTML 7Page - Analog Devices AD7226KPZ Datasheet HTML 8Page - Analog Devices AD7226KPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV.
AD7226
–5–
CIRCUIT INFORMATION
D/A SECTION
The AD7226 contains four identical, 8-bit, voltage mode digital-to-
analog converters. The output voltages from the converters have the
same polarity as the reference voltage allowing single supply opera-
tion. A novel DAC switch pair arrangement on the AD7226 allows a
reference voltage range from 2 V to 12.5 V.
Each DAC consists of a highly stable, thin-film, R-2R ladder
and eight high speed NMOS, single-pole, double-throw
switches. The simplified circuit diagram for one channel is
shown in Figure 1. Note that VREF (Pin 4) and AGND (Pin 5)
are common to all four DACs.
RR
R
2R
2R
2R
2R
2R
DB0
DB5
DB6
DB7
VREF
AGND
SHOWN FOR ALL 1s ON DAC
VOUT
Figure 1. D/A Simplified Circuit Diagram
The input impedance at the VREF pin of the AD7226 is the
parallel combination of the four individual DAC reference input
impedances. It is code dependent and can vary from 2 k
W to
infinity. The lowest input impedance (i.e., 2
KW) occurs when
all four DACs are loaded with the digital code 01010101.
Therefore, it is important that the reference presents a low
output impedance under changing load conditions. The nodal
capacitance at the reference terminals is also code dependent
and typically varies from 100 pF to 250 pF.
Each VOUT pin can be considered as a digitally programmable
voltage source with an output voltage of:
VD V
OUTX
X
REF
=
(1)
where DX is fractional representation of the digital input code
and can vary from 0 to 255/256.
The source impedance is the output resistance of the buffer
amplifier.
OP AMP SECTION
Each voltage-mode D/A converter output is buffered by a unity
gain, noninverting CMOS amplifier. This buffer amplifier is
capable of developing 10 V across a 2 k
W load and can drive
capacitive loads of 3300 pF. The output stage of this amplifier
consists of a bipolar transistor from the VDD line and a current
load to the VSS, the negative supply for the output amplifiers.
This output stage is shown in Figure 2.
The NPN transistor supplies the required output current drive
(up to 5 mA). The current load consists of NMOS transistors
which normally act as a constant current sink of 400
mA to VSS,
giving each output a current sink capability of approximately
400
mA if required.
The AD7226 can be operated single or dual supply resulting
in different performance in some parameters from the output
amplifiers.
In single supply operation (VSS = 0 V = AGND), with the out-
put approaching AGND (i.e., digital code approaching all 0s)
VDD
VSS
I/P
O/P
400 A
Figure 2. Amplifier Output Stage
the current load ceases to act as a current sink and begins to act
as a resistive load of approximately 2 k
W to AGND. This occurs
as the NMOS transistors come out of saturation. This means
that, in single supply operation, the sink capability of the ampli-
fiers is reduced when the output voltage is at or near AGND. A
typical plot of the variation of current sink capability with out-
put voltage is shown in Figure 3.
VOUT (V)
500
010
2
468
400
300
200
100
0
VSS = –5V
VSS = 0
VDD = +15V
Figure 3. Variation of ISINK with VOUT
If the full sink capability is required with output voltages at or
near AGND (= 0 V), then VSS can be brought below 0 V by 5 V
and thereby maintain the 400
mA current sink as indicated in
Figure 3. Biasing VSS below 0 V also gives additional headroom
in the output amplifier which allows for better zero code error
performance on each output. Also improved is the slew rate and
negative-going settling time of the amplifiers (discussed later).
Each amplifier offset is laser trimmed during manufacture to
eliminate any requirement for offset nulling.
DIGITAL SECTION
The digital inputs of the AD7226 are both TTL and CMOS
(5 V) compatible from VDD = 11.4 V to 16.5 V. All logic inputs
are static protected MOS gates with typical input currents of
less than 1 nA. Internal input protection is achieved by an
on-chip distributed diode from DGND to each MOS gate. To
minimize power supply currents, it is recommended that the
digital input voltages be driven as close to the supply rails (VDD
and DGND) as practically possible.
4
o
f
1
4
D


Podobny numer części - AD7226KPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7226KPZ AD-AD7226KPZ Datasheet
493Kb / 17P
   LC2MOS Quad 8-Bit D/A Converter
AD7226KPZ-REEL AD-AD7226KPZ-REEL Datasheet
493Kb / 17P
   LC2MOS Quad 8-Bit D/A Converter
More results

Podobny opis - AD7226KPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7226 AD-AD7226_17 Datasheet
493Kb / 17P
   LC2MOS Quad 8-Bit D/A Converter
AD7226 AD-AD7226 Datasheet
247Kb / 12P
   LC2MOS Quad 8-Bit D/A Converter
REV. A
AD7701 AD-AD7701 Datasheet
312Kb / 16P
   LC2MOS 16-Bit A/D Converter
REV. D
AD7701 AD-AD7701_17 Datasheet
319Kb / 21P
   LC2MOS 16-Bit A/D Converter
AD7703 AD-AD7703 Datasheet
251Kb / 16P
   LC2MOS 20-Bit A/D Converter
REV. D
AD7226 AD-AD7226_15 Datasheet
423Kb / 16P
   LC MOS Quad 8-Bit D/A Converter
REV. D
AD7111 AD-AD7111 Datasheet
175Kb / 8P
   LC2MOS LOGDAC Logarithmic D/A Converter
REV. 0
logo
Zarlink Semiconductor I...
ZN425E8 ZARLINK-ZN425E8 Datasheet
244Kb / 8P
   8-BIT D-A/A-D CONVERTER
logo
Analog Devices
AD75004 AD-AD75004 Datasheet
102Kb / 4P
   Quad 12-Bit D/A Converter
REV. A
logo
List of Unclassifed Man...
ES52110 ETC-ES52110 Datasheet
203Kb / 15P
   8-bit D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com