Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7226KPZ Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD7226KPZ
Szczegółowy opis  LC2MOS Quad 8-Bit D/A Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7226KPZ Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD7226KPZ Datasheet HTML 5Page - Analog Devices AD7226KPZ Datasheet HTML 6Page - Analog Devices AD7226KPZ Datasheet HTML 7Page - Analog Devices AD7226KPZ Datasheet HTML 8Page - Analog Devices AD7226KPZ Datasheet HTML 9Page - Analog Devices AD7226KPZ Datasheet HTML 10Page - Analog Devices AD7226KPZ Datasheet HTML 11Page - Analog Devices AD7226KPZ Datasheet HTML 12Page - Analog Devices AD7226KPZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
REV.
AD7226
–9–
DAC A
DAC B
DAC C
DAC D
MSB
VREF
VDD
DGND
AGND
VSS
VOUTA
WR
A1
A0
LSB
VOUTB
VOUTC
VOUTD
DB7
DB0
Figure 8. AD7226 Unipolar Output Circuit
Table II. Unipolar Code Table
DAC Latch Contents
MSB
LSB
Analog Output
1 1 1 1
1 1 1 1
+
Ê
ËÁ
ˆ
¯˜
VREF
255
256
1 0 0 0
0 0 0 1
+
Ê
ËÁ
ˆ
¯˜
VREF
129
256
1 0 0 0
0 0 0 0
+
Ê
ËÁ
ˆ
¯˜ =+
V
V
REF
REF
128
256
2
0 1 1 1
1 1 1 1
+
Ê
ËÁ
ˆ
¯˜
VREF
127
256
0 0 0 0
0 0 0 1
+
Ê
ËÁ
ˆ
¯˜
VREF
1
256
0 0 0 0
0 0 0 0
0 V
Note LSB
V
V
REF
REF
:
=
()
()= Ê
ËÁ
ˆ
¯˜
2
1
256
8
(2)
Bipolar Output Operation
Each of the DACs of the AD7226 can be individually config-
ured to provide bipolar output operation. This is possible using
one external amplifier and two resistors per channel. Figure 9
shows a circuit used to implement offset binary coding (bipolar
operation) with DAC A of the AD7226. In this case
V
R
R
DV
R
R
V
OUT
A
REF
REF
=+
Ê
ËÁ
ˆ
¯˜
¥
() Ê
ËÁ
ˆ
¯˜
¥
()
1
2
1
2
1
(3)
With R1 = R2
VD
V
OUT
A
REF
=
()¥
21
(4)
where DA is a fractional representation of the digital word in latch A.
Mismatch between R1 and R2 causes gain and offset errors and
therefore these resistors must match and track over tempera-
ture. Once again the AD7226 can be operated in single supply
or from positive/negative supplies. Table III shows the digital
code versus output voltage relationship for the circuit of Figure 9
with R1 = R2.
DAC A
VREF
VDD
DGND
AGND
VSS
VOUTA
VOUT
VREF
AD7226*
R2
R1
+15V
–15V
R1, R2 = 10k
0.1%
*DIGITAL INPUTS OMITTED
FOR CLARITY
Figure 9. AD7226 Bipolar Output Circuit
Table III. Bipolar (Offset Binary) Code Table
DAC Latch Contents
MSB
LSB
Analog Output
1 1 1 1
1 1 1 1
+
Ê
ËÁ
ˆ
¯˜
VREF
127
128
1 0 0 0
0 0 0 1
+
Ê
ËÁ
ˆ
¯˜
VREF
1
128
1 0 0 0
0 0 0 0
0 V
0 1 1 1
1 1 1 1
–VREF
1
128
Ê
ËÁ
ˆ
¯˜
0 0 0 0
0 0 0 1
–VREF
127
128
Ê
ËÁ
ˆ
¯˜
0 0 0 0
0 0 0 0
––
VV
REF
REF
128
128
Ê
ËÁ
ˆ
¯˜ =
AGND BIAS
The AD7226 AGND pin can be biased above system GND
(AD7226 DGND) to provide an offset “zero” analog output
voltage level. Figure 10 shows a circuit configuration to achieve
this for channel A of the AD7226. The output voltage, VOUTA,
can be expressed as:
VA
V
D V
OUT
BIAS
A
IN
=+
()
(5)
where DA is a fractional representation of the digital input word
(0
£ D £ 255/256).
D


Podobny numer części - AD7226KPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7226KPZ AD-AD7226KPZ Datasheet
493Kb / 17P
   LC2MOS Quad 8-Bit D/A Converter
AD7226KPZ-REEL AD-AD7226KPZ-REEL Datasheet
493Kb / 17P
   LC2MOS Quad 8-Bit D/A Converter
More results

Podobny opis - AD7226KPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7226 AD-AD7226_17 Datasheet
493Kb / 17P
   LC2MOS Quad 8-Bit D/A Converter
AD7226 AD-AD7226 Datasheet
247Kb / 12P
   LC2MOS Quad 8-Bit D/A Converter
REV. A
AD7701 AD-AD7701 Datasheet
312Kb / 16P
   LC2MOS 16-Bit A/D Converter
REV. D
AD7701 AD-AD7701_17 Datasheet
319Kb / 21P
   LC2MOS 16-Bit A/D Converter
AD7703 AD-AD7703 Datasheet
251Kb / 16P
   LC2MOS 20-Bit A/D Converter
REV. D
AD7226 AD-AD7226_15 Datasheet
423Kb / 16P
   LC MOS Quad 8-Bit D/A Converter
REV. D
AD7111 AD-AD7111 Datasheet
175Kb / 8P
   LC2MOS LOGDAC Logarithmic D/A Converter
REV. 0
logo
Zarlink Semiconductor I...
ZN425E8 ZARLINK-ZN425E8 Datasheet
244Kb / 8P
   8-BIT D-A/A-D CONVERTER
logo
Analog Devices
AD75004 AD-AD75004 Datasheet
102Kb / 4P
   Quad 12-Bit D/A Converter
REV. A
logo
List of Unclassifed Man...
ES52110 ETC-ES52110 Datasheet
203Kb / 15P
   8-bit D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com