Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9139 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD9139
Szczegółowy opis  16-Bit, 1600 MSPS, TxDAC Digital-to- Analog Converter
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9139 Arkusz danych(HTML) 5 Page - Analog Devices

  AD9139 Datasheet HTML 1Page - Analog Devices AD9139 Datasheet HTML 2Page - Analog Devices AD9139 Datasheet HTML 3Page - Analog Devices AD9139 Datasheet HTML 4Page - Analog Devices AD9139 Datasheet HTML 5Page - Analog Devices AD9139 Datasheet HTML 6Page - Analog Devices AD9139 Datasheet HTML 7Page - Analog Devices AD9139 Datasheet HTML 8Page - Analog Devices AD9139 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
Data Sheet
AD9139
Rev. 0 | Page 5 of 56
DIGITAL SPECIFICATIONS
TMIN to TMAX, AVDD33 = 3.3 V, DVDD18 = 1.8 V, CVDD18 = 1.8 V, IOUTFS = 20 mA, maximum sample rate, unless otherwise noted.
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
CMOS INPUT LOGIC LEVEL
Input
Logic High
DVDD18 = 1.8 V
1.2
V
Logic Low
DVDD18 = 1.8 V
0.6
V
CMOS OUTPUT LOGIC LEVEL
Output
Logic High
DVDD18 = 1.8 V
1.4
V
Logic Low
DVDD18 = 1.8 V
0.4
V
LVDS RECEIVER INPUTS
Data and frame inputs
Input Voltage Range
VIA or VIB
825
1675
mV
Input Differential Threshold
VIDTH
−175
+175
mV
Input Differential Hysteresis
VIDTHH to VIDTHL
20
mV
Receiver Differential Input Impedance
RIN
100
Ω
DLL SPEED RANGE
250
575
MHz
DAC UPDATE RATE
1600
MSPS
DAC Adjusted Update Rate
1× interpolation
1150
MSPS
2× interpolation
800
MSPS
DAC CLOCK INPUT (DACCLKP, DACCLKN)
Differential Peak-to-Peak Voltage
100
500
2000
mV
Common-Mode Voltage
Self biased input, ac-coupled
1.25
V
REFCLK/SYNCCLK INPUT (REFP/SYNCP,
REFN/SYNCN)
Differential Peak-to-Peak Voltage
100
500
2000
mV
Common-Mode Voltage
1.25
V
Input Clock Frequency
1.03 GHz ≤ fVCO ≤ 2.07 GHz
450
MHz
SERIAL PORT INTERFACE
Maximum Clock Rate
SCLK
40
MHz
Minimum Pulse Width
High
tPWH
12.5
ns
Low
tPWL
12.5
ns
SDIO to SCLK Setup Time
tDS
1.5
ns
SDIO to SCLK Hold Time
tDH
0.68
ns
CS to SCLK Setup Time
tDCSB
2.38
1.4
ns
CS to SCLK Hold Time
tDCSB
9.6
ns
SDIO to SCLK Delay
tDV
Wait time for valid output from
SDIO
11
ns
SDIO High-Z to CS
Time for SDIO to relinquish the
output bus
8.5
ns
SDIO LOGIC LEVEL
Voltage Input High
VIH
1.2
1.8
V
Voltage Input Low
VIL
0
0.5
V
Voltage Output High
IIH
With 2 mA loading
1.36
2
V
Voltage Output Low
IIL
With 2 mA loading
0
0.45
V


Podobny numer części - AD9139

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9139 AD-AD9139 Datasheet
1,018Kb / 56P
   TxDAC Digital-to- Analog Converter
AD9139-DUAL-EBZ AD-AD9139-DUAL-EBZ Datasheet
1,018Kb / 56P
   TxDAC Digital-to- Analog Converter
AD9139-EBZ AD-AD9139-EBZ Datasheet
1,018Kb / 56P
   TxDAC Digital-to- Analog Converter
AD9139BCPZ AD-AD9139BCPZ Datasheet
1,018Kb / 56P
   TxDAC Digital-to- Analog Converter
AD9139BCPZRL AD-AD9139BCPZRL Datasheet
1,018Kb / 56P
   TxDAC Digital-to- Analog Converter
More results

Podobny opis - AD9139

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9142 AD-AD9142 Datasheet
1Mb / 65P
   Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9125 AD-AD9125 Datasheet
889Kb / 56P
   Dual, 16-Bit, 1000 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9146 AD-AD9146 Datasheet
1Mb / 52P
   Dual, 16-Bit, 1230 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9122 AD-AD9122 Datasheet
1Mb / 56P
   Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
REV. 0
AD9742ACPZ AD-AD9742ACPZ Datasheet
1Mb / 32P
   12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
REV. C
AD9709 AD-AD9709_09 Datasheet
597Kb / 32P
   8-Bit, 125 MSPS, Dual TxDAC Digital-to-Analog Converter
REV. B
AD9139 AD-AD9139_14 Datasheet
1,018Kb / 56P
   TxDAC Digital-to- Analog Converter
AD9148 AD-AD9148 Datasheet
851Kb / 73P
   Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
Rev. PrA
logo
Burr-Brown (TI)
ADS1610 BURR-BROWN-ADS1610_07 Datasheet
666Kb / 26P
   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9726BSVZ AD-AD9726BSVZ Datasheet
411Kb / 24P
   16-Bit, 400 MSPS Digital-to-Analog Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com