Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9139 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD9139
Szczegółowy opis  16-Bit, 1600 MSPS, TxDAC Digital-to- Analog Converter
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9139 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD9139 Datasheet HTML 3Page - Analog Devices AD9139 Datasheet HTML 4Page - Analog Devices AD9139 Datasheet HTML 5Page - Analog Devices AD9139 Datasheet HTML 6Page - Analog Devices AD9139 Datasheet HTML 7Page - Analog Devices AD9139 Datasheet HTML 8Page - Analog Devices AD9139 Datasheet HTML 9Page - Analog Devices AD9139 Datasheet HTML 10Page - Analog Devices AD9139 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
Data Sheet
AD9139
Rev. 0 | Page 7 of 56
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
Rating
AVDD33 to GND
−0.3 V to +3.6 V
DVDD18, CVDD18 to GND
−0.3 V to +2.1 V
FSADJ, VREF, DACOUTP/DACOUTN, to
GND
−0.3 V to AVDD33 + 0.3 V
D15P to D0P/D15N to D0N,
FRAMEP/FRAMEN, DCIP/DCIN to
GND
−0.3 V to DVDD18 + 0.3 V
DACCLKP/DACCLKN,
REFP/SYNCP/REFN/SYNCN to GND
−0.3 V to CVDD18 + 0.3 V
RESET, IRQ1, IRQ2, CS, SCLK, SDIO
to GND
−0.3 V to DVDD18 + 0.3 V
Junction Temperature
125°C
Storage Temperature Range
−65°C to +150°C
THERMAL RESISTANCE
The exposed pad (EPAD) must be soldered to the ground plane
(AVSS) for the 72-lead LFCSP. The EPAD provides an electrical,
thermal, and mechanical connection to the board.
Typical θJA, θJB, and θJC values are specified for a 4-layer board in
still air. Airflow increases heat dissipation, effectively reducing
θJA and θJB.
Table 7. Thermal Resistance
Package
θJA
θJB
θJC
Unit
Conditions
72-Lead LFCSP
20.7
10.9
1.1
°C/W
EPAD soldered
to ground plane
ESD CAUTION
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.


Podobny numer części - AD9139

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9139 AD-AD9139 Datasheet
1,018Kb / 56P
   TxDAC Digital-to- Analog Converter
AD9139-DUAL-EBZ AD-AD9139-DUAL-EBZ Datasheet
1,018Kb / 56P
   TxDAC Digital-to- Analog Converter
AD9139-EBZ AD-AD9139-EBZ Datasheet
1,018Kb / 56P
   TxDAC Digital-to- Analog Converter
AD9139BCPZ AD-AD9139BCPZ Datasheet
1,018Kb / 56P
   TxDAC Digital-to- Analog Converter
AD9139BCPZRL AD-AD9139BCPZRL Datasheet
1,018Kb / 56P
   TxDAC Digital-to- Analog Converter
More results

Podobny opis - AD9139

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9142 AD-AD9142 Datasheet
1Mb / 65P
   Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9125 AD-AD9125 Datasheet
889Kb / 56P
   Dual, 16-Bit, 1000 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9146 AD-AD9146 Datasheet
1Mb / 52P
   Dual, 16-Bit, 1230 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9122 AD-AD9122 Datasheet
1Mb / 56P
   Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
REV. 0
AD9742ACPZ AD-AD9742ACPZ Datasheet
1Mb / 32P
   12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
REV. C
AD9709 AD-AD9709_09 Datasheet
597Kb / 32P
   8-Bit, 125 MSPS, Dual TxDAC Digital-to-Analog Converter
REV. B
AD9139 AD-AD9139_14 Datasheet
1,018Kb / 56P
   TxDAC Digital-to- Analog Converter
AD9148 AD-AD9148 Datasheet
851Kb / 73P
   Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
Rev. PrA
logo
Burr-Brown (TI)
ADS1610 BURR-BROWN-ADS1610_07 Datasheet
666Kb / 26P
   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9726BSVZ AD-AD9726BSVZ Datasheet
411Kb / 24P
   16-Bit, 400 MSPS Digital-to-Analog Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com