Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9139 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD9139
Szczegółowy opis  16-Bit, 1600 MSPS, TxDAC Digital-to- Analog Converter
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9139 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD9139 Datasheet HTML 4Page - Analog Devices AD9139 Datasheet HTML 5Page - Analog Devices AD9139 Datasheet HTML 6Page - Analog Devices AD9139 Datasheet HTML 7Page - Analog Devices AD9139 Datasheet HTML 8Page - Analog Devices AD9139 Datasheet HTML 9Page - Analog Devices AD9139 Datasheet HTML 10Page - Analog Devices AD9139 Datasheet HTML 11Page - Analog Devices AD9139 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
AD9139
Data Sheet
Rev. 0 | Page 8 of 56
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 2. Pin Configuration
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
CVDD18
1.8 V PLL Supply. CVDD18 supplies the power to the clock receivers, clock multiplier, and clock distribution.
2
REFP/SYNCP
PLL Reference Clock/Synchronization Clock Input, Positive.
3
REFN/SYNCN
PLL Reference Clock/Synchronization Clock Input, Negative.
4
CVDD18
1.8 V PLL Supply. CVDD18 supplies the power to the clock receivers, clock multiplier, and clock distribution.
5
RESET
Reset, Active Low. CMOS levels with respect to DVDD18. Recommended reset pulse length is 1 µs.
6
TXEN
Active High Transmit Path Enable. CMOS levels with respect to DVDD18. A low level on this pin triggers two
selectable actions in the DAC. See Register 0x43 in Table 64 for details.
7
DVDD18
1.8 V Digital Supply. Pin 7 supplies power to the digital core, digital data ports, serial port input/output
pins, RESET, IRQ1, and IRQ2.
8
FRAMEP/PARITYP
Frame/Parity Input, Positive.
9
FRAMEN/PARITYN
Frame/Parity Input, Negative.
10
D15P
Data Bit 15 (MSB), Positive.
11
D15N
Data Bit 15 (MSB), Negative.
12
DVDD18
1.8 V Digital Supply. Pin 12 supplies the power to the digital core and digital data ports, serial port
input/output pins, RESET, IRQ1, and IRQ2.
13
D14P
Data Bit 14, Positive.
14
D14N
Data Bit 14, Negative.
15
D13P
Data Bit 13, Positive.
16
D13N
Data Bit 13, Negative.
17
D12P
Data Bit 12, Positive.
18
D12N
Data Bit 12, Negative.
19
DVDD18
1.8 V Digital Supply. Pin 19 supplies power to the digital core, digital data ports, serial port input/output
pins, RESET, IRQ1, and IRQ2.
20
D11P
Data Bit 11, Positive.
21
D11N
Data Bit 11, Negative.
22
D10P
Data Bit 10, Positive.
23
D10N
Data Bit 10, Negative.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
CVDD18
REFP/SYNCP
REFN/SYNCN
CVDD18
RESET
TXEN
DVDD18
FRAMEP/PARITYP
FRAMEN/PARITYN
D15P
D15N
DVDD18
D14P
D14N
D13P
D13N
17
D12P
18
D12N
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
CS
SCLK
SDIO
IRQ1
IRQ2
DVDD18
DVDD18
D0N
D0P
D1N
D1P
DVDD18
D2N
D2P
D3N
D3P
D4N
D4P
NOTES
1. DNC = DO NOT CONNECT. DO NOT CONNECT TO THIS PIN.
2. THE EXPOSED PAD MUST BE SOLDERED TO THE GROUND PLANE (AVSS, DVSS, CVSS).
THE EPAD PROVIDES AN ELECTRICAL, THERMAL, AND MECHANICAL CONNECTION TO THE BOARD.
AD9139
TOP VIEW


Podobny numer części - AD9139

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9139 AD-AD9139 Datasheet
1,018Kb / 56P
   TxDAC Digital-to- Analog Converter
AD9139-DUAL-EBZ AD-AD9139-DUAL-EBZ Datasheet
1,018Kb / 56P
   TxDAC Digital-to- Analog Converter
AD9139-EBZ AD-AD9139-EBZ Datasheet
1,018Kb / 56P
   TxDAC Digital-to- Analog Converter
AD9139BCPZ AD-AD9139BCPZ Datasheet
1,018Kb / 56P
   TxDAC Digital-to- Analog Converter
AD9139BCPZRL AD-AD9139BCPZRL Datasheet
1,018Kb / 56P
   TxDAC Digital-to- Analog Converter
More results

Podobny opis - AD9139

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9142 AD-AD9142 Datasheet
1Mb / 65P
   Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9125 AD-AD9125 Datasheet
889Kb / 56P
   Dual, 16-Bit, 1000 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9146 AD-AD9146 Datasheet
1Mb / 52P
   Dual, 16-Bit, 1230 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9122 AD-AD9122 Datasheet
1Mb / 56P
   Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
REV. 0
AD9742ACPZ AD-AD9742ACPZ Datasheet
1Mb / 32P
   12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
REV. C
AD9709 AD-AD9709_09 Datasheet
597Kb / 32P
   8-Bit, 125 MSPS, Dual TxDAC Digital-to-Analog Converter
REV. B
AD9139 AD-AD9139_14 Datasheet
1,018Kb / 56P
   TxDAC Digital-to- Analog Converter
AD9148 AD-AD9148 Datasheet
851Kb / 73P
   Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
Rev. PrA
logo
Burr-Brown (TI)
ADS1610 BURR-BROWN-ADS1610_07 Datasheet
666Kb / 26P
   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9726BSVZ AD-AD9726BSVZ Datasheet
411Kb / 24P
   16-Bit, 400 MSPS Digital-to-Analog Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com