Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9139 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD9139
Szczegółowy opis  16-Bit, 1600 MSPS, TxDAC Digital-to- Analog Converter
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9139 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD9139 Datasheet HTML 7Page - Analog Devices AD9139 Datasheet HTML 8Page - Analog Devices AD9139 Datasheet HTML 9Page - Analog Devices AD9139 Datasheet HTML 10Page - Analog Devices AD9139 Datasheet HTML 11Page - Analog Devices AD9139 Datasheet HTML 12Page - Analog Devices AD9139 Datasheet HTML 13Page - Analog Devices AD9139 Datasheet HTML 14Page - Analog Devices AD9139 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
Data Sheet
AD9139
Rev. 0 | Page 11 of 56
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 3. Single-Tone (0 dBFS) SFDR vs. fOUT in the First Nyquist Zone over fDAC
Figure 4. Single-Tone Second Harmonic vs. fOUT in the First Nyquist Zone
over Digital Back Off, fDAC = 1228.8 MHz
Figure 5. Single-Tone Third Harmonic vs. fOUT in the First Nyquist Zone
over Digital Back Off, fDAC = 1228.8 MHz
Figure 6. Single-Tone SFDR Excluding 2nd and 3rd Harmonics vs. fOUT in the
First Nyquist Zone over fDAC and Digital Back Off
Figure 7. Two-Tone Third IMD vs. fOUT over fDAC
Figure 8. Two-Tone Third IMD vs. fOUT over Digital Back Off,
fDAC = 1228.8 MHz
–40
–50
–60
–70
–80
–90
–100
0
100
200
300
fOUT (MHz)
400
500
600
700
fDAC = 737.28MHz
fDAC = 983.04MHz
fDAC = 1228.8MHz
–40
–50
–60
–70
–80
–90
–100
0
100
200
300
fOUT (MHz)
400
500
600
700
0dBFS
–6dBFS
–12dBFS
–16dBFS
–40
–50
–60
–70
–80
–90
–100
0
100
200
300
fOUT (MHz)
400
500
600
700
0dBFS
–6dBFS
–12dBFS
–16dBFS
–40
–50
–60
0dBFS
–12dBFS
–70
–80
–90
–100
0
50
100
150
fOUT (MHz)
200
250
300
350
400
fDAC = 800MHz
fDAC = 1600MHz
–40
–50
–60
–70
–80
–90
–100
0
100
200
300
fOUT (MHz)
400
500
600
700
fDAC = 737.28MHz
fDAC = 983.04MHz
fDAC = 1228.8MHz
–40
–50
–60
–70
–80
–90
–100
0
100
200
300
400
500
600
700
0dBFS
–6dBFS
–12dBFS
–16dBFS
fOUT (MHz)


Podobny numer części - AD9139

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9139 AD-AD9139 Datasheet
1,018Kb / 56P
   TxDAC Digital-to- Analog Converter
AD9139-DUAL-EBZ AD-AD9139-DUAL-EBZ Datasheet
1,018Kb / 56P
   TxDAC Digital-to- Analog Converter
AD9139-EBZ AD-AD9139-EBZ Datasheet
1,018Kb / 56P
   TxDAC Digital-to- Analog Converter
AD9139BCPZ AD-AD9139BCPZ Datasheet
1,018Kb / 56P
   TxDAC Digital-to- Analog Converter
AD9139BCPZRL AD-AD9139BCPZRL Datasheet
1,018Kb / 56P
   TxDAC Digital-to- Analog Converter
More results

Podobny opis - AD9139

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9142 AD-AD9142 Datasheet
1Mb / 65P
   Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9125 AD-AD9125 Datasheet
889Kb / 56P
   Dual, 16-Bit, 1000 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9146 AD-AD9146 Datasheet
1Mb / 52P
   Dual, 16-Bit, 1230 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9122 AD-AD9122 Datasheet
1Mb / 56P
   Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
REV. 0
AD9742ACPZ AD-AD9742ACPZ Datasheet
1Mb / 32P
   12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
REV. C
AD9709 AD-AD9709_09 Datasheet
597Kb / 32P
   8-Bit, 125 MSPS, Dual TxDAC Digital-to-Analog Converter
REV. B
AD9139 AD-AD9139_14 Datasheet
1,018Kb / 56P
   TxDAC Digital-to- Analog Converter
AD9148 AD-AD9148 Datasheet
851Kb / 73P
   Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
Rev. PrA
logo
Burr-Brown (TI)
ADS1610 BURR-BROWN-ADS1610_07 Datasheet
666Kb / 26P
   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9726BSVZ AD-AD9726BSVZ Datasheet
411Kb / 24P
   16-Bit, 400 MSPS Digital-to-Analog Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com