Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9139BCPZRL Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD9139BCPZRL
Szczegółowy opis  16-Bit, 1600 MSPS, TxDAC Digital-to- Analog Converter
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9139BCPZRL Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD9139BCPZRL Datasheet HTML 2Page - Analog Devices AD9139BCPZRL Datasheet HTML 3Page - Analog Devices AD9139BCPZRL Datasheet HTML 4Page - Analog Devices AD9139BCPZRL Datasheet HTML 5Page - Analog Devices AD9139BCPZRL Datasheet HTML 6Page - Analog Devices AD9139BCPZRL Datasheet HTML 7Page - Analog Devices AD9139BCPZRL Datasheet HTML 8Page - Analog Devices AD9139BCPZRL Datasheet HTML 9Page - Analog Devices AD9139BCPZRL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
AD9139
Data Sheet
Rev. 0 | Page 6 of 56
LATENCY VARIATION SPECIFICATIONS
Table 3.
Parameter
Min
Typ
Max
Unit
DAC LATENCY1 VARIATION
SYNC Off
1
2
DAC clock cycles
SYNC On
0
1
DAC clock cycles
1
DAC latency is defined as the elapsed time from a data sample clocked at the input to the device until the analog output begins to change.
AC SPECIFICATIONS
TMIN to TMAX, AVDD33 = 3.3 V, DVDD18 = 1.8 V, CVDD18 = 1.8 V, IOUTFS = 20 mA, maximum sample rate, unless otherwise noted.
Table 4.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
−14 dBFS single tone
fDAC = 737.28 MSPS
fOUT = 200 MHz
Bandwidth (BW) = 125 MHz
85
dBc
BW = 270 MHz
80
dBc
fDAC = 983.04 MSPS
fOUT = 200 MHz
BW = 360 MHz
85
dBc
fDAC = 1228.8 MSPS
fOUT = 280 MHz
BW = 200 MHz
85
dBc
BW = 500 MHz
75
dBc
TWO-TONE INTERMODULATION DISTORTION (IMD)
−12 dBFS each tone
fDAC = 737.28 MSPS
fOUT = 200 MHz
80
dBc
fDAC = 983.04 MSPS
fOUT = 200 MHz
82
dBc
fDAC = 1228.8 MSPS
fOUT = 280 MHz
80
dBc
NOISE SPECTRAL DENSITY (NSD)
Eight-tone, 500 kHz tone spacing
fDAC = 737.28 MSPS
fOUT = 200 MHz
−160
dBm/Hz
fDAC = 983.04 MSPS
fOUT = 200 MHz
−161.5
dBm/Hz
fDAC = 1228.8 MSPS
fOUT = 280 MHz
−164.5
dBm/Hz
W-CDMA ADJACENT CHANNEL LEAKAGE RATIO (ACLR)
Single carrier
fDAC = 983.04 MSPS
fOUT = 200 MHz
81
dBc
fDAC = 1228.8 MSPS
fOUT = 20 MHz
83
dBc
fOUT = 280 MHz
80
dBc
W-CDMA SECOND (ACLR)
Single carrier
fDAC = 983.04 MSPS
fOUT = 200 MHz
85
dBc
fDAC = 1228.8 MSPS
fOUT = 20 MHz
86
dBc
fOUT = 280 MHz
86
dBc
OPERATING SPEED SPECIFICATIONS
Table 5.
Interpolation
Factor
DVDD18, CVDD18 = 1.8 V ± 5%
DVDD18, CVDD18 = 1.9 V ± 5% or 1.8 V ± 2%
DVDD18, CVDD18 = 1.9 V ± 2%
fDCI (MSPS) Max
fDAC (MSPS) Max
fDCI (MSPS) Max
fDAC (MSPS) Max
fDCI (MSPS) Max
fDAC (MSPS) Max
575
1150
575
1150
575
1150
350
1400
375
1500
400
1600


Podobny numer części - AD9139BCPZRL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9139BCPZRL AD-AD9139BCPZRL Datasheet
1,018Kb / 56P
   TxDAC Digital-to- Analog Converter
More results

Podobny opis - AD9139BCPZRL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9142 AD-AD9142 Datasheet
1Mb / 65P
   Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9125 AD-AD9125 Datasheet
889Kb / 56P
   Dual, 16-Bit, 1000 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9146 AD-AD9146 Datasheet
1Mb / 52P
   Dual, 16-Bit, 1230 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9122 AD-AD9122 Datasheet
1Mb / 56P
   Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
REV. 0
AD9742ACPZ AD-AD9742ACPZ Datasheet
1Mb / 32P
   12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
REV. C
AD9709 AD-AD9709_09 Datasheet
597Kb / 32P
   8-Bit, 125 MSPS, Dual TxDAC Digital-to-Analog Converter
REV. B
AD9139 AD-AD9139_14 Datasheet
1,018Kb / 56P
   TxDAC Digital-to- Analog Converter
AD9148 AD-AD9148 Datasheet
851Kb / 73P
   Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
Rev. PrA
logo
Burr-Brown (TI)
ADS1610 BURR-BROWN-ADS1610_07 Datasheet
666Kb / 26P
   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9726BSVZ AD-AD9726BSVZ Datasheet
411Kb / 24P
   16-Bit, 400 MSPS Digital-to-Analog Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com