Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9139BCPZRL Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD9139BCPZRL
Szczegółowy opis  16-Bit, 1600 MSPS, TxDAC Digital-to- Analog Converter
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9139BCPZRL Arkusz danych(HTML) 1 Page - Analog Devices

  AD9139BCPZRL Datasheet HTML 1Page - Analog Devices AD9139BCPZRL Datasheet HTML 2Page - Analog Devices AD9139BCPZRL Datasheet HTML 3Page - Analog Devices AD9139BCPZRL Datasheet HTML 4Page - Analog Devices AD9139BCPZRL Datasheet HTML 5Page - Analog Devices AD9139BCPZRL Datasheet HTML 6Page - Analog Devices AD9139BCPZRL Datasheet HTML 7Page - Analog Devices AD9139BCPZRL Datasheet HTML 8Page - Analog Devices AD9139BCPZRL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
16-Bit, 1600 MSPS, TxDAC+ Digital-to-
Analog Converter
Data Sheet
AD9139
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Selectable 1× or 2× interpolation filter
Support input signal bandwidth up to 575 MHz
Very small inherent latency variation: <2 DAC clock cycles
Proprietary low spurious and distortion design
6-carrier GSM ACLR = 79 dBc at 200 MHz IF
SFDR >85 dBc (bandwidth = 300 MHz) at zero IF
Flexible 16-bit LVDS interface
Supports word and byte load
Multiple chip synchronization
Fixed latency and data generator latency compensation
FIFO eases system timing and includes error detection
High performance, low noise PLL clock multiplier
Digital inverse sinc filter
Low power: 700 mW at 1230 MSPS
72-lead LFCSP
APPLICATIONS
Wireless communications: 3G/4G and MC-GSM base stations,
wideband repeaters, software defined radios
Wideband communications: point-to-point, LMDS/MMDS
Transmit diversity/MIMO
Instrumentation
Automated test equipment
GENERAL DESCRIPTION
The AD9139 is an 16-bit, high dynamic range digital-to-analog
converter (DAC) that provides a sample rate of 1600 MSPS,
permitting a multicarrier generation up to the Nyquist frequency.
The AD9139 TxDAC+® includes features optimized for wideband
communication applications, including 1× and 2× interpolation, a
delay locked loop (DLL) powered high speed interface, sample
error detection, and parity detection. A 3-wire serial port
interface provides for the programming/readback of many
internal parameters. A full-scale output current can be
programmed over a range of 9 mA up to 33 mA. The AD9139 is
available in a 72-lead LFCSP.
PRODUCT HIGHLIGHTS
1. 575 MHz achievable input signal bandwidth.
2. Advanced low spurious and distortion design techniques
provide high quality synthesis of wideband signals from
baseband to high intermediate frequencies.
3. Very small inherent latency variation simplifies both software
and hardware design in the system. It allows easy multichip
synchronization for most applications.
4. Low power architecture improves power efficiency.
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
REF
AND
BIAS
FSADJ
VREF
POWER-ON
RESET
MULTICHIP
SYNCHRONIZATION
SERIAL
INPUT/OUTPUT
PORT
PROGRAMMING
REGISTERS
DACCLKP
DACCLKN
REFP/SYNCP
REFN/SYNCN
CLOCK
MULTIPLIER
CLK
RCVR
REF
RCVR
DAC_CLK
DLL
13-TAP
D15P/D15N
D0P/D0N
FRAMEP/PARITYP
FRAMEN/PARITYN
DCIP/DCIN
HB1
DAC 1
16-BIT
DACOUTP
DACOUTN
16
10
INTERNAL CLOCK TIMING AND CONTROL LOGIC
DAC_CLK
SYNC
AD9139


Podobny numer części - AD9139BCPZRL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9139BCPZRL AD-AD9139BCPZRL Datasheet
1,018Kb / 56P
   TxDAC Digital-to- Analog Converter
More results

Podobny opis - AD9139BCPZRL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9142 AD-AD9142 Datasheet
1Mb / 65P
   Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9125 AD-AD9125 Datasheet
889Kb / 56P
   Dual, 16-Bit, 1000 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9146 AD-AD9146 Datasheet
1Mb / 52P
   Dual, 16-Bit, 1230 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9122 AD-AD9122 Datasheet
1Mb / 56P
   Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
REV. 0
AD9742ACPZ AD-AD9742ACPZ Datasheet
1Mb / 32P
   12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
REV. C
AD9709 AD-AD9709_09 Datasheet
597Kb / 32P
   8-Bit, 125 MSPS, Dual TxDAC Digital-to-Analog Converter
REV. B
AD9139 AD-AD9139_14 Datasheet
1,018Kb / 56P
   TxDAC Digital-to- Analog Converter
AD9148 AD-AD9148 Datasheet
851Kb / 73P
   Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
Rev. PrA
logo
Burr-Brown (TI)
ADS1610 BURR-BROWN-ADS1610_07 Datasheet
666Kb / 26P
   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9726BSVZ AD-AD9726BSVZ Datasheet
411Kb / 24P
   16-Bit, 400 MSPS Digital-to-Analog Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com