Zakładka z wyszukiwarką danych komponentów |
|
AD9139-EBZ Arkusz danych(PDF) 6 Page - Analog Devices |
|
AD9139-EBZ Arkusz danych(HTML) 6 Page - Analog Devices |
6 / 56 page AD9139 Data Sheet Rev. 0 | Page 6 of 56 LATENCY VARIATION SPECIFICATIONS Table 3. Parameter Min Typ Max Unit DAC LATENCY1 VARIATION SYNC Off 1 2 DAC clock cycles SYNC On 0 1 DAC clock cycles 1 DAC latency is defined as the elapsed time from a data sample clocked at the input to the device until the analog output begins to change. AC SPECIFICATIONS TMIN to TMAX, AVDD33 = 3.3 V, DVDD18 = 1.8 V, CVDD18 = 1.8 V, IOUTFS = 20 mA, maximum sample rate, unless otherwise noted. Table 4. Parameter Test Conditions/Comments Min Typ Max Unit SPURIOUS-FREE DYNAMIC RANGE (SFDR) −14 dBFS single tone fDAC = 737.28 MSPS fOUT = 200 MHz Bandwidth (BW) = 125 MHz 85 dBc BW = 270 MHz 80 dBc fDAC = 983.04 MSPS fOUT = 200 MHz BW = 360 MHz 85 dBc fDAC = 1228.8 MSPS fOUT = 280 MHz BW = 200 MHz 85 dBc BW = 500 MHz 75 dBc TWO-TONE INTERMODULATION DISTORTION (IMD) −12 dBFS each tone fDAC = 737.28 MSPS fOUT = 200 MHz 80 dBc fDAC = 983.04 MSPS fOUT = 200 MHz 82 dBc fDAC = 1228.8 MSPS fOUT = 280 MHz 80 dBc NOISE SPECTRAL DENSITY (NSD) Eight-tone, 500 kHz tone spacing fDAC = 737.28 MSPS fOUT = 200 MHz −160 dBm/Hz fDAC = 983.04 MSPS fOUT = 200 MHz −161.5 dBm/Hz fDAC = 1228.8 MSPS fOUT = 280 MHz −164.5 dBm/Hz W-CDMA ADJACENT CHANNEL LEAKAGE RATIO (ACLR) Single carrier fDAC = 983.04 MSPS fOUT = 200 MHz 81 dBc fDAC = 1228.8 MSPS fOUT = 20 MHz 83 dBc fOUT = 280 MHz 80 dBc W-CDMA SECOND (ACLR) Single carrier fDAC = 983.04 MSPS fOUT = 200 MHz 85 dBc fDAC = 1228.8 MSPS fOUT = 20 MHz 86 dBc fOUT = 280 MHz 86 dBc OPERATING SPEED SPECIFICATIONS Table 5. Interpolation Factor DVDD18, CVDD18 = 1.8 V ± 5% DVDD18, CVDD18 = 1.9 V ± 5% or 1.8 V ± 2% DVDD18, CVDD18 = 1.9 V ± 2% fDCI (MSPS) Max fDAC (MSPS) Max fDCI (MSPS) Max fDAC (MSPS) Max fDCI (MSPS) Max fDAC (MSPS) Max 1× 575 1150 575 1150 575 1150 2× 350 1400 375 1500 400 1600 |
Podobny numer części - AD9139-EBZ |
|
Podobny opis - AD9139-EBZ |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |