Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FSBB15CH60B Arkusz danych(PDF) 8 Page - Fairchild Semiconductor

Numer części FSBB15CH60B
Szczegółowy opis  Smart Power Module
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBB15CH60B Arkusz danych(HTML) 8 Page - Fairchild Semiconductor

Back Button FSBB15CH60B Datasheet HTML 4Page - Fairchild Semiconductor FSBB15CH60B Datasheet HTML 5Page - Fairchild Semiconductor FSBB15CH60B Datasheet HTML 6Page - Fairchild Semiconductor FSBB15CH60B Datasheet HTML 7Page - Fairchild Semiconductor FSBB15CH60B Datasheet HTML 8Page - Fairchild Semiconductor FSBB15CH60B Datasheet HTML 9Page - Fairchild Semiconductor FSBB15CH60B Datasheet HTML 10Page - Fairchild Semiconductor FSBB15CH60B Datasheet HTML 11Page - Fairchild Semiconductor FSBB15CH60B Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
www.fairchildsemi.com
FSBB15CH60B Rev. C
Bootstrap Diode Part
Note:
6. Built in bootstrap diode includes around 15Ω resistance characteristic.
Figure 6. Built in Bootstrap Diode Characteristics
Recommended Operating Conditions
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VF
Forward Voltage
IF = 0.1A, TC = 25°C
-
2.5
-
V
trr
Reverse Recovery Time
IF = 0.1A, TC = 25°C
-
80
-
ns
Symbol
Parameter
Conditions
Value
Units
Min.
Typ.
Max.
VPN
Supply Voltage
Applied between P - NU, NV, NW
-
300
400
V
VCC
Control Supply Voltage
Applied between VCC(H), VCC(L)- COM
13.5
15
16.5
V
VBS
High-side Bias Voltage
Applied between VB(U) - VS(U), VB(V) - VS(V),
VB(W) - VS(W)
13.0
15
18.5
V
dVCC/dt,
dVBS/dt
Control supply variation
-1
-
1
V/
μs
tdead
Blanking Time for Preventing
Arm-short
For Each Input Signal
2.0
-
-
μs
fPWM
PWM Input Signal
-40
°C T
C 125°C, -40°C TJ 150°C
-
-
20
kHz
VSEN
Voltage for Current Sensing
Applied between NU, NV, NW - COM
(Including surge voltage)
-4
4
V
01
2345678
9
10
11
12
13
14
15
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Built in Bootstrap Diode V
F-IF Characteristic
T
C=25
V
F [V]


Podobny numer części - FSBB15CH60B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FSBB15CH60 FAIRCHILD-FSBB15CH60 Datasheet
548Kb / 16P
   Smart Power Module
FSBB15CH60 FAIRCHILD-FSBB15CH60 Datasheet
551Kb / 16P
   Smart Power Module
FSBB15CH60C FAIRCHILD-FSBB15CH60C Datasheet
400Kb / 17P
   Smart Power Module
logo
ON Semiconductor
FSBB15CH60C ONSEMI-FSBB15CH60C Datasheet
654Kb / 16P
   Motion SPM 3 Series
February 2016 Rev. 1.6
logo
Fairchild Semiconductor
FSBB15CH60D FAIRCHILD-FSBB15CH60D Datasheet
717Kb / 15P
   Motion SPMR 3 Series
More results

Podobny opis - FSBB15CH60B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FSBS10CH60 FAIRCHILD-FSBS10CH60 Datasheet
553Kb / 16P
   Smart Power Module
FSB32560 FAIRCHILD-FSB32560 Datasheet
264Kb / 16P
   Smart Power Module
FSBB20CH60L FAIRCHILD-FSBB20CH60L Datasheet
251Kb / 16P
   Smart Power Module
FSBF10CH60BT FAIRCHILD-FSBF10CH60BT Datasheet
402Kb / 17P
   Smart Power Module
FSBF15CH60BT FAIRCHILD-FSBF15CH60BT Datasheet
429Kb / 17P
   Smart Power Module
FSBF5CH60B FAIRCHILD-FSBF5CH60B Datasheet
404Kb / 17P
   Smart Power Module
FNA40560 FAIRCHILD-FNA40560 Datasheet
920Kb / 15P
   Smart Power Module
FNB41560 FAIRCHILD-FNB41560 Datasheet
910Kb / 15P
   Smart Power Module
logo
ON Semiconductor
FSB50250AB ONSEMI-FSB50250AB Datasheet
1Mb / 12P
   Smart Power Module
January 2012 Rev. A
logo
Fairchild Semiconductor
FNA41060_1010 FAIRCHILD-FNA41060_1010 Datasheet
1Mb / 16P
   Smart Power Module
FNA40860 FAIRCHILD-FNA40860 Datasheet
920Kb / 15P
   Smart Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com