Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL1451INSRG4 Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części TL1451INSRG4
Szczegółowy opis  SUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TL1451INSRG4 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button TL1451INSRG4 Datasheet HTML 3Page - Texas Instruments TL1451INSRG4 Datasheet HTML 4Page - Texas Instruments TL1451INSRG4 Datasheet HTML 5Page - Texas Instruments TL1451INSRG4 Datasheet HTML 6Page - Texas Instruments TL1451INSRG4 Datasheet HTML 7Page - Texas Instruments TL1451INSRG4 Datasheet HTML 8Page - Texas Instruments TL1451INSRG4 Datasheet HTML 9Page - Texas Instruments TL1451INSRG4 Datasheet HTML 10Page - Texas Instruments TL1451INSRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
TL1451A
DUAL PULSEWIDTHMODULATION CONTROL CIRCUITS
SLVS024E – FEBRUARY 1983 – REVISED NOVEMBER 1999
7
www.ti.com
short-circuit protection control section
PARAMETER
TEST CONDITIONS
TL1451AQ, TL1451AM
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
TA = 25°C
650
700
750
Input threshold voltage (SCP)
TA = 125°C
400
478
550
mV
In ut threshold voltage (SCP)
TA = MIN
800
880
950
mV
Standby voltage (SCP)
140
185
230
mV
TA = 25°C
60
120
Latched input voltage (SCP)
TA = 125°C
70
120
mV
Latched in ut voltage (SCP)
TA = MIN
60
120
mV
Equivalent timing resistance
170
k
Comparator threshold voltage (FEEDBACK)
1.18
V
† All typical values are at TA = 25°C unless otherwise indicated.
oscillator section
PARAMETER
TEST CONDITIONS
TL1451AQ, TL1451AM
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
C
330 F
TA = 25°C
200
Frequency
CT = 330 pF,
RT =10kΩ
TA = 125°C
195
kHz
Frequency
RT = 10 kΩ
TA = MIN
193
kHz
Standard deviation of frequency
CT = 330 pF,
RT = 10 kΩ
2%
TA = 25°C
1%
Frequency change with voltage
VCC = 3.6 V to 40 V
TA = 125°C
1%
Frequency change with voltage
VCC 3.6 V to 40 V
TA = MIN
3%
Frequency change with temperature
1.37%
*
±10%
*These parameters are not production tested.
† All typical values are at TA = 25°C unless otherwise indicated.
dead-time control section
PARAMETER
TEST CONDITIONS
TL1451AQ, TL1451AM
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Inp t bias c rrent (DTC)
TA = 25°C
1
A
Input bias current (DTC)
TA = MIN and 125°C
3
µA
Latch mode (source) current (DTC)
–80
–145
µA
TA = 25°C
2.30
Latched input voltage (DTC)
TA = 125°C
2.22
2.32
V
Latched in ut voltage (DTC)
TA = MIN
2.28
2.40
V
Input threshold voltage at f
10 kHz (DTC)
Zero duty cycle
2.05
*2.25
V
Input threshold voltage at f = 10 kHz (DTC)
Maximum duty cycle
*1.20
1.45
V
*These parameters are not production tested.
† All typical values are at TA = 25°C unless otherwise indicated.


Podobny numer części - TL1451INSRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL1451INSR TI-TL1451INSR Datasheet
1Mb / 36P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

Podobny opis - TL1451INSRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL494 TI-TL494_10 Datasheet
616Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001_08 Datasheet
704Kb / 32P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ7500E BCDSEMI-AZ7500E Datasheet
327Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL494 TI-TL494_07 Datasheet
590Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494A,C BCDSEMI-AZ494A,C_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500B BCDSEMI-AZ7500B_10 Datasheet
799Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500E BCDSEMI-AZ7500E_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ494A BCDSEMI-AZ494A Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL594I TI-TL594I Datasheet
504Kb / 9P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001 Datasheet
348Kb / 23P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com