Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA02P4V14THSG Arkusz danych(PDF) 5 Page - EPCOS

Numer części CA02P4V14THSG
Szczegółowy opis  Ceramic transient voltage suppressors
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EPCOS [EPCOS]
Strona internetowa  http://www.epcos.com
Logo EPCOS - EPCOS

CA02P4V14THSG Arkusz danych(HTML) 5 Page - EPCOS

  CA02P4V14THSG Datasheet HTML 1Page - EPCOS CA02P4V14THSG Datasheet HTML 2Page - EPCOS CA02P4V14THSG Datasheet HTML 3Page - EPCOS CA02P4V14THSG Datasheet HTML 4Page - EPCOS CA02P4V14THSG Datasheet HTML 5Page - EPCOS CA02P4V14THSG Datasheet HTML 6Page - EPCOS CA02P4V14THSG Datasheet HTML 7Page - EPCOS CA02P4V14THSG Datasheet HTML 8Page - EPCOS CA02P4V14THSG Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
1) To IEC 61000-4-2, level 4
Electrical specifications and ordering codes
Maximum ratings (Top,max)
Type
Ordering code
VRMS,max
V
VDC,max
V
Isurge,max
(8/20 µs)
A
Wmax
(ESD)1)
mJ
Top,max
°C
4-fold array
CA05P4S14THSG
B72714A8140S160
14
16
2
30
+85
CA06P4V150THSG
B72724A8151V062
14
16
1
30
+85
Single chip
CT0201S4AHSG
B72440T8040S160
4
5.5
-
-
+85
CT0402S14AHSG
B72590T8140S160
14
16
2
30
+85
CT0402V150HSG
B72590T8151V060
14
16
1
30
+85
CT0603S14AHSG
B72500T8140S160
14
16
5
30
+125
CT0603L25HSG
B72500T8250L060
25
32
5
50
+125
Characteristics (TA = 25
°C)
Type
VV,min
(1 mA)
V
VV,max
(1 mA)
V
Vclamp,max
V
Iclamp
(8/20 µs)
A
Ctyp
(1 MHz, 1 V)
pF
Cmax
(1 MHz, 1 V)
pF
4-fold array
CA05P4S14THSG
24
32
59
1
10
15
CA06P4V150THSG
-
175
350
1
3
5
Single chip
CT0201S4AHSG
21
39
70
1
-
10
CT0402S14AHSG
23
33
66
1
10
15
CT0402V150HSG
-
200
290
1
2
3
CT0603S14AHSG
23
33
66
1
15
30
CT0603L25HSG
51.9
70.1
120
1
10
15
Multilayer varistors (MLVs)
High-speed series
Page 5 of 30
Please read Cautions and warnings and
Important notes at the end of this document.


Podobny numer części - CA02P4V14THSG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Powerbox
CA02P POWERBOX-CA02P Datasheet
405Kb / 1P
   1 WATT SINGLE OUTPUT DC / DC INDUSTRIAL
More results

Podobny opis - CA02P4V14THSG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72862F1050S160 EPCOS-B72862F1050S160 Datasheet
653Kb / 28P
   Ceramic transient voltage suppressors
B72762A8140S160 EPCOS-B72762A8140S160_08 Datasheet
645Kb / 28P
   Ceramic transient voltage suppressors
B72587G3140S200 EPCOS-B72587G3140S200 Datasheet
691Kb / 29P
   Ceramic transient voltage suppressors
B72500E2170K060 EPCOS-B72500E2170K060 Datasheet
256Kb / 13P
   Ceramic transient voltage suppressors
B72500E2170S160 EPCOS-B72500E2170S160 Datasheet
156Kb / 13P
   Ceramic transient voltage suppressors
B72510E0140K062 EPCOS-B72510E0140K062 Datasheet
164Kb / 14P
   Ceramic transient voltage suppressors
B72510E0250K062 EPCOS-B72510E0250K062 Datasheet
163Kb / 14P
   Ceramic transient voltage suppressors
B72510E0300K062 EPCOS-B72510E0300K062 Datasheet
162Kb / 14P
   Ceramic transient voltage suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com