Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM22675QMR-ADJ Arkusz danych(PDF) 2 Page - Texas Instruments

Numer części LM22675QMR-ADJ
Szczegółowy opis  LM22675/LM22675Q 42V, 1A SIMPLE SWITCHER Step-Down Voltage Regulator with
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM22675QMR-ADJ Arkusz danych(HTML) 2 Page - Texas Instruments

  LM22675QMR-ADJ Datasheet HTML 1Page - Texas Instruments LM22675QMR-ADJ Datasheet HTML 2Page - Texas Instruments LM22675QMR-ADJ Datasheet HTML 3Page - Texas Instruments LM22675QMR-ADJ Datasheet HTML 4Page - Texas Instruments LM22675QMR-ADJ Datasheet HTML 5Page - Texas Instruments LM22675QMR-ADJ Datasheet HTML 6Page - Texas Instruments LM22675QMR-ADJ Datasheet HTML 7Page - Texas Instruments LM22675QMR-ADJ Datasheet HTML 8Page - Texas Instruments LM22675QMR-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Exposed Pad
Connect to GND
NC
3
FB
4
BOOT
1
NC
2
8
SW
7
VIN
6
GND
5
EN
LM22675
SNVS591K – SEPTEMBER 2008 – REVISED MARCH 2013
www.ti.com
Connection Diagram
Figure 1. 8-Lead SO PowerPAD-8 Package
See Package Number DDA0008B
PIN DESCRIPTIONS
Pin No.
Name
Description
Application Information
1
BOOT
Bootstrap input
Provides the gate voltage for the high side NFET.
2, 3
NC
Not Connected
Pins are not electrically connected inside the chip. Pins do function as
thermal conductor.
4
FB
Feedback pin
Feedback input to regulator.
5
EN
Enable Input
Used to control regulator start-up and shutdown. See Precision Enable
section of data sheet.
6
GND
Ground input to regulator;
System ground pin.
system common
7
VIN
Input Voltage
Input supply to regulator
8
SW
Switch pin
Switching output of regulator
EP
EP
Exposed Pad
Connect to ground. Provides thermal connection to PCB. See Application
Information.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM22675


Podobny numer części - LM22675QMR-ADJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM22675QMR-ADJ/NOPB TI-LM22675QMR-ADJ/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   LM22675/-Q1 42 V, 1 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
More results

Podobny opis - LM22675QMR-ADJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM1575 NSC-LM1575 Datasheet
725Kb / 27P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2575EP NSC-LM2575EP Datasheet
1Mb / 26P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2575T-5 TI1-LM2575T-5 Datasheet
756Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
MNLM1575-12-X NSC-MNLM1575-12-X Datasheet
252Kb / 14P
   SIMPLE SWITCHER 1A STEP-DOWN VOLTAGE REGULATOR
logo
Texas Instruments
LM2575EP TI1-LM2575EP Datasheet
2Mb / 28P
[Old version datasheet]   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
logo
ARTSCHIP ELECTRONICS CO...
LM1575 ARTSCHIP-LM1575 Datasheet
7Mb / 25P
   Simple Switcher 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM1575-15 NSC-LM1575-15 Datasheet
252Kb / 14P
   SIMPLE SWITCHER(TM) 1A STEP-DOWN VOLTAGE REGULATOR
logo
Texas Instruments
LM22678TJE-50 TI1-LM22678TJE-50 Datasheet
1Mb / 23P
[Old version datasheet]   LM22678/LM22678Q 42V, 5A SIMPLE SWITCHER Step-Down Voltage Regulator with
LM22670MRE-ADJ TI-LM22670MRE-ADJ Datasheet
1Mb / 29P
[Old version datasheet]   LM22670/LM22670Q 42V, 3A SIMPLE SWITCHER, Step-Down Voltage Regulator with
LM25574 TI1-LM25574_16 Datasheet
973Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com