Zakładka z wyszukiwarką danych komponentów |
|
AD7233ANZ Arkusz danych(PDF) 2 Page - Analog Devices |
|
AD7233ANZ Arkusz danych(HTML) 2 Page - Analog Devices |
2 / 8 page REV. B –2– AD7233–SPECIFICATIONS1 (VDD = +12 V to +15 V, 2 V SS = –12 V to –15 V, 2 GND = 0 V, R L = 2 k , CL = 100 pF to GND. All specifications TMIN to TMAX unless otherwise noted.) Parameter A Version B Version Unit Test Conditions/Comments STATIC PERFORMANCE Resolution 12 12 Bits Relative Accuracy 3 ±1 ±1/2 LSB max Differential Nonlinearity 3 ±0.9 ±0.9 LSB max Guaranteed Monotonic Bipolar Zero Error3 ±6 ±6 LSB max DAC Latch Contents 0000 0000 0000 Full-Scale Error 3 ±8 ±8 LSB max Full-Scale Temperature Coefficient 4 ±30 ±30 ppm of FSR/ °C typ Guaranteed By Process DIGITAL INPUTS Input High Voltage, VINH 2.4 2.4 V min Input Low Voltage, VINL 0.8 0.8 V max Input Current IIN ±1 ±1 µA max VIN = 0 V to VDD Input Capacitance 4 8 8 pF max ANALOG OUTPUTS Output Voltage Range ±5 ±5V DC Output Impedance 4 0.5 0.5 Ω typ AC CHARACTERISTICS 4 Voltage Output Settling Time Settling Time to Within ±1/2 LSB of Final Value Positive Full-Scale Change 10 10 µs max Typically 4 µs; DAC Latch 100. . .000 to 011. . .111 Negative Full-Scale Change 10 10 µs max Typically 5 µs; DAC Latch 011. . .111 to 100. . .000 Digital-to-Analog Glitch Impulse 3 30 30 nV secs typ DAC Latch Contents Toggled Between All 0s and all 1s Digital Feedthrough3 10 10 nV secs typ LDAC = High POWER REQUIREMENTS VDD Range 10.8/16.5 10.8/16.5 V min/V max For Specified Performance Unless Otherwise Stated VSS Range –10.8/–16.5 –10.8/–16.5 V min/V max For Specified Performance Unless Otherwise Stated IDD 10 10 mA max Output Unloaded; Typically 7 mA at Thresholds ISS 2 2 mA max Output Unloaded; Typically 1 mA at Th resholds NOTES 1Temperature Ranges are as follows: A, B Versions: –40 °C to +85°C. 2Power Supply Tolerance: A, B Versions: ±10%. 3See Terminology. 4Guaranteed by design and characterization, not production tested. Specifications subject to change without notice. TIMING CHARACTERISTICS1, 2 Limit at 25 C, TMIN, TMAX Parameter (All Versions) Unit Conditions/Comments t1 3 200 ns min SCLK Cycle Time t2 15 ns min SYNC to SCLK Falling Edge Setup Time t3 70 ns min SYNC to SCLK Hold Time t4 0 ns min Data Setup Time t5 40 ns min Data Hold Time t6 0 ns min SYNC High to LDAC Low t7 20 ns min LDAC Pulsewidth t8 0 ns min LDAC High to SYNC Low NOTES 1Sample tested at 25 °C to ensure compliance. All input signals are specified with tr and tf = 5 ns (10% to 90% of 5 V) and timed from a voltage level of 1.6 V. 2See Figure 3. 3SCLK Mark/Space Ratio range is 40/60 to 60/40. (VDD = +10.8 V to +16.5 V, VSS = –10.8 V to –16.5 V, GND = O V, RL = 2 k , CL = 100 pF. All Specifications TMIN to TMAX unless otherwise noted.) |
Podobny numer części - AD7233ANZ |
|
Podobny opis - AD7233ANZ |