Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14526B Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części MC14526B
Szczegółowy opis  Presettable 4-Bit Down Counters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14526B Arkusz danych(HTML) 3 Page - ON Semiconductor

  MC14526B Datasheet HTML 1Page - ON Semiconductor MC14526B Datasheet HTML 2Page - ON Semiconductor MC14526B Datasheet HTML 3Page - ON Semiconductor MC14526B Datasheet HTML 4Page - ON Semiconductor MC14526B Datasheet HTML 5Page - ON Semiconductor MC14526B Datasheet HTML 6Page - ON Semiconductor MC14526B Datasheet HTML 7Page - ON Semiconductor MC14526B Datasheet HTML 8Page - ON Semiconductor MC14526B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MC14526B
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
VDD
Vdc
−55°C
25°C
125°C
Characteristic
Symbol
Min
Max
Min
Typ
(Note 2)
Max
Min
Max
Unit
Output Voltage
“0” Level
Vin = VDD or 0
“1” Level
Vin = 0 or VDD
VOL
5.0
10
15
0.05
0.05
0.05
0
0
0
0.05
0.05
0.05
0.05
0.05
0.05
Vdc
Output Voltage
“0” Level
Vin = VDD or 0
“1” Level
Vin = 0 or VDD
VOH
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
5.0
10
15
4.95
9.95
14.95
Vdc
Input Voltage
“0” Level
(VO = 4.5 or 0.5 Vdc)
(VO = 9.0 or 1.0 Vdc)
(VO = 13.5 or 1.5 Vdc)
“1” Level
(VO = 0.5 or 4.5 Vdc)
(VO = 1.0 or 9.0 Vdc)
(VO = 1.5 or 13.5 Vdc)
VIL
5.0
10
15
1.5
3.0
4.0
2.25
4.50
6.75
1.5
3.0
4.0
1.5
3.0
4.0
Vdc
Input Voltage
“0” Level
(VO = 4.5 or 0.5 Vdc)
(VO = 9.0 or 1.0 Vdc)
(VO = 13.5 or 1.5 Vdc)
“1” Level
(VO = 0.5 or 4.5 Vdc)
(VO = 1.0 or 9.0 Vdc)
(VO = 1.5 or 13.5 Vdc)
VIH
5.0
10
15
3.5
7.0
11
3.5
7.0
11
2.75
5.50
8.25
3.5
7.0
11
Vdc
Output Drive Current
(VOH = 2.5 Vdc)
Source
(VOH = 4.6 Vdc)
(VOH = 9.5 Vdc)
(VOH = 13.5 Vdc)
(VOL = 0.4 Vdc)
Sink
(VOL = 0.5 Vdc)
(VOL = 1.5 Vdc)
IOH
5.0
5.0
10
15
−3.0
−0.64
−1.6
–4.2
–2.4
–0.51
–1.3
–3.4
–4.2
–0.88
–2.25
–8.8
–1.7
–0.36
–0.9
–2.4
mAdc
IOL
5.0
10
15
0.64
1.6
4.2
0.51
1.3
3.4
0.88
2.25
8.8
0.36
0.9
2.4
mAdc
Input Current
Iin
15
± 0.1
±0.00001
± 0.1
± 1.0
mAdc
Input Capacitance
(Vin = 0)
Cin
5.0
7.5
pF
Quiescent Current
(Per Package)
5.0
10
15
5.0
10
20
0.005
0.010
0.015
5.0
10
20
150
300
600
mAdc
Total Supply Current (Notes 3, 4)
(Dynamic plus Quiescent, Per Package)
(CL = 50 pF on all outputs, all buffers
switching)
5.0
10
15
IT = (1.7 mA/kHz) f + IDD
IT = (3.4 mA/kHz) f + IDD
IT = (5.1 mA/kHz) f + IDD
mAdc
2. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
3. The formulas given are for the typical characteristics only at 25_C.
4. To calculate total supply current at loads other than 50 pF:
IT(CL) = IT(50 pF) + (CL – 50) Vfk
where: IT is in mA (per package), CL in pF, V = (VDD – VSS) in volts, f in kHz is input frequency, and k = 0.001.


Podobny numer części - MC14526B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14526B ONSEMI-MC14526B Datasheet
208Kb / 12P
   Presettable 4-Bit Down Counters
March, 2000 ??Rev. 3
MC14526B ONSEMI-MC14526B Datasheet
121Kb / 10P
   Presettable 4?묪it Down Counters
April, 2006 ??Rev. 5
logo
Motorola, Inc
MC14526B MOTOROLA-MC14526B Datasheet
286Kb / 10P
   Presettable 4-Bit Down Counters
logo
ON Semiconductor
MC14526B ONSEMI-MC14526B Datasheet
125Kb / 9P
   Presettable 4-Bit Down Counters
July, 2014 ??Rev. 8
logo
Motorola, Inc
MC14526BCL MOTOROLA-MC14526BCL Datasheet
286Kb / 10P
   Presettable 4-Bit Down Counters
More results

Podobny opis - MC14526B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14526B ONSEMI-MC14526B_14 Datasheet
125Kb / 9P
   Presettable 4-Bit Down Counters
July, 2014 ??Rev. 8
MC14526B ONSEMI-MC14526B Datasheet
208Kb / 12P
   Presettable 4-Bit Down Counters
March, 2000 ??Rev. 3
logo
Motorola, Inc
MC14522B MOTOROLA-MC14522B Datasheet
286Kb / 10P
   Presettable 4-Bit Down Counters
SN54LS190 MOTOROLA-SN54LS190 Datasheet
310Kb / 10P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTERS PRESETTABLE 4-BIT BINARY UP/DOWN COUNTERS
logo
ON Semiconductor
MC14526B ONSEMI-MC14526B_06 Datasheet
121Kb / 10P
   Presettable 4?묪it Down Counters
April, 2006 ??Rev. 5
logo
Intersil Corporation
CD54AC191 INTERSIL-CD54AC191 Datasheet
11Kb / 1P
   Presettable Synchronous 4-Bit Binary Up/Down Counters
June 1997
logo
Motorola, Inc
MC14163B MOTOROLA-MC14163B Datasheet
704Kb / 15P
   SYNCHRONUS PRESETTABLE 4-BIT COUNTERS
logo
Micro Electronics
MMC40192 MICRO-ELECTRONICS-MMC40192 Datasheet
181Kb / 5P
   PRESETTABLE UP / DOWN COUNTERS
logo
STMicroelectronics
HCF4510B STMICROELECTRONICS-HCF4510B Datasheet
136Kb / 12P
   PRESETTABLE UP/DOWN COUNTERS
logo
List of Unclassifed Man...
MMC4510 ETC1-MMC4510 Datasheet
224Kb / 6P
   PRESETTABLE UP / DOWN COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com