Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8018 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD8018
Szczegółowy opis  5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8018 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD8018 Datasheet HTML 3Page - Analog Devices AD8018 Datasheet HTML 4Page - Analog Devices AD8018 Datasheet HTML 5Page - Analog Devices AD8018 Datasheet HTML 6Page - Analog Devices AD8018 Datasheet HTML 7Page - Analog Devices AD8018 Datasheet HTML 8Page - Analog Devices AD8018 Datasheet HTML 9Page - Analog Devices AD8018 Datasheet HTML 10Page - Analog Devices AD8018 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
REV. A
AD8018
–7–
TRANSFORMER TURNS RATIO
3.0
16
10
11
12
13
14
15
3.2
4.0
4.2
4.4
4.6
4.8
3.4
3.6
3.8
VS = 5.25
VS = 4.75
VS = 5.00
TPC 19. Line Power vs. Turns Ratio; MTPR = –65 dBc,
f = 43 kHz
TRANSFORMER TURNS RATIO – N
3
4
–80
–70
–60
–50
–40
–30
5
–20
P = 13dBm
P = 13.5dBm
P = 14dBm
P = 12.5dBm
P = 12dBm
VS = 5V
RLINE = 100
f = 93kHz
TPC 20. MTPR vs. Turns Ratio
TRANSFORMER TURNS RATIO – N
3
–90
4
–80
–70
–60
–50
–40
–30
5
P = 12dBm
P = 12.5dBm
P = 13dBm
P = 13.5dBm
P = 14dBm
VS = 5V
RLINE = 100
f = 361kHz
TPC 21. Out-of-Band SFDR vs. Turns Ratio for Various
Line Power
TRANSFORMER TURNS RATIO
3.0
16
6
8
10
14
3.2
4.0
4.2
4.4
4.6
3.4
3.6
3.8
18
12
VS = 4.75
VS = 8.00
VS = 5.00
VS = 3.3
VS = 4.50
4.8
TPC 22. Line Power vs. Turns Ratio; –75 dBc Out-of-Band
SFDR, f = 361 kHz
FREQUENCY – Hz
1k
10k
100k
1M
10M
100M
1G
0.01
0.1
1
10
100
1k
10k
100k
1M
10M
–150
–100
–50
0
50
200
100
150
TRANSIMPEDANCE
PHASE
–200
TPC 23. Open Loop Transimpedance and Phase
POWER-DOWN VOLTAGE – Volts
0.86
16
6
8
10
14
DECREASING
18
12
20
0.88
0.90
0.92
0.94
0.96
0.98
1.00
1.02
INCREASING
LOGIC 1 TO 0
LOGIC 0 TO 1
TPC 24. Power-Up/-Down Threshold Voltage


Podobny numer części - AD8018

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8018 AD-AD8018 Datasheet
339Kb / 19P
   5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
REV. 0
AD8018AR AD-AD8018AR Datasheet
339Kb / 19P
   5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
REV. 0
AD8018AR-REEL AD-AD8018AR-REEL Datasheet
339Kb / 19P
   5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
REV. 0
AD8018AR-REEL7 AD-AD8018AR-REEL7 Datasheet
340Kb / 19P
   5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
REV. A
AD8018ARU AD-AD8018ARU Datasheet
339Kb / 19P
   5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
REV. 0
More results

Podobny opis - AD8018

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8018AR-REEL7 AD-AD8018AR-REEL7 Datasheet
340Kb / 19P
   5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
REV. A
AD8018 AD-AD8018_15 Datasheet
340Kb / 19P
   5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
REV. A
AD8018 AD-AD8018 Datasheet
339Kb / 19P
   5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
REV. 0
AD8397 AD-AD8397_15 Datasheet
246Kb / 16P
   Rail-to-Rail, High Output Current Amplifier
REV. A
AD8397 AD-AD8397 Datasheet
379Kb / 16P
   Rail-to-Rail, High Output Current Amplifier
REV. 0
logo
STMicroelectronics
TS924 STMICROELECTRONICS-TS924 Datasheet
131Kb / 11P
   RAIL TO RAIL HIGH OUTPUT CURRENT QUAD OPERATIONAL AMPLIFIER
TS924 STMICROELECTRONICS-TS924_08 Datasheet
322Kb / 14P
   Rail-to-rail high output current quad operational amplifier
TS921 STMICROELECTRONICS-TS921_05 Datasheet
371Kb / 14P
   Rail-to-Rail High Output Current Single Operational Amplifier
TS921 STMICROELECTRONICS-TS921 Datasheet
115Kb / 11P
   RAIL TO RAIL HIGH OUTPUT CURRENT SINGLE OPERATIONAL AMPLIFIER
March 1999
TS922 STMICROELECTRONICS-TS922 Datasheet
117Kb / 11P
   RAIL TO RAIL HIGH OUTPUT CURRENT DUAL OPERATIONAL AMPLIFIER
March 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com