Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9058AJJ Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD9058AJJ
Szczegółowy opis  Dual 8-Bit 50 MSPS A/D Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9058AJJ Arkusz danych(HTML) 5 Page - Analog Devices

  AD9058AJJ Datasheet HTML 1Page - Analog Devices AD9058AJJ Datasheet HTML 2Page - Analog Devices AD9058AJJ Datasheet HTML 3Page - Analog Devices AD9058AJJ Datasheet HTML 4Page - Analog Devices AD9058AJJ Datasheet HTML 5Page - Analog Devices AD9058AJJ Datasheet HTML 6Page - Analog Devices AD9058AJJ Datasheet HTML 7Page - Analog Devices AD9058AJJ Datasheet HTML 8Page - Analog Devices AD9058AJJ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
REV.
AD9058
–5–
7
17
18
28
39
29
6
ENCODE
ENCODE
D7 (MSB)
40
TOP VIEW
(Not to Scale)
AD9058
NC = NO CONNECT
GROUND
+VS
–VREF
–VREF
–VS
–VS
+VS
D7 (MSB)
D6
D5
D3
D4
D2
D1
D1
D2
D3
D4
D5
D6
AD9058AJJ/AKJ Pinouts
TOP VIEW
(Not to Scale)
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
AD9058
NC = NO CONNECT
GROUND
D7 (MSB)
ENCODE
D6
+VS
D5
GROUND
D4
–VREF
D3
–VS
D2
NC
D1
AIN
D0 (LSB)
+VS
GROUND
GROUND
–VS
+VREF
GROUND
COMP
+VS
+VINT
+VS
+VREF
GROUND
GROUND
–VS
+VS
GROUND
AIN
D0 (LSB)
NC
D1
D2
–VREF
D3
GROUND
D4
+VS
D5
ENCODE
D6
GROUND
D7 (MSB)
–VS
AD9058AJD/AKD Pinouts
PIN FUNCTION DESCRIPTIONS
J-Lead
Ceramic DIP
Pin Number
Pin Number
ADC-A
ADC-B
Mnemonic
Function
ADC-A
ADC-B
343
+VREF
Top of Internal Voltage Reference Ladder
14
11
4
42
GROUND
Analog Ground Return
15
10
541
+VS
Positive 5 V Analog Supply Voltage
16
9
640
AIN
Analog Input Voltage
17
8
739
–VS
Negative 5 V Supply Voltage
19
6
838
–VREF
Bottom of Internal Voltage Reference Ladder
20
5
937
+VS
Positive 5 V Digital Supply Voltage
22
3
10
36
ENCODE
TTL Compatible Convert Command
23
2
11
35
D7 (MSB)
Most Significant Bit of TTL Digital Output
25
48
12–17
34–29
D6–D1
TTL Compatible Digital Output Bits
26–31
47–42
18
28
D0 (LSB)
Least Significant Bit of TTL Digital Output
32
41
19
27
GROUND
Digital Ground Return
21, 24, 33
1, 4, 40
20
26
–VS
Negative 5 V Supply Voltage
34
39
21
25
GROUND
Analog Ground Return
35
38
22
24
+VS
Positive 5 V Analog Supply Voltage
36
37
COMMON PINS
COMMON PINS
1
COMP
Connection for External (0.1
μF)
12
Compensation Capacitor
2+VINT
Internal 2 V Reference; Can Drive
13
+VREF for Both ADCs
PIN CONFIGURATIONS
E


Podobny numer części - AD9058AJJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9058AJJ AD-AD9058AJJ Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058AJJ AD-AD9058AJJ Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058AJJ AD-AD9058AJJ Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058AJJ AD-AD9058AJJ Datasheet
327Kb / 12P
   Dual 8-Bit 50 MSPS A/D Converter
AD9058AJJ-REEL AD-AD9058AJJ-REEL Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
More results

Podobny opis - AD9058AJJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9058 AD-AD9058_15 Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058ATJ AD-AD9058ATJ Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058ATJ AD-AD9058ATJ Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058 AD-AD9058 Datasheet
148Kb / 8P
   Dual 8-Bit 50 MSPS A/D Converter
REV. B
AD9058 AD-AD9058_17 Datasheet
327Kb / 12P
   Dual 8-Bit 50 MSPS A/D Converter
AD9058ATJ AD-AD9058ATJ Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
logo
Fujitsu Component Limit...
MB40C958V FUJITSU-MB40C958V Datasheet
130Kb / 13P
   50 MSPS 3ch 8-bit D/A Converter
logo
Analog Devices
AD9059BRSZ AD-AD9059BRSZ Datasheet
231Kb / 12P
   Dual 8-Bit, 60 MSPS A/D Converter
REV. A
AD9059 AD-AD9059 Datasheet
190Kb / 12P
   Dual 8-Bit, 60 MSPS A/D Converter
REV. 0
AD9059 AD-AD9059_17 Datasheet
252Kb / 13P
   Dual 8-Bit, 60 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com